Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP0000-87977 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SP0000-87977
Description  OptiMOS짰-T Power-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP0000-87977 Datasheet(HTML) 1 Page - Infineon Technologies AG

  SP0000-87977 Datasheet HTML 1Page - Infineon Technologies AG SP0000-87977 Datasheet HTML 2Page - Infineon Technologies AG SP0000-87977 Datasheet HTML 3Page - Infineon Technologies AG SP0000-87977 Datasheet HTML 4Page - Infineon Technologies AG SP0000-87977 Datasheet HTML 5Page - Infineon Technologies AG SP0000-87977 Datasheet HTML 6Page - Infineon Technologies AG SP0000-87977 Datasheet HTML 7Page - Infineon Technologies AG SP0000-87977 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IPB100N06S3L-03
IPI100N06S3L-03, IPP100N06S3L-03
OptiMOS®-T Power-Transistor
Features
• N-channel - Logic Level - Enhancement mode
• Automotive AEC Q101 qualified
• MSL1 up to 260°C peak reflow
• 175°C operating temperature
Green package (lead free)
• Ultra low Rds(on)
• 100% Avalanche tested
• ESD Class 3 (HBM)
EIA/JESD22-A114-B
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol
Conditions
Unit
Continuous drain current
1)
I D
T C=25 °C, V GS=10 V
100
A
T C=100 °C,
V GS=10 V
2)
100
Pulsed drain current
2)
I D,pulse
T C=25 °C
400
Avalanche energy, single pulse
3)
E AS
I D=50 A
690
mJ
Drain gate voltage
2)
V DG
55
V
Gate source voltage
4)
V GS
±16
V
Power dissipation
P tot
T C=25 °C
300
W
Operating and storage temperature
T j, T stg
-55 ... +175
°C
IEC climatic category; DIN IEC 68-1
55/175/56
Value
V DS
55
V
R DS(on),max (SMD version)
2.7
m
I D
100
A
Product Summary
PG-TO220-3-1
PG-TO262-3-1
PG-TO263-3-2
Type
Package
Ordering Code
Marking
IPB100N06S3L-03
PG-TO263-3-2
SP0000-87978
3PN06L03
IPI100N06S3L-03
PG-TO262-3-1
SP0000-87979
3PN06L03
IPP100N06S3L-03
PG-TO220-3-1
SP0000-87977
3PN06L03
Rev. 1.0
page 1
2005-09-16


Similar Part No. - SP0000-87977

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP0000-87980 INFINEON-SP0000-87980 Datasheet
161Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
SP0000-87982 INFINEON-SP0000-87982 Datasheet
161Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
SP0000-87992 INFINEON-SP0000-87992 Datasheet
161Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
SP0000-87993 INFINEON-SP0000-87993 Datasheet
156Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
SP0000-87994 INFINEON-SP0000-87994 Datasheet
156Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
More results

Similar Description - SP0000-87977

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP77N06S3-09 INFINEON-IPP77N06S3-09 Datasheet
156Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 0.9 2005-09-16
IPP80N06S3L-06 INFINEON-IPP80N06S3L-06 Datasheet
154Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
IPP25N06S3L-22 INFINEON-IPP25N06S3L-22 Datasheet
156Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
IPD70N12S3L-12 INFINEON-IPD70N12S3L-12 Datasheet
400Kb / 9P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2016-06-20
IPP80N06S3L-08 INFINEON-IPP80N06S3L-08 Datasheet
155Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
IPP100N06S3-03 INFINEON-IPP100N06S3-03 Datasheet
161Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
IPB100N12S3-05 INFINEON-IPB100N12S3-05 Datasheet
411Kb / 9P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2016-06-20
IPD50N12S3L-15 INFINEON-IPD50N12S3L-15 Datasheet
398Kb / 9P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2016-06-20
IPB160N04S2L-03 INFINEON-IPB160N04S2L-03 Datasheet
153Kb / 8P
   OptiMOS짰 - T Power-Transistor
Rev. 1.0 2006-03-02
IPD30N10S3L-34 INFINEON-IPD30N10S3L-34_11 Datasheet
182Kb / 9P
   OptiMOS짰-T Power-Transistor
Rev. 1.1 2011-10-06
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com