Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPD09N03LBG Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPD09N03LBG
Description  OptiMOS짰2 Power-Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD09N03LBG Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPD09N03LBG Datasheet HTML 1Page - Infineon Technologies AG IPD09N03LBG Datasheet HTML 2Page - Infineon Technologies AG IPD09N03LBG Datasheet HTML 3Page - Infineon Technologies AG IPD09N03LBG Datasheet HTML 4Page - Infineon Technologies AG IPD09N03LBG Datasheet HTML 5Page - Infineon Technologies AG IPD09N03LBG Datasheet HTML 6Page - Infineon Technologies AG IPD09N03LBG Datasheet HTML 7Page - Infineon Technologies AG IPD09N03LBG Datasheet HTML 8Page - Infineon Technologies AG IPD09N03LBG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IPD09N03LB G
IPS09N03LB G
IPU09N03LB G
IPF09N03LB G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance, junction - case
R thJC
-
-
2.6
K/W
SMD version, device on PCB
R thJA
minimal footprint
-
-
75
6 cm
2 cooling area5)
--
50
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D=1 mA
30
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS, I D=20 µA
1.2
1.6
2
Zero gate voltage drain current
I DSS
V DS=30 V, V GS=0 V,
T j=25 °C
-
0.1
1
µA
V DS=30 V, V GS=0 V,
T j=125 °C
-
10
100
Gate-source leakage current
I GSS
V GS=20 V, V DS=0 V
-
10
100
nA
Drain-source on-state resistance
R DS(on)
V GS=4.5 V, I D=25 A
-
11.6
14.4
m
V GS=4.5 V, I D=25 A,
SMD version
-
11.4
14.2
V GS=10 V, I D=50 A
-
7.6
9.3
V GS=10 V, I D=50 A,
SMD version
-
7.4
9.1
Gate resistance
R G
-1
-
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=50 A
31
61
-
S
5) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
Values
2) Current is limited by bondwire; with anR
thJC=2.6 K/W the chip is able to carry 59 A.
3) See figure 3
4) T
j,max=150 °C and duty cycle D <0.25 for V GS<-5 V
1) J-STD20 and JESD22
Rev. 1.4
page 2
2006-01-12


Similar Part No. - IPD09N03LBG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD09N03LBG INFINEON-IPD09N03LBG Datasheet
411Kb / 12P
   OptiMOS짰2 Power-Transistor
Rev. 1.5 2006-05-15
More results

Similar Description - IPD09N03LBG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB03N03LB INFINEON-IPB03N03LB Datasheet
282Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
IPB14N03LAG INFINEON-IPB14N03LAG Datasheet
280Kb / 10P
   OptiMOS짰2 Power-Transistor
Rev. 1.7 2006-05-11
IPP03N03LB INFINEON-IPP03N03LB Datasheet
341Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.93 2006-05-10
IPP26CN10N INFINEON-IPP26CN10N Datasheet
711Kb / 13P
   OptiMOS짰2 Power-Transistor
Rev. 1.01 2006-06-02
IPP35CN10N INFINEON-IPP35CN10N Datasheet
708Kb / 13P
   OptiMOS짰2 Power-Transistor
Rev.1.02 2006-06-02
IPD04N03LBG INFINEON-IPD04N03LBG Datasheet
417Kb / 12P
   OptiMOS짰2 Power-Transistor
Rev. 1.5 2006-05-11
BSC020N025SG INFINEON-BSC020N025SG Datasheet
354Kb / 10P
   OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
BSC085N025S INFINEON-BSC085N025S Datasheet
371Kb / 10P
   OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
IPB04N03LB INFINEON-IPB04N03LB Datasheet
283Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
IPB06N03LB INFINEON-IPB06N03LB Datasheet
279Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.93 2006-05-10
IPB13N03LB INFINEON-IPB13N03LB Datasheet
280Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.93 2006-05-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com