Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPB100N06S3-03 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPB100N06S3-03
Description  OptiMOS짰-T Power-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB100N06S3-03 Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPB100N06S3-03 Datasheet HTML 1Page - Infineon Technologies AG IPB100N06S3-03 Datasheet HTML 2Page - Infineon Technologies AG IPB100N06S3-03 Datasheet HTML 3Page - Infineon Technologies AG IPB100N06S3-03 Datasheet HTML 4Page - Infineon Technologies AG IPB100N06S3-03 Datasheet HTML 5Page - Infineon Technologies AG IPB100N06S3-03 Datasheet HTML 6Page - Infineon Technologies AG IPB100N06S3-03 Datasheet HTML 7Page - Infineon Technologies AG IPB100N06S3-03 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IPB100N06S3-03
IPI100N06S3-03, IPP100N06S3-03
Parameter
Symbol
Conditions
Unit
min.
typ.
max.
Thermal characteristics
2)
Thermal resistance, junction - case
R thJC
-
-
0.5
K/W
Thermal resistance, junction -
ambient, leaded
R thJA
--
62
SMD version, device on PCB
R thJA
minimal footprint
-
-
62
6 cm
2 cooling area5)
--
40
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D= 1 mA
55
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS, I D=230 µA
2.1
3.0
4.0
Zero gate voltage drain current
I DSS
V DS=55 V, V GS=0 V,
T j=25 °C
-
0.01
1
µA
V DS=55 V, V GS=0 V,
T j=125 °C
2)
-
1
100
Gate-source leakage current
I GSS
V GS=20 V, V DS=0 V
-
1
100
nA
Drain-source on-state resistance
RDS(on)
V GS=10 V, I D=80 A
-
2.8
3.3
mΩ
V GS=10 V, I D=80 A,
SMD version
-
2.5
3
Values
Rev. 1.0
page 2
2005-09-16


Similar Part No. - IPB100N06S3-03

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB100N06S3-03 INFINEON-IPB100N06S3-03 Datasheet
193Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.1 2007-11-07
IPB100N06S3-03 INFINEON-IPB100N06S3-03_07 Datasheet
193Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.1 2007-11-07
More results

Similar Description - IPB100N06S3-03

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP77N06S3-09 INFINEON-IPP77N06S3-09 Datasheet
156Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 0.9 2005-09-16
IPP80N06S3L-06 INFINEON-IPP80N06S3L-06 Datasheet
154Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
IPP25N06S3L-22 INFINEON-IPP25N06S3L-22 Datasheet
156Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
IPD70N12S3L-12 INFINEON-IPD70N12S3L-12 Datasheet
400Kb / 9P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2016-06-20
IPP80N06S3L-08 INFINEON-IPP80N06S3L-08 Datasheet
155Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
IPP100N06S3L-03 INFINEON-IPP100N06S3L-03 Datasheet
156Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
IPB100N12S3-05 INFINEON-IPB100N12S3-05 Datasheet
411Kb / 9P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2016-06-20
IPD50N12S3L-15 INFINEON-IPD50N12S3L-15 Datasheet
398Kb / 9P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2016-06-20
IPB160N04S2L-03 INFINEON-IPB160N04S2L-03 Datasheet
153Kb / 8P
   OptiMOS짰 - T Power-Transistor
Rev. 1.0 2006-03-02
IPD30N10S3L-34 INFINEON-IPD30N10S3L-34_11 Datasheet
182Kb / 9P
   OptiMOS짰-T Power-Transistor
Rev. 1.1 2011-10-06
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com