Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP0000-88000 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SP0000-88000
Description  OptiMOS짰-T Power-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP0000-88000 Datasheet(HTML) 3 Page - Infineon Technologies AG

  SP0000-88000 Datasheet HTML 1Page - Infineon Technologies AG SP0000-88000 Datasheet HTML 2Page - Infineon Technologies AG SP0000-88000 Datasheet HTML 3Page - Infineon Technologies AG SP0000-88000 Datasheet HTML 4Page - Infineon Technologies AG SP0000-88000 Datasheet HTML 5Page - Infineon Technologies AG SP0000-88000 Datasheet HTML 6Page - Infineon Technologies AG SP0000-88000 Datasheet HTML 7Page - Infineon Technologies AG SP0000-88000 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IPB25N06S3-25
IPI25N06S3-25, IPP25N06S3-25
Parameter
Symbol
Conditions
Unit
min.
typ.
max.
Dynamic characteristics
2)
Input capacitance
C iss
-
1862
-
pF
Output capacitance
C oss
-
283
-
Reverse transfer capacitance
Crss
-
270
-
Turn-on delay time
t d(on)
-15
-
ns
Rise time
t r
-27
-
Turn-off delay time
t d(off)
-16
-
Fall time
t f
-27
-
Gate Charge Characteristics
2)
Gate to source charge
Q gs
-14
-
nC
Gate to drain charge
Q gd
-6
-
Gate charge total
Q g
-27
41
Gate plateau voltage
V plateau
-
7.0
-
V
Reverse Diode
2)
Diode continous forward current
I S
-
-
25
A
Diode pulse current
I S,pulse
-
-
100
Diode forward voltage
V SD
V GS=0 V, I F=25 A,
T j=25 °C
0.6
0.9
1.3
V
Reverse recovery time
t rr
V R=27.5 V, I F=I S,
di F/dt =100 A/µs
-38
ns
Reverse recovery charge
Q rr
V R=27.5 V, I F=I S,
di F/dt =100 A/µs
-30
nC
2) Defined by design. Not subject to production test.
3) See diagrams 12 and 13.
4) Qualified at -5V and +20V.
5) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
1) Current is limited by bondwire; with an R
thJC = 3.3 K/W the chip is able to carry 30 A at 25°C. For detailed
information see Application Note ANPS071E at www.infineon.com/optimos
T C=25 °C
Values
V GS=0 V, V DS=25 V,
f =1 MHz
V DD=27.5 V,
V GS=10 V, I D=25 A,
R G=14.8 Ω
V DD=11 V, I D=25 A,
V GS=0 to 10 V
Rev. 1.0
page 3
2006-04-03


Similar Part No. - SP0000-88000

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP0000-88002 INFINEON-SP0000-88002 Datasheet
154Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
SP0000-88004 INFINEON-SP0000-88004 Datasheet
154Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
SP0000-88006 INFINEON-SP0000-88006 Datasheet
154Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
More results

Similar Description - SP0000-88000

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP77N06S3-09 INFINEON-IPP77N06S3-09 Datasheet
156Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 0.9 2005-09-16
IPP80N06S3L-06 INFINEON-IPP80N06S3L-06 Datasheet
154Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
IPP25N06S3L-22 INFINEON-IPP25N06S3L-22 Datasheet
156Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
IPD70N12S3L-12 INFINEON-IPD70N12S3L-12 Datasheet
400Kb / 9P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2016-06-20
IPP80N06S3L-08 INFINEON-IPP80N06S3L-08 Datasheet
155Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
IPP100N06S3L-03 INFINEON-IPP100N06S3L-03 Datasheet
156Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
IPP100N06S3-03 INFINEON-IPP100N06S3-03 Datasheet
161Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
IPB100N12S3-05 INFINEON-IPB100N12S3-05 Datasheet
411Kb / 9P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2016-06-20
IPD50N12S3L-15 INFINEON-IPD50N12S3L-15 Datasheet
398Kb / 9P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2016-06-20
IPB160N04S2L-03 INFINEON-IPB160N04S2L-03 Datasheet
153Kb / 8P
   OptiMOS짰 - T Power-Transistor
Rev. 1.0 2006-03-02
IPD30N10S3L-34 INFINEON-IPD30N10S3L-34_11 Datasheet
182Kb / 9P
   OptiMOS짰-T Power-Transistor
Rev. 1.1 2011-10-06
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com