Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPB12CNE8NG Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPB12CNE8NG
Description  OptiMOS짰2 Power-Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB12CNE8NG Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPB12CNE8NG Datasheet HTML 1Page - Infineon Technologies AG IPB12CNE8NG Datasheet HTML 2Page - Infineon Technologies AG IPB12CNE8NG Datasheet HTML 3Page - Infineon Technologies AG IPB12CNE8NG Datasheet HTML 4Page - Infineon Technologies AG IPB12CNE8NG Datasheet HTML 5Page - Infineon Technologies AG IPB12CNE8NG Datasheet HTML 6Page - Infineon Technologies AG IPB12CNE8NG Datasheet HTML 7Page - Infineon Technologies AG IPB12CNE8NG Datasheet HTML 8Page - Infineon Technologies AG IPB12CNE8NG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
IPB12CNE8N G IPD12CNE8N G
IPI12CNE8N G IPP12CNE8N G
5 Typ. output characteristics
6 Typ. drain-source on resistance
I D=f(V DS); T j=25 °C
R DS(on)=f(I D); T j=25 °C
parameter: V GS
parameter: V GS
7 Typ. transfer characteristics
8 Typ. forward transconductance
I D=f(V GS); |V DS|>2|I D|R DS(on)max
g fs=f(I D); T j=25 °C
parameter: T j
5 V
5.5 V
6 V
10 V
0
5
10
15
20
25
30
0
2040
6080
I D [A]
25 °C
175 °C
0
50
100
150
200
250
024
68
V GS [V]
0
20
40
60
80
100
0
20
406080
I D [A]
4.5 V
5 V
5.5 V
6 V
6.5 V
7 V
8 V
10 V
0
50
100
150
200
250
012
345
V DS [V]
Rev. 1.01
page 5
2006-02-17


Similar Part No. - IPB12CNE8NG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB12CNE8NG INFINEON-IPB12CNE8NG Datasheet
552Kb / 12P
   OptiMOS Power-Transistor Feature Enhancement mode Logic Level Avalanche rated
Rev. 1.05 2007-08-29
More results

Similar Description - IPB12CNE8NG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB03N03LB INFINEON-IPB03N03LB Datasheet
282Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
IPB14N03LAG INFINEON-IPB14N03LAG Datasheet
280Kb / 10P
   OptiMOS짰2 Power-Transistor
Rev. 1.7 2006-05-11
IPP03N03LB INFINEON-IPP03N03LB Datasheet
341Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.93 2006-05-10
IPP26CN10N INFINEON-IPP26CN10N Datasheet
711Kb / 13P
   OptiMOS짰2 Power-Transistor
Rev. 1.01 2006-06-02
IPP35CN10N INFINEON-IPP35CN10N Datasheet
708Kb / 13P
   OptiMOS짰2 Power-Transistor
Rev.1.02 2006-06-02
IPD04N03LBG INFINEON-IPD04N03LBG Datasheet
417Kb / 12P
   OptiMOS짰2 Power-Transistor
Rev. 1.5 2006-05-11
BSC020N025SG INFINEON-BSC020N025SG Datasheet
354Kb / 10P
   OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
BSC085N025S INFINEON-BSC085N025S Datasheet
371Kb / 10P
   OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
IPB04N03LB INFINEON-IPB04N03LB Datasheet
283Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
IPB06N03LB INFINEON-IPB06N03LB Datasheet
279Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.93 2006-05-10
IPB13N03LB INFINEON-IPB13N03LB Datasheet
280Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.93 2006-05-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com