Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPP06CNE8N Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IPP06CNE8N
Description  OptiMOS짰2 Power-Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP06CNE8N Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IPP06CNE8N Datasheet HTML 3Page - Infineon Technologies AG IPP06CNE8N Datasheet HTML 4Page - Infineon Technologies AG IPP06CNE8N Datasheet HTML 5Page - Infineon Technologies AG IPP06CNE8N Datasheet HTML 6Page - Infineon Technologies AG IPP06CNE8N Datasheet HTML 7Page - Infineon Technologies AG IPP06CNE8N Datasheet HTML 8Page - Infineon Technologies AG IPP06CNE8N Datasheet HTML 9Page - Infineon Technologies AG IPP06CNE8N Datasheet HTML 10Page - Infineon Technologies AG IPP06CNE8N Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
IPB06CNE8N G IPI06CNE8N G
IPP06CNE8N G
13 Avalanche characteristics
14 Typ. gate charge
I AS=f(t AV); R GS=25 Ω
V GS=f(Q gate); I D=100 A pulsed
parameter: T j(start)
parameter: V DD
15 Drain-source breakdown voltage
16 Gate charge waveforms
V BR(DSS)=f(T j); I D=1 mA
20 V
40 V
60 V
0
2
4
6
8
10
12
0
20
40
60
80
100
120
Q gate [nC]
75
80
85
90
95
100
-60
-20
20
60
100
140
180
T j [°C]
V GS
Q gate
V gs(th)
Q g(th)
Q gs
Q gd
Q sw
Q g
25 °C
100 °C
150 °C
1
10
100
1000
1
10
100
1000
t AV [µs]
Rev. 1.01
page 7
2006-02-14


Similar Part No. - IPP06CNE8N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP06CN10LG INFINEON-IPP06CN10LG Datasheet
325Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.01 2007-10-01
IPP06CN10N INFINEON-IPP06CN10N Datasheet
524Kb / 11P
   OptiMOS짰2 Power-Transistor
Rev. 1.05 2006-06-02
IPP06CN10NG INFINEON-IPP06CN10NG Datasheet
524Kb / 11P
   OptiMOS짰2 Power-Transistor
Rev. 1.05 2006-06-02
IPP06CN10NG INFINEON-IPP06CN10NG Datasheet
439Kb / 11P
   OptiMOS?? Power-Transistor
Rev. 1.93 2010-01-18
More results

Similar Description - IPP06CNE8N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB03N03LB INFINEON-IPB03N03LB Datasheet
282Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
IPB14N03LAG INFINEON-IPB14N03LAG Datasheet
280Kb / 10P
   OptiMOS짰2 Power-Transistor
Rev. 1.7 2006-05-11
IPP03N03LB INFINEON-IPP03N03LB Datasheet
341Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.93 2006-05-10
IPP26CN10N INFINEON-IPP26CN10N Datasheet
711Kb / 13P
   OptiMOS짰2 Power-Transistor
Rev. 1.01 2006-06-02
IPP35CN10N INFINEON-IPP35CN10N Datasheet
708Kb / 13P
   OptiMOS짰2 Power-Transistor
Rev.1.02 2006-06-02
IPD04N03LBG INFINEON-IPD04N03LBG Datasheet
417Kb / 12P
   OptiMOS짰2 Power-Transistor
Rev. 1.5 2006-05-11
BSC020N025SG INFINEON-BSC020N025SG Datasheet
354Kb / 10P
   OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
BSC085N025S INFINEON-BSC085N025S Datasheet
371Kb / 10P
   OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
IPB04N03LB INFINEON-IPB04N03LB Datasheet
283Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
IPB06N03LB INFINEON-IPB06N03LB Datasheet
279Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.93 2006-05-10
IPB13N03LB INFINEON-IPB13N03LB Datasheet
280Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.93 2006-05-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com