Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLI2505 Datasheet(PDF) 4 Page - International Rectifier

Part # IRLI2505
Description  HEXFET짰 Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLI2505 Datasheet(HTML) 4 Page - International Rectifier

  IRLI2505 Datasheet HTML 1Page - International Rectifier IRLI2505 Datasheet HTML 2Page - International Rectifier IRLI2505 Datasheet HTML 3Page - International Rectifier IRLI2505 Datasheet HTML 4Page - International Rectifier IRLI2505 Datasheet HTML 5Page - International Rectifier IRLI2505 Datasheet HTML 6Page - International Rectifier IRLI2505 Datasheet HTML 7Page - International Rectifier IRLI2505 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRLI2505
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
0
2000
4000
6000
8000
10000
1
10
100
DS
V
, D rain-to -S ou rce Volta ge (V )
A
V
= 0 V,
f = 1M H z
C
= C
+ C
, C
SH OR TE D
C
= C
C
= C
+ C
GS
is s
gs
gd
ds
rss
gd
oss
d s
gd
C iss
C oss
C rs s
0
3
6
9
12
15
0
40
80
120
160
200
Q
, T otal Ga te C harg e (nC )
G
A
FO R TEST CI RCUI T
SEE FIG UR E 13
I
= 54A
V
= 44 V
V
= 28 V
D
DS
DS
10
100
1000
0.4
0.8
1.2
1.6
2.0
2.4
2.8
T = 25 °C
J
V
= 0 V
GS
V
, S o urce-to-Drain Vo ltage (V )
SD
A
T = 175 °C
J
1
10
100
1000
1
10
100
V
, Dra in -to-So urce Vo ltag e (V)
DS
OPE R ATIO N IN TH IS A RE A LI MI TE D
BY R DS (on)
1 0µs
100 µs
1m s
10m s
A
T
= 25 °C
T
= 17 5°C
Sing le Pulse
C
J


Similar Part No. - IRLI2505

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLI2203 IRF-IRLI2203 Datasheet
328Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=0.010ohm, Id=52A??
IRLI2203G IRF-IRLI2203G Datasheet
328Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=0.010ohm, Id=52A??
IRLI2203N IRF-IRLI2203N Datasheet
113Kb / 8P
   HEXFET Power MOSFET
IRLI2203NPBF IRF-IRLI2203NPBF Datasheet
1Mb / 8P
   HEXFET Power MOSFET
IRLI2910 IRF-IRLI2910 Datasheet
143Kb / 8P
   HEXFET Power MOSFET
More results

Similar Description - IRLI2505

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com