Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMD31020 Datasheet(PDF) 14 Page - Zentrum Mikroelektronik Dresden AG

Part # ZMD31020
Description  Sensor Signal Conditioner
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZMD31020 Datasheet(HTML) 14 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZMD31020 Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG ZMD31020 Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG ZMD31020 Datasheet HTML 12Page - Zentrum Mikroelektronik Dresden AG ZMD31020 Datasheet HTML 13Page - Zentrum Mikroelektronik Dresden AG ZMD31020 Datasheet HTML 14Page - Zentrum Mikroelektronik Dresden AG ZMD31020 Datasheet HTML 15Page - Zentrum Mikroelektronik Dresden AG ZMD31020 Datasheet HTML 16Page - Zentrum Mikroelektronik Dresden AG ZMD31020 Datasheet HTML 17Page - Zentrum Mikroelektronik Dresden AG ZMD31020 Datasheet HTML 18Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Copyright © 2004, ZMD AG, Rev. 1.6, 2005-05-19
14/19
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior
written consent of the copyright owner. The Information furnished in this publication is preliminary and subject to changes without notice.
ZMD31020
Sensor Signal Conditioner
Datasheet
3.3.7
11-bit Output DAC & Output BUFFER
(2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Output current
IOUT
current source & sink
±2
mA
Analog output offset voltage
VOUT_OFF
-10
10
mV
Temp.-coeff output offset voltage
TCOUT_OFF
-10
10
µV/K
DAC differential nonlinearity
DNLOUT
-1
1
LSB
DAC integral nonlinearity
INLOUT
to best-fit straight line
-4
4
LSB
Maximal output voltage
VOUT_MAX
IOUTSOURCE = 2mA
0.975
VDDA
Minimal output voltage
VOUT_MIN
IOUTSINK = -2mA
0.025
VDDA
VOUT low scale limit
VOUT_LSL
dig. ref.: pmin
0
0.25
VDDA
VOUT low scale limit
VOUT_HSL
dig. ref.: pmax
0.75
1
VDDA
Load resistance
RL_OUT
2.5
kΩ
Load capacitance
CL_OUT
10
25
nF
3.3.8
Total System
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Startup time
tSTA
power up to 1st result
40
ms
Response time
tRESP
11
ms
Conversion cycle time
tCYC
10
ms
Non-linearity
NL
to best-fit straight line
-2500
+2500
ppm
(3)
TC sensor signal
TCp
20
ppm/K
TC temperature
TCT
100
ppm/K
Notes for the electrical parameters:
1)
No measurement in mass production, parameter is guarantied by design.
2)
During normal operation mode using the analog output the I
2C interface allows to read out the output
digital value in parallel (= the digital input of the DAC).
3)
Analog Signal Conditioning and Analog Digital Conversion for Measurement of the Pressure Sensor
Bridge
4)
The A/D conversion of the temperature signal is done with 10 bit resolution only.


Similar Part No. - ZMD31020

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010 Datasheet
128Kb / 4P
   RBicLite Low-Cost Sensor Signal Conditioner
ZMD31010 ZMD-ZMD31010 Datasheet
5Mb / 2P
   RBicLite Low-Cost Sensor Signal Conditioner
ZMD31010CEB ZMD-ZMD31010CEB Datasheet
5Mb / 2P
   RBicLite Low-Cost Sensor Signal Conditioner
ZMD31010CEC ZMD-ZMD31010CEC Datasheet
5Mb / 2P
   RBicLite Low-Cost Sensor Signal Conditioner
ZMD31010CED ZMD-ZMD31010CED Datasheet
5Mb / 2P
   RBicLite Low-Cost Sensor Signal Conditioner
More results

Similar Description - ZMD31020

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
   SENSOR SIGNAL CONDITIONER
logo
Texas Instruments
PGA450-Q1 TI1-PGA450-Q1 Datasheet
1Mb / 58P
[Old version datasheet]   ULTRASONIC-SENSOR SIGNAL CONDITIONER
logo
Renesas Technology Corp
ZSSC5101 RENESAS-ZSSC5101 Datasheet
804Kb / 29P
   xMR Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3123 IDT-ZSSC3123 Datasheet
688Kb / 63P
   Capacitive Sensor Signal Conditioner
logo
Texas Instruments
PGA301-Q1 TI1-PGA301-Q1 Datasheet
63Kb / 3P
[Old version datasheet]   Pressure Sensor Signal Conditioner
PGA400-Q1 TI1-PGA400-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   PRESSURE SENSOR SIGNAL CONDITIONER
logo
Integrated Device Techn...
ZSSC416X IDT-ZSSC416X Datasheet
201Kb / 4P
   Sensor Signal Conditioner Family
logo
Texas Instruments
PGA400-EP TI1-PGA400-EP Datasheet
1Mb / 99P
[Old version datasheet]   PRESSURE SENSOR SIGNAL CONDITIONER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com