Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZMD31020 Datasheet(PDF) 3 Page - Zentrum Mikroelektronik Dresden AG

Part No. ZMD31020
Description  Sensor Signal Conditioner
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZMD [Zentrum Mikroelektronik Dresden AG]
Homepage  http://www.zmdi.com
Logo 

ZMD31020 Datasheet(HTML) 3 Page - Zentrum Mikroelektronik Dresden AG

 
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Copyright © 2004, ZMD AG, Rev. 1.6, 2005-05-19
3/19
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior
written consent of the copyright owner. The Information furnished in this publication is preliminary and subject to changes without notice.
ZMD31020
Sensor Signal Conditioner
Datasheet
1.
PIN DESCRIPTION
PIN
Number
Name
Description
1
VOUT
analog conditioned sensor signal output
2
VDDA (*)
analog device functions positive supply
3
VDD
digital device functions positive supply
4
VSS
digital device functions negative supply
5
SCL
I²C clock input, on-chip pull-up resistor
6
SDA
I²C data input / output, on-chip pull-up resistor
7
VPP
positive EEPROM programming voltage
8
VBN
differential sensor signal negative input
9
VDDB2 (*)
positive supply for sensor and temperature sensing diode
10
VTN
input for temperature sensing diode
11
VDDB1 (*)
positive supply for sensor and temperature sensing diode
12
VBP
differential sensor signal positive input
13
VSSB (**)
sensor negative supply
14
VSSA (**)
analog device functions negative supply
(*)
VDDA, VDDB1 and VDDB2 tied to common on-chip positive supply rail
(**)
VSSA and VSSB tied to common on-chip negative supply rail


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX14781% Accurate Digitally Trimmed Rail-to-Rail Sensor Signal Conditioner 1 2 3 4 5 MoreMaxim Integrated Products
ZMD31010RBicLite Low-Cost Sensor Signal Conditioner 1 2 3 4 Zentrum Mikroelektronik Dresden AG
ZMD31030Automotive Sensor Signal Conditioner with LIN Interface 1 2 Zentrum Mikroelektronik Dresden AG
ZMD31035Automotive Sensor Signal Conditioner 1 2 Zentrum Mikroelektronik Dresden AG
ZMD31050Advanced Differential Sensor Signal Conditioner 1 2 3 4 5 MoreZentrum Mikroelektronik Dresden AG
ZMD31050DAdvanced Differential Sensor Signal Conditioner 1 2 3 4 5 MoreZentrum Mikroelektronik Dresden AG
MAX1452Low-Cost Precision Sensor Signal Conditioner 1 2 3 4 5 MoreMaxim Integrated Products
MAX14570.1%-Accurate Signal Conditioner for Piezoresistive Sensor Compensation 1 2 3 4 5 MoreMaxim Integrated Products
MAX1455Low-Cost Automotive Sensor Signal Conditioner 1 2 3 4 5 MoreMaxim Integrated Products
MAX14581%-Accurate Digitally Trimmed Sensor Signal Conditioner 1 2 3 4 5 MoreMaxim Integrated Products

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn