Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL40511 Datasheet(PDF) 15 Page - Zarlink Semiconductor Inc

Part # ZL40511
Description  Dual Output DVD and CD 4 Channel Laser Diode Drivers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL40511 Datasheet(HTML) 15 Page - Zarlink Semiconductor Inc

Back Button ZL40511 Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL40511 Datasheet HTML 12Page - Zarlink Semiconductor Inc ZL40511 Datasheet HTML 13Page - Zarlink Semiconductor Inc ZL40511 Datasheet HTML 14Page - Zarlink Semiconductor Inc ZL40511 Datasheet HTML 15Page - Zarlink Semiconductor Inc ZL40511 Datasheet HTML 16Page - Zarlink Semiconductor Inc ZL40511 Datasheet HTML 17Page - Zarlink Semiconductor Inc ZL40511 Datasheet HTML 18Page - Zarlink Semiconductor Inc ZL40511 Datasheet HTML 19Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
ZL40511/15
Data Sheet
15
Zarlink Semiconductor Inc.
Note: A = 100% Tested
B = Guaranteed by Characterization and Design
C= Guaranteed by Design
Note 1: Gain, offset and linearity of a channel are derived from a best fit line (linear regression graph) to the following three operating
points: Iout = 20 mA, 50 mA and 80 mA.
Note 2: Gain, offset and linearity of a channel are derived from a best fit line (linear regression graph) to the following three operating
points: Iout = 20 mA, 70 mA and 120 mA.
Note 3: Best Fit output line through 20mA, 50mA, 80mA
Note 4: = Best Fit output line through 20mA, 70mA, 120mA
† Electrical measurement into 3.9 Ohm to Gnd
Output current offset, Ch4, best
fit
-4
12
mA
Iout = 20 mA to 120 mA † Note 2
A
ZL40515
Output current offset, ChR, best
fit. Note 3
-1
8
mA
Iout = 20 mA to 80 mA † Note 1
A
Output current offset, Ch2, best
fit. Note 4
-7
15
mA
Iout = 20 mA to 120 mA † Note 2
A
Output current offset, Ch3, best
fit. Note 4
-7
15
mA
Iout = 20 mA to 120 mA † Note 2
A
Output current offset, Ch4, best
fit. Note 4
-7
15
mA
Iout = 20 mA to 120 mA † Note 2
A
ZL40511/15
Output current linearity (any
channel). Note 3
-3.5
1.5
%
Iout = 20 mA to 120 mA † Note 2
A
Gain tracking, Ch2 to Ch3 to
Ch4
-2.5
+2.5
%
Iout = 20 mA to 120 mA † Note 2
A
Characteristic
Min.
Typ.
Max.
Units
Comments
Type


Similar Part No. - ZL40511

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40511 ZARLINK-ZL40511 Datasheet
1Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
ZL40511LDE ZARLINK-ZL40511LDE Datasheet
1Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
ZL40511LDF ZARLINK-ZL40511LDF Datasheet
1Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
ZL40511LDG ZARLINK-ZL40511LDG Datasheet
1Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
ZL40511 ZARLINK-ZL40511_06 Datasheet
1Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
More results

Similar Description - ZL40511

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40510 ZARLINK-ZL40510 Datasheet
1Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
ZL40510 ZARLINK-ZL40510_06 Datasheet
1Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
ZL40511 ZARLINK-ZL40511_06 Datasheet
1Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
ZL40539 ZARLINK-ZL40539 Datasheet
538Kb / 26P
   Dual Output CD and DVD 4 Channel Laser Diode Driver
logo
Maxim Integrated Produc...
MAX9483 MAXIM-MAX9483 Datasheet
650Kb / 15P
   Dual-Output, Multimode CD-RW/DVD Laser-Diode Drivers
Rev 0; 5/04
logo
Sony Corporation
CXA2680ER SONY-CXA2680ER Datasheet
52Kb / 2P
   Five-Channel Dual CD/DVD Laser Driver for Ultra Combo Drives
logo
ATMEL Corporation
ATR0885 ATMEL-ATR0885 Datasheet
130Kb / 6P
   3-output Laser Driver for HD-DVD/ Blu-ray/DVD/ CD-ROM
logo
Rohm
BA5973FP ROHM-BA5973FP Datasheet
137Kb / 7P
   3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM
logo
Samsung semiconductor
S5L1462B SAMSUNG-S5L1462B Datasheet
199Kb / 43P
   CD and DVD playback
logo
ATMEL Corporation
AT78C1503 ATMEL-AT78C1503 Datasheet
107Kb / 14P
   DVD/CD Read Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com