Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XE1401F Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # XE1401F
Description  Multi-National 14,400 BPS Embeddable Modem
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

XE1401F Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  XE1401F Datasheet HTML 1Page - List of Unclassifed Manufacturers XE1401F Datasheet HTML 2Page - List of Unclassifed Manufacturers XE1401F Datasheet HTML 3Page - List of Unclassifed Manufacturers XE1401F Datasheet HTML 4Page - List of Unclassifed Manufacturers XE1401F Datasheet HTML 5Page - List of Unclassifed Manufacturers XE1401F Datasheet HTML 6Page - List of Unclassifed Manufacturers XE1401F Datasheet HTML 7Page - List of Unclassifed Manufacturers XE1401F Datasheet HTML 8Page - List of Unclassifed Manufacturers XE1401F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
XECOM
(4)
XE1401
PIN NAME
DESCRIPTION
XE1401 Pin Descriptions
38
\DCD
Data Carrier Detect, Output, active Low, TTL/CMOS. AT&C sets the \DCD function. In the
default condition, AT&C1, \DCD indicates the presence of a carrier signal on the telephone
line.
39
\DSR
Data Set Ready, Output, active Low, TTL/CMOS. AT&S sets the \DSR function. In the
default condition, AT&S0, \DSR is forced true.
40
Vcc
+5 Volts
ABSOLUTE MAXIMUM RATINGS*
SUPPLY VOLTAGE - Vcc
+6.5 Volts
DC INPUT VOLTAGE
-0.6 Volts to +6.5 Volts
STORAGE TEMPERATURE RANGE
-25° C TO +85° C
LEAD TEMPERATURE (Soldering, 2 sec per wave)
260° C
OPERATING TEMPERATURE RANGE
0 TO 70° C
*Exceeding these values may result in permanent damage to the device.
XE1401 ELECTRICAL SPECIFICATIONS
VCC
4.75
5.25
Volts
ICC
100
150
170
mamps
On Line
Ring Voltage Detected
38
150
RMS
XE1401
10
RMS
XE1401B, XE1401I
20
RMS
XE1401G
Ring Frequency Detected
15.3
68
Hz
Telephone Loop Current
10
100
mamps
XE1401
10
120
mamps
XE1401B, XE1401I
10
60
mamps
XE1401G
10
45
mamps
XE1401F
Data Transmit level
-12
-10.5
-9.0
dBm
DTMF Transmit Level
-2.5
0
dBm
Avg over 3 second interval
Billing tone Filter
16
KHz
XE1401G Only
Parameter
Min
Typ
Max
Units
Comments


Similar Part No. - XE1401F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE1414 ETC-XE1414 Datasheet
77Kb / 18P
   Worldwide 14.4 KBPS Modem Module for Embedded Applications
XE1414C ETC-XE1414C Datasheet
77Kb / 18P
   Worldwide 14.4 KBPS Modem Module for Embedded Applications
XE1414C-ITR ETC-XE1414C-ITR Datasheet
77Kb / 18P
   Worldwide 14.4 KBPS Modem Module for Embedded Applications
More results

Similar Description - XE1401F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC1414SR ETC-PC1414SR Datasheet
14Kb / 2P
   The PC1414SR combines a 14,400 bps data modem
XE3314B ETC1-XE3314B Datasheet
67Kb / 17P
   Low-Cost, Embeddable 33,600 BPS Modem Module
XE1276 ETC-XE1276 Datasheet
97Kb / 10P
   Compact 1200 bps Modem
logo
Sanyo Semicon Device
LC89201 SANYO-LC89201 Datasheet
114Kb / 9P
   9600-bps Facsimile Modem
logo
Fujitsu Component Limit...
MB87002 FUJITSU-MB87002 Datasheet
694Kb / 15P
   1200 BPS MSK MODEM
logo
List of Unclassifed Man...
XE2486 ETC-XE2486 Datasheet
34Kb / 10P
   Miniature 2400 bps Modem Module
logo
Samsung semiconductor
KS16112 SAMSUNG-KS16112 Datasheet
513Kb / 69P
   9600/14400 bps FAX MODEM
logo
OKI electronic componet...
MSM6948 OKI-MSM6948 Datasheet
117Kb / 13P
   1200 bps Single Chip MSK Modem
logo
List of Unclassifed Man...
XE2420G ETC2-XE2420G Datasheet
418Kb / 22P
   Smallest World-Wide 2400 BPS Modem
FM209 ETC-FM209 Datasheet
116Kb / 12P
   9600/14400 BPS MONOFAX MODEM FAMILY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com