Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XE1401 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # XE1401
Description  Multi-National 14,400 BPS Embeddable Modem
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

XE1401 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  XE1401 Datasheet HTML 1Page - List of Unclassifed Manufacturers XE1401 Datasheet HTML 2Page - List of Unclassifed Manufacturers XE1401 Datasheet HTML 3Page - List of Unclassifed Manufacturers XE1401 Datasheet HTML 4Page - List of Unclassifed Manufacturers XE1401 Datasheet HTML 5Page - List of Unclassifed Manufacturers XE1401 Datasheet HTML 6Page - List of Unclassifed Manufacturers XE1401 Datasheet HTML 7Page - List of Unclassifed Manufacturers XE1401 Datasheet HTML 8Page - List of Unclassifed Manufacturers XE1401 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
XECOM
(3)
XE1401
PIN NAME
DESCRIPTION
XE1401 Pin Descriptions
1
RESET
Hardware reset pin, Input, active High, TTL. A high on Pin 1 initiates a hardware reset. An
external reset is not required or recommended. The Reset pulse must be a minimum of 100
milliseconds long.
2
N/C
No Internal Connection
3
RXD
Received Data, Output, TTL. Serial data output to the host. A logic "High" on RXD rep-
resents a "mark" and a logic "Low" represents a "space".
9
\DTR
Data Terminal Ready, Input, active Low, TTL. The "AT&D" command sets the function of
\DTR. The default, AT&D2, requires the host to assert \DTR to permit a modem link. The
modem drops the call in progress if \DTR is revoked and will not connect until \DTR is re-
asserted.
10
\LCS
Loop Current Sense, active Low Input, TTL. A low on \LCS tells the modem that loop
current is flowing through Tip and Ring. This feature is used only in the XE1401B version.
11
\CTS
Clear to Send, Output, active Low, TTL/CMOS. \CTS is used as a Flow Control output
from the modem. The modem revokes \CTS with hardware flow control active to signal the
host that the modem's input buffer is full. The modem reasserts \CTS when the buffer can
accept more data without a buffer overflow.
12
OH
Off-Hook, Output, active High. OH indicates the modem's hookswitch relay is closed.
Hookswitch closure connects the modem to the telephone line.
13
TXD
Transmit Data, Input, TTL. Serial data input from the host. A logic "High" represents a
"mark" and a Low represents a"space", TTL.
14
\RTS
Request to Send, input, active LOW, TTL. The XE1401 uses \RTS for hardware flow con-
trol. When \RTS is revoked and hardware flow control is enabled, the modem will not place
data on RXD.
15
NC
No Internal Connection
16
\RI
Ring Indicator, Output, active Low, TTL. When low indicates the modem is receiving a ring
signal.
18
TIP
Tip connection to the phone line (RJ11 pin3) from the internal DAA. The XE1401 is not
sensitive to the battery voltage polarity across Tip and Ring.
20
RING
Ring connection to the phone line (RJ11 pin4) from the internal DAA.
21
GND
Ground (0 volts)
22
AMP
Audio Output function is set by L & M commands and the value in register S22. This output
can drive a minimum load of 300 ohms.


Similar Part No. - XE1401

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE1414 ETC-XE1414 Datasheet
77Kb / 18P
   Worldwide 14.4 KBPS Modem Module for Embedded Applications
XE1414C ETC-XE1414C Datasheet
77Kb / 18P
   Worldwide 14.4 KBPS Modem Module for Embedded Applications
XE1414C-ITR ETC-XE1414C-ITR Datasheet
77Kb / 18P
   Worldwide 14.4 KBPS Modem Module for Embedded Applications
More results

Similar Description - XE1401

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC1414SR ETC-PC1414SR Datasheet
14Kb / 2P
   The PC1414SR combines a 14,400 bps data modem
XE3314B ETC1-XE3314B Datasheet
67Kb / 17P
   Low-Cost, Embeddable 33,600 BPS Modem Module
XE1276 ETC-XE1276 Datasheet
97Kb / 10P
   Compact 1200 bps Modem
logo
Sanyo Semicon Device
LC89201 SANYO-LC89201 Datasheet
114Kb / 9P
   9600-bps Facsimile Modem
logo
Fujitsu Component Limit...
MB87002 FUJITSU-MB87002 Datasheet
694Kb / 15P
   1200 BPS MSK MODEM
logo
List of Unclassifed Man...
XE2486 ETC-XE2486 Datasheet
34Kb / 10P
   Miniature 2400 bps Modem Module
logo
Samsung semiconductor
KS16112 SAMSUNG-KS16112 Datasheet
513Kb / 69P
   9600/14400 bps FAX MODEM
logo
OKI electronic componet...
MSM6948 OKI-MSM6948 Datasheet
117Kb / 13P
   1200 bps Single Chip MSK Modem
logo
List of Unclassifed Man...
XE2420G ETC2-XE2420G Datasheet
418Kb / 22P
   Smallest World-Wide 2400 BPS Modem
FM209 ETC-FM209 Datasheet
116Kb / 12P
   9600/14400 BPS MONOFAX MODEM FAMILY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com