Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVCH16623 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALVCH16623
Description  16-bit transceiver with dual enable; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16623 Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALVCH16623 Datasheet HTML 1Page - NXP Semiconductors 74ALVCH16623 Datasheet HTML 2Page - NXP Semiconductors 74ALVCH16623 Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16623 Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16623 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16623 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16623 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16623 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16623 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1999 Sep 20
2
Philips Semiconductors
Product specification
16-bit transceiver with dual enable; 3-state
74ALVCH16623
FEATURES
• Complies with JEDEC standard
no. 8-1A
• CMOS low power consumption
• Direct interface with TTL levels
• MULTIBYTE™ flow-through
standard pin-out architecture
• All data inputs have bus hold
circuitry
• Output drive capability 50 Ω
transmission lines at 85
°C
• Current drive ±24 mA at 3.0 V.
DESCRIPTION
The 74ALVCH16623 is a high-performance, low-power, low-voltage, Si-gate
CMOS device, superior to most advanced CMOS compatible TTL families.
The 74ALVCH16623 is a 16-bit transceiver featuring non-inverting 3-state bus
compatible outputs in both send and receive directions.
This 16-bit bus transceiver is designed for asynchronous two-way
communication between data buses. The control function implementation
allows maximum flexibility in timing. This device allows data transmission from
the A bus to the B bus or from the B bus to the A bus, depending upon the logic
levels at the enable inputs (nOEAB,nOEBA). The enable inputs can be used to
disable the device so that the buses are effectively isolated. The dual enable
function configuration gives this transceiver the capability to store data by
simultaneous enabling of nOEAB and nOEBA. Each output reinforces its input in
this transceiver configuration. Thus, when all control inputs are enabled and all
other data sources to the four sets of the bus lines are at high-impedance
OFF-state, all sets of bus lines will remain at their last states. The 8-bit codes
appearing on the two double sets of buses will be complementary. This device
can be used as two 8-bit transceivers or one 16-bit transceiver.
To ensure the high-impedance state during power-on or power-down, OEBA
should be tied to VCC through a pull-up resistor and OEAB should be tied to GND
through a pull-down resistor; the minimum value of the resistor is determined
by the current-sinking/current-sourcing capability of the driver.
Active bus hold circuitry is provided to hold unused or floating data inputs at a
valid logic level.
QUICK REFERENCE DATA
Ground = 0; Tamb =25 °C; tr =tf = 2.5 ns.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi + Σ (CL × VCC2 × fo) where:
fi = input frequency in MHz;
CL = output load capacitance in pF;
fo = output frequency in MHz;
VCC = supply voltage in Volts;
Σ (CL × VCC2 × fo) = sum of outputs.
2. The condition is VI = GND to VCC.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
propagation delay nAn,nBn to nBn,nAn
CL = 30 pF; VCC = 2.5 V
2.0
ns
CL = 50 pF; VCC = 3.3 V
1.9
ns
CI/O
input/output capacitance
10.0
pF
CI
input capacitance
3.0
pF
CPD
power dissipation capacitance per buffer notes 1 and 2
outputs enabled
35
pF
outputs disabled
5
pF


Similar Part No. - 74ALVCH16623

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16600 PHILIPS-74ALVCH16600 Datasheet
88Kb / 14P
   18-bit universal bus transceiver 3-State
1999 Nov 23
logo
Nexperia B.V. All right...
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
logo
NXP Semiconductors
74ALVCH16600DGG PHILIPS-74ALVCH16600DGG Datasheet
88Kb / 14P
   18-bit universal bus transceiver 3-State
1999 Nov 23
logo
Nexperia B.V. All right...
74ALVCH16600DGG NEXPERIA-74ALVCH16600DGG Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
logo
NXP Semiconductors
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
More results

Similar Description - 74ALVCH16623

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVCH16652 NEXPERIA-74ALVCH16652 Datasheet
260Kb / 18P
   16-bit transceiver/register with dual enable; 3-state
Rev. 3 - 12 September 2018
logo
NXP Semiconductors
74ALVCH16652 PHILIPS-74ALVCH16652 Datasheet
103Kb / 20P
   16-bit transceiver/register with dual enable; 3-state
1999 Nov 23
74ALVCH16652 PHILIPS-74ALVCH16652_15 Datasheet
117Kb / 20P
   16-bit transceiver/register with dual enable; 3-state
1999 Nov 23
MB2623 PHILIPS-MB2623 Datasheet
87Kb / 12P
   16-bit transceiver with dual enable, non-inverting 3-State
1998 Jan 16
74ABT161543 PHILIPS-74ABT161543 Datasheet
85Kb / 12P
   16-bit latched transceiver with dual enable and master reset 3-State
1998 Feb 27
74ABT16543 PHILIPS-74ABT16543 Datasheet
90Kb / 12P
   16-bit latched transceivers with dual enable 3-State
1998 Feb 27
74LVC623A PHILIPS-74LVC623A Datasheet
96Kb / 10P
   Octal transceiver with dual enable 3-State
1998 Jul 29
74ABT543A PHILIPS-74ABT543A Datasheet
112Kb / 12P
   Octal latched transceiver with dual enable 3-State
1998 Sep 24
74ABT543A NXP-74ABT543A Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
74LVC652 PHILIPS-74LVC652 Datasheet
147Kb / 14P
   Octal transceiver/register with dual enable 3-State
1998 Jul 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com