Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPC8013-H Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPC8013-H
Description  Silicon N Channel MOS Type (High speed U-MOS III)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8013-H Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPC8013-H Datasheet HTML 1Page - Toshiba Semiconductor TPC8013-H Datasheet HTML 2Page - Toshiba Semiconductor TPC8013-H Datasheet HTML 3Page - Toshiba Semiconductor TPC8013-H Datasheet HTML 4Page - Toshiba Semiconductor TPC8013-H Datasheet HTML 5Page - Toshiba Semiconductor TPC8013-H Datasheet HTML 6Page - Toshiba Semiconductor TPC8013-H Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPC8013-H
2002-03-25
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (High speed U-MOS III)
TPC8013-H
High Speed and High Efficiency DC-DC Converters
Notebook PC Applications
Portable Equipment Applications
· Small footprint due to small and thin package
· High speed switching
· Small gate charge: Qg = 48 nc (typ.)
· Low drain-source ON resistance: RDS (ON) = 5.4 mΩ (typ.)
· High forward transfer admittance: |Yfs| = 25 S (typ.)
· Low leakage current: IDSS = 10 µA (max) (VDS = 30 V)
· Enhancement-mode: Vth = 1.1 to 2.3 V (VDS = 10 V, ID = 1 mA)
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
30
V
Drain-gate voltage (RGS = 20 kW)
VDGR
30
V
Gate-source voltage
VGSS
±20
V
DC
(Note 1)
ID
15
Drain current
Pulse (Note 1)
IDP
60
A
Drain power dissipation
(t
= 10 s)
(Note 2a)
PD
1.9
W
Drain power dissipation
(t
= 10 s)
(Note 2b)
PD
1.0
W
Single pulse avalanche energy
(Note 3)
EAS
146
mJ
Avalanche current
IAR
15
A
Repetitive avalanche energy
(Note 2a) (Note 4)
EAR
0.19
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
-55 to 150
°C
Note: For (Note 1), (Note 2), (Note 3) and (Note 4), please refer to the
next page.
This transistor is an electrostatic sensitive device. Please handle with caution.
Unit: mm
JEDEC
JEITA
TOSHIBA
2-6J1B
Weight: 0.080 g (typ.)
Circuit Configuration
8
6
1
2
3
7
5
4


Similar Part No. - TPC8013-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8013-H TOSHIBA-TPC8013-H Datasheet
208Kb / 7P
   High-Efficiency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
logo
VBsemi Electronics Co.,...
TPC8013-H VBSEMI-TPC8013-H Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Toshiba Semiconductor
TPC8013-H TOSHIBA-TPC8013-H_06 Datasheet
208Kb / 7P
   High-Efficiency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
More results

Similar Description - TPC8013-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8005-H TOSHIBA-TPC8005-H Datasheet
512Kb / 7P
   Silicon N Channel MOS Type (High Speed U-MOS)
TPC8016-H TOSHIBA-TPC8016-H Datasheet
75Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (High speed U-MOS III)
TPC6103 TOSHIBA-TPC6103 Datasheet
230Kb / 7P
   Silicon P Channel MOS Type (U-MOS III)
TPC6105 TOSHIBA-TPC6105_06 Datasheet
259Kb / 7P
   Silicon P Channel MOS Type (U-MOS III)
TPCF8402 TOSHIBA-TPCF8402_09 Datasheet
320Kb / 11P
   Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCP8402 TOSHIBA-TPCP8402 Datasheet
162Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCF8001 TOSHIBA-TPCF8001 Datasheet
242Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
TPCF8201 TOSHIBA-TPCF8201_07 Datasheet
232Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
TPC8211 TOSHIBA-TPC8211 Datasheet
171Kb / 4P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
TPCP8402 TOSHIBA-TPCP8402_07 Datasheet
304Kb / 11P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com