Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88147DLKG Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY88147DLKG
Description  3.3V, 1.25Gbps PECL Limiting Post Amplifier w/High Gain TTL Loss-of-Signal
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88147DLKG Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY88147DLKG Datasheet HTML 2Page - Micrel Semiconductor SY88147DLKG Datasheet HTML 3Page - Micrel Semiconductor SY88147DLKG Datasheet HTML 4Page - Micrel Semiconductor SY88147DLKG Datasheet HTML 5Page - Micrel Semiconductor SY88147DLKG Datasheet HTML 6Page - Micrel Semiconductor SY88147DLKG Datasheet HTML 7Page - Micrel Semiconductor SY88147DLKG Datasheet HTML 8Page - Micrel Semiconductor SY88147DLKG Datasheet HTML 9Page - Micrel Semiconductor SY88147DLKG Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Micrel, Inc.
SY88147DL
February 2007
9
M9999-021207-B
hbwhelp@micrel.com or (408) 955-1690
Related Product and Support Documentation
Part Number
Function
Data Sheet Link
SY88903AL
3.3V/5V 1.25Gbps PECL High-Sensitivity
Limiting Post Amplifier with TTL LOS
http://www.micrel.com/product-info/sy88903al.shtml
Application Notes
Notes on Sensitivity and Hysteresis in Micrel
Post Amplifiers
http://www.micrel.com/product-info/app_hints+notes.shtml


Similar Part No. - SY88147DLKG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88147DLKG MICREL-SY88147DLKG Datasheet
311Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post
SY88147DLKGTR MICREL-SY88147DLKGTR Datasheet
311Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post
More results

Similar Description - SY88147DLKG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88149CL MICREL-SY88149CL Datasheet
280Kb / 10P
   3.3V, 1.25Gbps PECL LIMITING POST AMPLIFIER W/HIGH GAIN TTL SIGNAL DETECT
SY88149CL MICREL-SY88149CL_07 Datasheet
285Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post Amplifier w/High Gain TTL Signal Detect
SY88933AL MICREL-SY88933AL_07 Datasheet
325Kb / 9P
   3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
SY88933AL MICREL-SY88933AL Datasheet
336Kb / 9P
   3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
SY88347DL MICREL-SY88347DL Datasheet
285Kb / 9P
   3.3V, 3.2Gbps PECL Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88903AL MICREL-SY88903AL Datasheet
333Kb / 9P
   3.3V, Burst Mode 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier with TTL Loss-of-Signal
SY88147DL MICREL-SY88147DL_07 Datasheet
311Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post
SY88149CL MICREL-SY88149CL_09 Datasheet
311Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post
SY88343DL MICREL-SY88343DL Datasheet
314Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343DL MICREL-SY88343DL_07 Datasheet
317Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com