Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SY88147DL Datasheet(PDF) 3 Page - Micrel Semiconductor

Part No. SY88147DL
Description  3.3V, 1.25Gbps PECL Limiting Post Amplifier w/High Gain TTL Loss-of-Signal
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

SY88147DL Datasheet(HTML) 3 Page - Micrel Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Micrel, Inc.
SY88147DL
February 2007
3
M9999-021207-B
hbwhelp@micrel.com or (408) 955-1690
Ordering Information
Part Number
Package
Type
Operating
Range
Package Marking
Lead
Finish
SY88147DLKG
K10-1
Industrial
147D with Pb-Free bar line indicator
NiPdAu
Pb-Free
SY88147DLKGTR
(1)
K10-1
Industrial
147D with Pb-Free bar line indicator
NiPdAu
Pb-Free
Note:
1.
Tape and Reel.
Pin Configuration
10-Pin MSOP (K10-1)
Pin Description
Pin Number
Pin Name
Type
Pin Function
1
/EN
TTL Input: Default is
HIGH.
/Enable: This input enables the outputs when it is LOW. Note
that this input is internally connected to a 25kΩ pull-up resistor
and will default to a logic HIGH state if left open.
2
DIN
Data Input
True data input.
3
/DIN
Data Input
Complementary data input.
4
VREF
Reference voltage: Placing a capacitor here to VCC helps
stabilize LOSLVL.
5
LOSLVL
Input
Loss-of-Signal Level Set: a resistor from this pin to VCC sets the
threshold for the data input amplitude at which LOS will be
asserted.
6
GND,
Exposed Pad
Ground
Device ground.
7
LOS
Open-collector TTL
output w/internal 4.75kΩ
pull-up resistor
Loss-of-Signal: asserts high when the data input amplitude falls
below the threshold sets by LOSLVL.
8
/DOUT
PECL Output
Complementary data output.
9
DOUT
PECL Output
True data output.
10
VCC
Power Supply
Positive power supply.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn