Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVCH16601 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74ALVCH16601
Description  18-bit universal bus transceiver 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16601 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74ALVCH16601 Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16601 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16601 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16601 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16601 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16601 Datasheet HTML 9Page - NXP Semiconductors 74ALVCH16601 Datasheet HTML 10Page - NXP Semiconductors 74ALVCH16601 Datasheet HTML 11Page - NXP Semiconductors 74ALVCH16601 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Philips Semiconductors
Product specification
74ALVCH16601
18-bit universal bus transceiver (3-State)
1998 Sep 24
10
AC WAVEFORMS
VCC = 2.3 TO 2.7 V RANGE
1. VM = 0.5 V
2. VX = VOL + 0.15V
3. VY = VOH – 0.15V
4. VI = VCC
5. VOL and VOH are the typical output voltage drop that occur with
the output load.
VCC = 3.0 TO 3.6 V RANGE AND VCC = 2.7 V
1. VM = 1.5 V
2. VX = VOL + 0.3V
3. VY = VOH – 0.3V
4. VI = 2.7 V
5. VOL and VOH are the typical output voltage drop that occur with
the output load.
SW00063
An, Bn
INPUT
VM
tPHL
tPLH
VOL
VI
VM
GND
VOH
Bn, An
OUTPUT
Waveform 1. Input (An, Bn) to output (Bn, An) propagation
delays
SW00134
CPXX
INPUT
VM
tPHL
tPLH
VOL
VI
VM
GND
VOH
An, Bn
OUTPUT
tW
LEXX
INPUT
1/fmax
Waveform 2. Latch enable input (LEAB,LEBA) and clock pulse
input (CPAB, CPBA) to output propagation delays and their
pulse width
tPLZ
tPZL
VI
OEXX INPUT
GND
VCC
OUTPUT
LOW-to-OFF
OFF-to-LOW
VOL
VOH
OUTPUT
HIGH-to-OFF
OFF-to-HIGH
GND
outputs
en-
abled
outputs
en-
abled
outputs
dis-
abled
tPHZ
VM
VM
VM
tPZH
VX
VY
SW00127
Waveform 3. 3-State enable and disable times
VM
An, Bn
INPUT
VM
tSU
NOTE: The unshaded areas indicate when the input is permitted
to change for predictable output performance.
SW00128
tSU
th
VI
GND
VI
GND
CPXX, LEXX
INPUT
th
Waveform 4. Data set-up and hold times for the An and Bn
inputs to the LEAB, LEBA, CPAB and CPBA inputs
TEST CIRCUIT
PULSE
GENERATOR
RT
VIN
D.U.T.
VOUT
CL
VCC
RL=500 Ω
SWITCH POSITION
TEST
SWITCH
tPLH/tPHL
Open
tPLZ/tPZL
2
<VCC
tPHZ/tPZH
GND
Test Circuit for 3-State Outputs
Open
GND
S1
2
<VCC
DEFINITIONS
VCC
t 2.7V
2.7 – 3.6V
VIN
VCC
2.7V
RL = Load resistor
CL = Load capacitance includes jig and probe capacitance
RT = Termination resistance should be equal to ZOUT
of pulse generators.
SW00047
RL=500 Ω
Load circuitry for switching times


Similar Part No. - 74ALVCH16601

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVCH16601 NEXPERIA-74ALVCH16601 Datasheet
231Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
74ALVCH16601DGG NEXPERIA-74ALVCH16601DGG Datasheet
231Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
logo
Texas Instruments
74ALVCH16601DGGRE4 TI-74ALVCH16601DGGRE4 Datasheet
374Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH16601DGGRG4 TI-74ALVCH16601DGGRG4 Datasheet
374Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH16601DGVRG4 TI-74ALVCH16601DGVRG4 Datasheet
374Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74ALVCH16601

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
logo
NXP Semiconductors
74ABT16500C PHILIPS-74ABT16500C Datasheet
88Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Feb 27
logo
Nexperia B.V. All right...
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
74ALVCH16601 NEXPERIA-74ALVCH16601 Datasheet
231Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
logo
NXP Semiconductors
74ALVT16501 PHILIPS-74ALVT16501_05 Datasheet
123Kb / 20P
   18-bit universal bus transceiver; 3-state
Rev. 04-8 August 2005
74ALVCH16500 PHILIPS-74ALVCH16500 Datasheet
88Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVCH16501 PHILIPS-74ALVCH16501 Datasheet
86Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Sep 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com