Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C4225-35ASI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C4225-35ASI
Description  64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4225-35ASI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C4225-35ASI Datasheet HTML 2Page - Cypress Semiconductor CY7C4225-35ASI Datasheet HTML 3Page - Cypress Semiconductor CY7C4225-35ASI Datasheet HTML 4Page - Cypress Semiconductor CY7C4225-35ASI Datasheet HTML 5Page - Cypress Semiconductor CY7C4225-35ASI Datasheet HTML 6Page - Cypress Semiconductor CY7C4225-35ASI Datasheet HTML 7Page - Cypress Semiconductor CY7C4225-35ASI Datasheet HTML 8Page - Cypress Semiconductor CY7C4225-35ASI Datasheet HTML 9Page - Cypress Semiconductor CY7C4225-35ASI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
CY7C4425/4205/4215
CY7C4225/4235/4245
6
tPAFsynch
Clock to Programmable Almost-Full Flag
(Synchronous mode, VCC/SMODE tied to VSS)
8
10
15
20
ns
tPAEasynch
Clock to Programmable Almost-Empty Flag[12]
(Asynchronous mode, VCC/SMODE tied to VCC)
12
16
20
25
ns
tPAEsynch
Clock to Programmable Almost-Full Flag
(Synchronous mode, VCC/SMODE tied to VSS)
8
10
15
20
ns
tHF
Clock to Half-Full Flag
12
16
20
25
ns
tXO
Clock to Expansion Out
7
10
15
20
ns
tXI
Expansion in Pulse Width
3
6.5
10
14
ns
tXIS
Expansion in Set-Up Time
4.5
5
10
15
ns
tSKEW1
Skew Time between Read Clock and Write
Clock for Full Flag
5
6
10
12
ns
tSKEW2
Skew Time between Read Clock and Write
Clock for Empty Flag
5
6
10
12
ns
tSKEW3
Skew Time between Read Clock and Write
Clock for Programmable Almost Empty and Pro-
grammable Almost Full Flags.
10
15
18
20
ns
Switching Characteristics Over the Operating Range (continued)
Parameter
Description
7C42X5-10
7C42X5-15
7C42X5-25
7C42X5-35
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Switching Waveforms
Notes:
10. Pulse widths less than minimum values are not allowed.
11.
Values guaranteed by design, not currently tested.
12. PAFasynch, tPAEasynch, after program register write will not be valid until 5 ns + tPAF(E).
13. tSKEW1 is the minimum time between a rising RCLK edge and a rising WCLK edge to guarantee that FF will go HIGH during the current clock cycle. If the time between the
rising edge of RCLK and the rising edge of WCLK is less than tSKEW1, then FF may not change state until the next WCLK edge.
Write Cycle Timing
tCLKH
tCLKL
NO OPERATION
tDS
tSKEW1
tENS
WEN
tCLK
tDH
tWFF
tWFF
tENH
WCLK
D0 –D17
FF
REN
RCLK
42X5–6
[13]


Similar Part No. - CY7C4225-35ASI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4225-10AXI CYPRESS-CY7C4225-10AXI Datasheet
689Kb / 25P
   256/512/1K/4K x 18 Synchronous FIFOs
CY7C4225-15ASXC CYPRESS-CY7C4225-15ASXC Datasheet
689Kb / 25P
   256/512/1K/4K x 18 Synchronous FIFOs
CY7C4225-15AXC CYPRESS-CY7C4225-15AXC Datasheet
689Kb / 25P
   256/512/1K/4K x 18 Synchronous FIFOs
More results

Similar Description - CY7C4225-35ASI

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
AL4CE205 AVERLOGIC-AL4CE205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4205 CYPRESS-CY7C4205_11 Datasheet
689Kb / 25P
   256/512/1K/4K x 18 Synchronous FIFOs
CY7C4225V CYPRESS-CY7C4225V Datasheet
562Kb / 20P
   64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V_05 Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V Datasheet
263Kb / 17P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CS211 AVERLOGIC-AL4CS211_1 Datasheet
35Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
AL4CE211 AVERLOGIC-AL4CE211 Datasheet
34Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com