Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC9318FB Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC9318FB
Description  DIGITAL TUNING SYSTEM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9318FB Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC9318FB Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9318FB Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9318FB Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9318FB Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9318FB Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9318FB Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9318FB Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9318FB Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9318FB Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
SC9318-033
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2003.05.20
Http: www.silan.com.cn
Page 3 of 29
(Continued)
Characteristics
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Operating frequency ranges for programmable counter and IF counter
FMIN (VHF Mode)
fVHF
Sine wave input when VIN =0.2Vp-p
50
--
230
FMIN (FM Mode)
fFM
Sine wave input when VIN =0.2Vp-p
40
--
130
AMIN (HF Mode)
fHL
Sine wave input when VIN =0.2Vp-p
1
--
45
AMIN (LF Mode)
fLF
Sine wave input when VIN =0.2Vp-p
0.5
--
12
IFIN
fIF
Sine wave input when VIN =0.2Vp-p
0.35
--
12
MHz
Input Amplitude
VIN
FMIN, AMIN, IFIN input
0.2
--
VDD -
0.8
Vp-p
LCD common output/segment output (COM1~COM3, S1~S23)
“H”Level
IOH1
VLCD =3V, VOH=2.7V
-0.5
-1.0
--
Output
Current
“L”Level
IOL1
VLCD =3V, VOH =0.3V
0.5
1.0
--
mA
Output Voltage 1/2
Level
VBS
No load
1.3
1.5
1.7
V
HOLD input port
In put Leak Current
ILI
VIH=3.0V, VIL=0V
--
--
±1.0
µA
“H”Level
VIH1
--
2.4
--
3.0
Input
Voltage
“L”Level
VIL1
--
0
--
1.2
V
A/D (N) converter (A/DIN2, DC-REF)
Analog Input
Voltage Range
VAD
ADIN1, ADIN2
0
--
VDD
V
Analog Reference
Voltage Range
VREF
DC-REF, VDD =2.0~3.6V
1.0
--
VDD
×0.9
V
Resolution
VRES
--
--
6.0
--
bit
Conversion Total
Error
--
VDD =2.0~3.6V
--
±1.0
±4.0
LSB
Analog Input Leak
ILI
VIH=3.0V, VIL=0V
(ADIN1, ADIN2, DC-REF)
--
--
±1.0
µA
KEY input port (K0~K3)
N-ch/P-ch Input
Resistance
RIN1
--
75
150
300
k
“H”Level
VIH2
When input with pull-down resistance
1.8
--
3.0
Input
Voltage
“L”Level
VIL2
When input with pull-down resistance
0
--
0.3
V
“H”Level
VIH3
When input with pull-up resistance
2.7
--
3.0
Input
Voltage
“L”Level
VIL3
When input with pull-up resistance
0
--
1.2
V
Input Leak Current
ILI
When input resistance off,
VIH=3.0V, VIL=0V
--
--
±1.0
µA
Timing output port (T0~T5)
“H”Level
IOH1
VOH =2.7V
-0.5
-1.0
--
Output
Current
“L”Level
IOL1
VOL=0.3V,Use LCD key-return mode
0.5
1.0
--
mA
N-ch Load
Resistance
ITL
No used LCD key-return mode
75
150
300
k
(To be continued)


Similar Part No. - SC9318FB

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9318FB-033 SILAN-SC9318FB-033 Datasheet
469Kb / 28P
   DTS MICROCONTROLLER FOR PORTABLE RADIO RECEIVER
More results

Similar Description - SC9318FB

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9321F-003 TOSHIBA-TC9321F-003 Datasheet
207Kb / 4P
   DIGITAL TUNING SYSTEM
TC9318FB-001 TOSHIBA-TC9318FB-001 Datasheet
195Kb / 4P
   DIGITAL TUNING SYSTEM
TC9321F-005 TOSHIBA-TC9321F-005 Datasheet
208Kb / 4P
   DIGITAL TUNING SYSTEM
TC9309F-059 TOSHIBA-TC9309F-059 Datasheet
230Kb / 4P
   DIGITAL TUNING SYSTEM
TC9316F-026 TOSHIBA-TC9316F-026 Datasheet
122Kb / 3P
   DIGITAL TUNING SYSTEM
TC9316F-027 TOSHIBA-TC9316F-027 Datasheet
115Kb / 3P
   DIGITAL TUNING SYSTEM
TC9418FN TOSHIBA-TC9418FN Datasheet
899Kb / 21P
   PLL FOR DIGITAL TUNING SYSTEM
logo
Hitachi Semiconductor
HD10551 HITACHI-HD10551 Datasheet
106Kb / 4P
   Prescaler for Digital Tuning System
logo
Silan Microelectronics ...
SC72131 SILAN-SC72131 Datasheet
215Kb / 10P
   PLL FOR DIGITAL TUNING SYSTEM(DTS)
logo
Toshiba Semiconductor
TC9309F-107 TOSHIBA-TC9309F-107 Datasheet
159Kb / 4P
   SINGLE CHIP DIGITAL TUNING SYSTEM FOR CD RADIO SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com