Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFE380D25 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PFE380D25
Description  Up to 25Amp 120/240, 380, 480 Vac AC Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PFE380D25 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PFE380D25 Datasheet HTML 1Page - List of Unclassifed Manufacturers PFE380D25 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
102030405060
70
80
AMBIENT TEMPERATURE (˚Cû)
0
2
4
6
8
10
0
5
10
15
20
25
0
20406080
100
120
140
HEATSINK TEMPERATURE (˚Cû)
G E N E R A L SPE C I F I C A T ION S
Dielectric Strength 50/60Hz Input/Output
4000 Vrms
Insulation Resistance (Min.) @ 500 Vdc
109 Ohm
Max. Capacitance Input/Output
8 pF
Ambient Operating Temperature Range
-30 to 80˚C
Ambient Storage Temperature Range
-30 to 125˚C
M E C HANI C A L SPE C I F I C A T ION S
Weight: (typical)
.85 oz. (25g)
Encapsulation:
Thermally Conductive Epoxy
All dimensions are in inches (millimeters)
A PP R OVA L S
UL
E116950
VDE
70938 (DC Control Only)
1.35
MAX.
(34.3)
.700
(17.8)
.900
(22.8)
1.70
(43.1)
1.100
(27.9)
.200
(5.1)
.050
(1.3)
.040
(1.0)
DIA.
4 PLACES
.300
(7.6) TYP.
.72
(18.3) TYP.
1.6 TYP.
(38.1)
43
2
1
FastFax Document No. 115
SERIES PF
Rev. 041902
PAGE 2 OF 2
Fig.1 Convection Cooling
Fig.2 Forced Air Cooling
C U RR E N T D E R A T IN G C U R V ES
Series PF, PowerFinTM
Up to 25Amp • 120/240, 380, 480 Vac • AC Output
AVAI L A B L E O P T ION S
R
Random Turn-On (AC & DC Control, 240V Only)
Phase Controllable (DC Control, 240V Only)
Example: PF240A25 R, PFE240D25 R
©2002 CRYDOM CORP, Specifications subject to change without notice.
DC CONTROL
PIN 1: AC LOAD
PIN 2: AC LOAD
PIN 3: +DC CONTROL
PIN 4: -DC CONTROL
AC CONTROL
PIN 1: AC LOAD
PIN 2: AC LOAD
PIN 3: AC CONTROL
PIN 4: AC CONTROL
For recommended applications and more information contact:
USA: Sales Support (877) 502-5500 Tech Support (877) 702-7700 FAX (619) 710-8540
Crydom Corp, 2320 Paseo de las Americas, Ste. 201, San Diego, CA 92154
Email: sales@crydom.com WEB SITE: http://www.crydom.com
UK: +44 (0)1202 365070 • FAX +44 (0)1202 365090 Crydom International Ltd., 7 Cobham
Road, Ferndown Industrial Estate, Ferndown, Dorset BH21 7PE, Email: intsales@crydom.com.
GERMANY: +49 (0)180 3000 506


Similar Part No. - PFE380D25

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
PFE380D25 CRYDOM-PFE380D25 Datasheet
523Kb / 4P
   SIP SSR SCR output for heavy industrial loads
PFE380D25 CRYDOM-PFE380D25 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
PFE380D25 CRYDOM-PFE380D25 Datasheet
770Kb / 5P
   PCB Mount
PFE380D25 CRYDOM-PFE380D25 Datasheet
592Kb / 5P
   PCB Mount
PFE380D25R CRYDOM-PFE380D25R Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
More results

Similar Description - PFE380D25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CX240A5 ETC1-CX240A5 Datasheet
33Kb / 2P
   5Amp 120/240, 380, 480 Vac AC Output SIP
A24110 ETC2-A24110 Datasheet
81Kb / 2P
   120/240, 480 Vac / AC Output
EZ240A12 ETC1-EZ240A12 Datasheet
56Kb / 2P
   5-18Amp 120/240, 480 Vac AC Output
H12D4825DE ETC1-H12D4825DE Datasheet
37Kb / 2P
   25-40Amp 120/240, 480 Vac AC OUTPUT
TD2420Q ETC1-TD2420Q Datasheet
34Kb / 2P
   20Amp 120/240 Vac AC Output
CSD2410 ETC1-CSD2410 Datasheet
45Kb / 3P
   10-90Amp 120/240 Vac AC OUTPUT
S218 ETC1-S218 Datasheet
23Kb / 1P
   8 Amp 120, 240 Vac AC Output
S312 ETC1-S312 Datasheet
23Kb / 1P
   3 Amp 120, 240 Vac AC Output
D2W202F ETC1-D2W202F Datasheet
23Kb / 1P
   2-3.5 Amps 120/240 Vac AC Output SIP
logo
Schneider Electric
PCSP120D5N2 SCHNEIDER-PCSP120D5N2 Datasheet
88Kb / 2P
   Active harmonic filter 120 amp 380-480 VAC N2 Enclosure
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com