Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAS9122 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. MAS9122
Description  3 Outputs LDO Voltage Regulator IC
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC1 - List of Unclassifed Manufacturers

MAS9122 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MAS9122 Datasheet HTML 2Page - List of Unclassifed Manufacturers MAS9122 Datasheet HTML 3Page - List of Unclassifed Manufacturers MAS9122 Datasheet HTML 4Page - List of Unclassifed Manufacturers MAS9122 Datasheet HTML 5Page - List of Unclassifed Manufacturers MAS9122 Datasheet HTML 6Page - List of Unclassifed Manufacturers MAS9122 Datasheet HTML 7Page - List of Unclassifed Manufacturers MAS9122 Datasheet HTML 8Page - List of Unclassifed Manufacturers MAS9122 Datasheet HTML 9Page - List of Unclassifed Manufacturers MAS9122 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DA9122.002
7 September, 2001
6 (12)
APPLICATION INFORMATION
See also table External Capacitors on p. 4.
FUNCTIONS
x Reference voltage
The device is supplied with 3.1 V to 5.3 V battery
under normal conditions. An internal bandgap
voltage reference is routed via 20 kOhm resistor to
an external pin, where a filter capacitor can be
connected in order to reduce noise level of all
regulators. The startup time of the reference
voltage is then determined by the value of the
bypass capacitor at pin VREF.
x Enable pins
Each regulator can be enabled/disabled by two
enable pins ENA and ENBC. Pin ENA controls
regulator LDO_A and pin ENBC controls both
regulator LDO_B and LDO_C. If both enable pins
are forced low, the whole circuit goes into power
saving sleep-mode. In the table below all functional
modes are presented.
x Regulators
The device contains three low dropout CMOS
regulators, with maximum output currents of 135
mA, 70 mA and 50 mA. Three different output
voltage options are available by mask option:
2.70 V, 2.85 V and 3.00 V.
x Logic Table for Enable Inputs
ENA
ENBC
LDO_A
LDO_B
LDO_C
VREF
1
1
ON
ON
ON
ON
1
0
ON
OFF
OFF
ON
0
1
OFF
ONONON
0
0
OFF
OFF
OFF
OFF
VIN 3.1 V ... 5.3 V
1 uF
1 uF
10 nF
ENA
ENBC
OUTA
OUTB
OUTC
VREF
VIN
GND
MAS9122
1 uF
1 uF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MIC373003.0A LOW VOLTAGE UCAP LDO REGULATOR 1 2 3 4 5 MoreMicrel Semiconductor
MAS916280 mA LDO VOLTAGE REGULATOR IC 1 2 3 4 5 MoreList of Unclassifed Manufacturers
S1117APICAdjustable and Fixed LDO Voltage Regulator 1 2 3 4 5 MoreAUK corp
AP2115300mA FIXED OUTPUT VOLTAGE LDO REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
AP2117300mA FIXED OUTPUT VOLTAGE LDO REGULATOR 1 2 BCD Semiconductor Manufacturing Limited
TLE4484Dual Voltage Regulator with 5 V and 15 V Outputs 1 2 3 4 5 MoreInfineon Technologies AG
MC33765Very Low Dropout/Ultra Low Noise 5 Outputs Voltage Regulator 1 2 3 4 5 MoreON Semiconductor
MCP17261A Low Voltage Low Quiescent Current LDO Regulator 1 2 3 4 5 MoreMicrochip Technology
TS5204150mA Low Noise LDO Voltage Regulator 1 2 3 4 Taiwan Semiconductor Company, Ltd
IP1524DUAL OUTPUT VOLTAGE LDO REGULATOR 1 2 3 4 5 MoreInterpion semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn