Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAS9122 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MAS9122
Description  3 Outputs LDO Voltage Regulator IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MAS9122 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MAS9122 Datasheet HTML 1Page - List of Unclassifed Manufacturers MAS9122 Datasheet HTML 2Page - List of Unclassifed Manufacturers MAS9122 Datasheet HTML 3Page - List of Unclassifed Manufacturers MAS9122 Datasheet HTML 4Page - List of Unclassifed Manufacturers MAS9122 Datasheet HTML 5Page - List of Unclassifed Manufacturers MAS9122 Datasheet HTML 6Page - List of Unclassifed Manufacturers MAS9122 Datasheet HTML 7Page - List of Unclassifed Manufacturers MAS9122 Datasheet HTML 8Page - List of Unclassifed Manufacturers MAS9122 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DA9122.002
7 September, 2001
5 (12)
x Load Regulation
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Load Regulation LDO_A
0 mA < IOUT < 135 mA
0 mA < IOUT < 100 mA
22
22
50
30
mV
Load Regulation LDO_B
0 mA < IOUT < 70 mA
21
25
mV
Load Regulation LDO_C
0 mA < IOUT < 50 mA
13
22
mV
x Line Regulation
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Line Regulation for all LDOs
IOUT = IMAX ,VIN from 5.3 V to 3.1 V
0.40
1.2
mV
x PSRR
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
PSRR for all LDOs
IOUT = Max IOUT
VIN = 3.6 V
f = 1 kHz
f = 10 kHz
47
75
63
dB
x Noise and Crosstalk
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Noise Voltage for all LDOs
VNO
100 Hz < f < 100 kHz
25
30
µVrms
x Dynamic Parameters
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Start-up Delay (from enabling
LDO_A to 90% * VOUT(NOM) ,
other LDOs at ON state)
(Note 2)
VENA from < 0.3 V to > 2.0 V,
VENBC > 2.0 V, IOUT = Max IOUT,
COUTA = 1
µF
25
µs
Overshoot
VENA from < 0.3 V to > 2.0 V,
VENBC > 2.0 V, IOUT = Max IOUT,
COUTA = 1
µF
1%
Settling Time
(from 90% * VOUT(NOM)A to max
±0.1% fluctuation)
VENA from < 0.3 V to > 2.0 V,
VENBC > 2.0 V, IOUT = Max IOUT,
COUTA = 1
µF, w/o C
BYPASS
200
µs
Note 2: When all regulators are disabled the start-up delay is a function of a bypass capacitor. Typically 0.5 ms for 10 nF capacitor.
TRL
VOUT
50%
start-up delay
90%
overshoot
settling time
Figure 1. Definitions of
start-up delay, overshoot
and settling time.


Similar Part No. - MAS9122

ManufacturerPart #DatasheetDescription
logo
Micronas
MAS9128A MICRONAS-MAS9128A Datasheet
221Kb / 8P
   LDO Voltage Regulator IC
MAS9128AS MICRONAS-MAS9128AS Datasheet
221Kb / 8P
   LDO Voltage Regulator IC
MAS9128AS-T MICRONAS-MAS9128AS-T Datasheet
221Kb / 8P
   LDO Voltage Regulator IC
More results

Similar Description - MAS9122

ManufacturerPart #DatasheetDescription
logo
Micronas
MAS9128A MICRONAS-MAS9128A Datasheet
221Kb / 8P
   LDO Voltage Regulator IC
logo
List of Unclassifed Man...
MAS9162 ETC1-MAS9162 Datasheet
89Kb / 8P
   80 mA LDO VOLTAGE REGULATOR IC
logo
Interpion semiconductor
IP1621 INTERPION-IP1621 Datasheet
364Kb / 15P
   DUAL OUTPUT VOLTAGE LDO REGULATOR RESET IC
IP1622 INTERPION-IP1622 Datasheet
362Kb / 15P
   DUAL OUTPUT VOLTAGE LDO REGULATOR RESET IC
logo
AUK corp
A78R33PIC AUK-A78R33PIC Datasheet
295Kb / 7P
   LDO Fixed Regulator IC
logo
SHENZHEN FUMAN ELECTRON...
SC1117 FUMAN-SC1117 Datasheet
481Kb / 8P
   800mA LDO Regulator IC
logo
Texas Instruments
DRV8850 TI1-DRV8850 Datasheet
973Kb / 22P
[Old version datasheet]   Low-Voltage H-Bridge IC With LDO Voltage Regulator
DRV8850 TI1-DRV8850_16 Datasheet
2Mb / 30P
[Old version datasheet]   Low-Voltage H-Bridge IC with LDO Voltage Regulator
DRV8850 TI-DRV8850_15 Datasheet
974Kb / 23P
[Old version datasheet]   Low-Voltage H-Bridge IC With LDO Voltage Regulator
DRV8850 TI1-DRV8850 Datasheet
973Kb / 22P
[Old version datasheet]   Low-Voltage H-Bridge IC With LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com