Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74AC174 Datasheet(PDF) 4 Page - Integral Corp.

Part No. IN74AC174
Description  Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEGRAL [Integral Corp.]
Homepage  http://www.iksemi.com/
Logo 

IN74AC174 Datasheet(HTML) 4 Page - Integral Corp.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IN74AC174
257
AC ELECTRICAL CHARACTERISTICS(C
L=50pF,Input tr=tf=3.0 ns)
VCC
*
Guaranteed Limits
Symbol
Parameter
V
25
°C-40°C to
85
°C
Unit
Min
Max
Min
Max
fmax
Maximum Clock Frequency (Figure 1)
3.3
5.0
90
100
70
100
MHz
tPLH
Propagation Delay, Clock to Q (Figure 1)
3.3
5.0
2.0
1.5
11.5
8.5
1.5
1.0
12.5
9.5
ns
tPHL
Propagation Delay, Clock to Q (Figure 1)
3.3
5.0
2.0
1.5
11.0
8.0
1.5
1.0
12.0
9.0
ns
tPHL
Propagation Delay, Reset to Q (Figure 2)
3.3
5.0
2.5
1.5
11.5
9.0
2.0
1.5
12.5
10.5
ns
CIN
Maximum Input Capacitance
5.0
4.5
4.5
pF
Typical @25
°C,V
CC=5.0 V
CPD
Power Dissipation Capacitance
85
pF
*Voltage Range 3.3 V is 3.3 V
±0.3 V
Voltage Range 5.0 V is 5.0 V
±0.5 V
TIMING REQUIREMENTS(C
L=50pF,Input tr=tf=3.0 ns)
VCC
*
Guaranteed Limits
Symbol
Parameter
V
25
°C-40°C to
85
°C
Unit
tsu
Minimum Setup Time, Data to Clock
(Figure 3)
3.3
5.0
6.5
5.0
7.0
5.5
ns
th
Minimum Hold Time, Clock to Data
(Figure 3)
3.3
5.0
3.0
3.0
3.0
3.0
ns
tw
Minimum Pulse Width, Reset (Figure 2)
3.3
5.0
5.5
5.0
7.0
5.0
ns
tw
Minimum Pulse Width, Clock (Figure 1)
3.3
5.0
5.5
5.0
7.0
5.0
ns
trec
Minimum Recovery Time, Reset to Clock
(Figure 2)
3.3
5.0
2.5
2.0
2.5
2.0
ns
*Voltage Range 3.3 V is 3.3 V
±0.3 V
Voltage Range 5.0 V is 5.0 V
±0.5 V


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn