Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IAC5A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IAC5A
Description  5 VDC SOLID-STATE OPTO-ISOLATED I/O MODULES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IAC5A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IAC5A Datasheet HTML 1Page - List of Unclassifed Manufacturers IAC5A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GENERAL SPECIFICATIONS
Input/Output Isolation Voltage
4000 Vrms
Insulation Resistance (Min.) @ 500 Vdc
109 Ohm
Max. Capacitance Input/Output
16 pF
Ambient Operating Temperature Range
-40 to 80ºC
Ambient Storage Temperature Range
-40 to 125ºC
MECHANICAL SPECIFICATIONS
Weight: (typical)
0.6 oz. (17g)
Encapsulation:
Thermally Conductive Epoxy
All dimensions are in inches (millimeters)
IAC5, IDC5, OAC5, ODC5
5 VDC SOLID-STATE OPTO-ISOLATED I/O MODULES
1.00
(25.4)
.25
(6.35)
.040 (1.0) DIA.
(4 PLACES)
.30
(7.6)
.200
(5.1)
.700
(17.8)
1.100
(27.9)
1.30
(43.1)
.100
(2.5)
.40
(10.2)
1
2
3+
5
BOTTOM VIEW
1.70
(43.1)
4
1.25
(31.7)
.25
(6.3)
.040 (1.0) DIA.
(4 PLACES)
.70
(17.8)
1.20
(30.5)
1.40
(35.5)
1.60
(40.6)
1.70
(43.1)
.30
(7.6)
.100
(2.5)
.30
(7.6)
.60
(15.2)
1.00
(25.4)
.030
(0.8)
CAPTIVE
#4-40. PHILLIPS
HEAD HOLD
DOWN SCREW
1
2
3
4
5
BOTTOM VIEW
1.25
(31.7)
.25
(6.3)
.040 (1.0) DIA.
(4 PLACES)
.70
(17.8)
1.20
(30.5)
1.40
(35.5)
1.70
(43.1)
.30
(7.6)
.100
(2.5)
.30
(7.6)
.60
(15.2
1.00
(25.4)
.030
(0.8)
CAPTIVE
#4-40. PHILLIPS
HEAD HOLD
DOWN SCREW
1
2
3
4
BOTTOM VIEW
IAC/IDC
OAC/ODC
MINI-PACK
MIAC, MIDC (5 pin models)
MOAC, MODC (4 pin models)
FastFax Document No. 301
I/OMOD5V.040898, PAGE 2 OF 2
9002
For recommended applications and more information contact:
USA: (800) 8 CRYDOM • (800) 827-9366 • (619) 715-7200 • fax (619) 715-7280
9525 Chesapeake Drive, San Diego, CA 92123 • e-mail: sales@crydom.com
WEB SITE: http://www.crydom.com FASTFAX Product Information: (888) 267-9191
UK: (44)1202 812300 • fax (44)1202 812340
85, Condor Close, Woolsbridge Industrial Estate, Three-Legged Cross. Wimborne, Dorset, England BH21 6SU
GERMANY: (49)871 935405 • fax (49)871 935407, Aussere Parkstr.5, D-84032 Altdorf, Germany
©1998 CRYDOM CORP Specifications subject to change without notice.


Similar Part No. - IAC5A

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
IAC5A CRYDOM-IAC5A Datasheet
544Kb / 4P
   I/O Modules
IAC5AQ CRYDOM-IAC5AQ Datasheet
1Mb / 4P
   Plug into mounting borards for Quad Series modules
IAC5AQ CRYDOM-IAC5AQ Datasheet
550Kb / 4P
   I/O Modules
More results

Similar Description - IAC5A

ManufacturerPart #DatasheetDescription
logo
Contec Co., Ltd
DIO-3232H-PE CONTEC-DIO-3232H-PE Datasheet
231Kb / 2P
   Opto-Isolated Digital I/O for PCI Express
logo
List of Unclassifed Man...
USB-7230 ETC2-USB-7230 Datasheet
242Kb / 2P
   Isolated USB Digital I/O Modules
logo
Contec Co., Ltd
DIO-1616BX-USB CONTEC-DIO-1616BX-USB Datasheet
366Kb / 5P
   PCI Express-compliant Opto-isolated Digital I/O Board
DIO-1616B-PE CONTEC-DIO-1616B-PE Datasheet
103Kb / 5P
   PCI Express-compliant Opto-isolated Digital I/O Board
logo
Omron Electronics LLC
G2RV-ST OMRON-G2RV-ST Datasheet
12Mb / 38P
   Slim I/O Relay/Slim I/O Solid State Relay
0922
logo
Contec Co., Ltd
DIO-1616RL-PE CONTEC-DIO-1616RL-PE Datasheet
241Kb / 2P
   Negative-Common Opto-Isolated Digital I/O for PCI Express
DIO-3232RL-PE CONTEC-DIO-3232RL-PE Datasheet
232Kb / 2P
   Negative-Common Opto-Isolated Digital I/O for PCI Express
logo
Schneider Electric
170ADM35011 SCHNEIDER-170ADM35011 Datasheet
228Kb / 8P
   discrete I/O module Modicon Momentum - 16 I/O solid state
Apr 12, 2022
170ADM35010 SCHNEIDER-170ADM35010 Datasheet
228Kb / 8P
   discrete I/O module Modicon Momentum - 16 I/O solid state
Apr 11, 2022
logo
Omron Electronics LLC
G3TC OMRON-G3TC Datasheet
1Mb / 14P
   Solid State Relays for Industrial I/O
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com