Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EZ480D18 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EZ480D18
Description  5-18Amp 120/240, 480 Vac AC Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EZ480D18 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EZ480D18 Datasheet HTML 1Page - List of Unclassifed Manufacturers EZ480D18 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AVAILABLE OPTIONS
S
Internal Snubber
Example: EZ240D12S
R
Random Turn-On Switching (240V Only)
Example: EZ240D12R, EZ240D12RS
EZ240D5R
GENERAL SPECIFICATIONS
Dielectric Strength 50/60Hz Input/Output/Base
4000 Vrms*
Insulation Resistance (Min.) @ 500 Vdc
109 Ohm
Max. Capacitance Input/Output
8 pF
Ambient Operating Temperature Range
-40 to 80˚C
Ambient Storage Temperature Range
-40 to 125˚C
MECHANICAL SPECIFICATIONS
Weight: (typical)
1.5 oz. (43g)
Encapsulation:
Thermally Conductive Epoxy
Terminals:
.25 Inch Faston
*240V, DC Control Models Only.
All dimensions are in inches (millimeters)
APPROVALS
UL
E116950
CSA LR81689
VDE 10139 UG (240V DC Control Only)
2.63
(66.8)
2.24
(56.9)
1.50
(38.1)
.49
(12.4)
1.00
(25.4)
1.73
(43.9)
.95
(24.1)
.40
(10.2)
.12
(3.0)
SOLID-STATE RELAY
1
OUTPUT
INPUT
2
3+
4
FASTON
TERMINAL
.250 X .032
4 PLCS.
.197 DIA.
(2 PLCS)
CURRENT DERATING CURVES
Crydom Heat Sinks offer excellent ther-
mal
management
and
are
perfectly
matched to the load current ratings of
Crydom panel mount relays.
Request
Crydom’s Heat Sink specification sheet for
all the details.
FastFax Document No.160
SERIES EZ
REV. 031802
PAGE 2 OF 2
Series EZ
5-18Amp • 120/240, 480 Vac • AC Output
© 2002 CRYDOM CORP, Specifications subject to change without notice.
PIN 1: AC LOAD
PIN 2: AC LOAD
PIN 3: +DC CONTROL
PIN 4: ---DC CONTROL
6
3
2
1
23
5
10
420
40
60
80
Load Current [Arms]
Max Ambient Temp. [˚C]
110
115
120
5A
10˚C/W
5˚C/W
NO HEATSINK
4
5
1
24
8
10
12
620
40
60
80
Load Current [Arms]
Max Ambient Temp. [˚C]
12A
4˚C/W
2˚C/W
15
10
5
0
6˚C/W
NO HEATSINK
112
124
116
120
3
6
12
15
18
920
40
60
80
Load Current [Arms]
Max Ambient Temp. [˚C]
18A
2˚C/W
18
12
6
0
5˚C/W
NO HEATSINK
112
124
116
120
For recommended applications and more information contact:
USA: Sales Support (877) 502-5500 Tech Support (877) 702-7700 FAX (619) 710-8540
Crydom Corp, 2320 Paseo de las Americas, Ste. 201, San Diego, CA 92154
Email: sales@crydom.com WEB SITE: http://www.crydom.com
UK: +44 (0)1202 365070 • FAX +44 (0)1202 365090 Crydom International Ltd., 7 Cobham
Road, Ferndown Industrial Estate, Ferndown, Dorset BH21 7PE, Email: intsales@crydom.com.
GERMANY: +49 (0)180 3000 506


Similar Part No. - EZ480D18

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
EZ480D18 CRYDOM-EZ480D18 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
EZ480D18 CRYDOM-EZ480D18 Datasheet
796Kb / 5P
   panel mount
More results

Similar Description - EZ480D18

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A24110 ETC2-A24110 Datasheet
81Kb / 2P
   120/240, 480 Vac / AC Output
H12D4825DE ETC1-H12D4825DE Datasheet
37Kb / 2P
   25-40Amp 120/240, 480 Vac AC OUTPUT
CX240A5 ETC1-CX240A5 Datasheet
33Kb / 2P
   5Amp 120/240, 380, 480 Vac AC Output SIP
PF240A25 ETC1-PF240A25 Datasheet
36Kb / 2P
   Up to 25Amp 120/240, 380, 480 Vac AC Output
TD2420Q ETC1-TD2420Q Datasheet
34Kb / 2P
   20Amp 120/240 Vac AC Output
CSD2410 ETC1-CSD2410 Datasheet
45Kb / 3P
   10-90Amp 120/240 Vac AC OUTPUT
S218 ETC1-S218 Datasheet
23Kb / 1P
   8 Amp 120, 240 Vac AC Output
S312 ETC1-S312 Datasheet
23Kb / 1P
   3 Amp 120, 240 Vac AC Output
D2W202F ETC1-D2W202F Datasheet
23Kb / 1P
   2-3.5 Amps 120/240 Vac AC Output SIP
H12CD4850 ETC1-H12CD4850 Datasheet
81Kb / 3P
   50-90Amp 480 Vac AC Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com