Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HN58X2508I Datasheet(PDF) 2 Page - Renesas Technology Corp

Part No. HN58X2508I
Description  Electrically Erasable and Programmable Read Only Memory
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58X2508I Datasheet(HTML) 2 Page - Renesas Technology Corp

  HN58X2508I Datasheet HTML 1Page - Renesas Technology Corp HN58X2508I Datasheet HTML 2Page - Renesas Technology Corp HN58X2508I Datasheet HTML 3Page - Renesas Technology Corp HN58X2508I Datasheet HTML 4Page - Renesas Technology Corp HN58X2508I Datasheet HTML 5Page - Renesas Technology Corp HN58X2508I Datasheet HTML 6Page - Renesas Technology Corp HN58X2508I Datasheet HTML 7Page - Renesas Technology Corp HN58X2508I Datasheet HTML 8Page - Renesas Technology Corp HN58X2508I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
HN58X2508I/HN58X2516I
Rev.2.00, Aug.19.2004, page 2 of 27
Features
• Single supply: 1.8 V to 5.5 V
• Serial peripheral interface (SPI bus)
SPI mode 0 (0,0), 3 (1,1)
• Clock frequency: 5 MHz (2.5 V to 5.5 V), 3 MHz (1.8 V to 5.5 V)
• Power dissipation:
Standby: 3
µA (max)
Active (Read): 2.5 mA (max)
Active (Write): 3.0 mA (max)
• Automatic page write: 32-byte/page
• Write cycle time: 5 ms (2.5 V min), 8 ms (1.8 V min)
• Endurance: 105 Cycles
• Data retention: 10 Years
• Small size packages: SOP-8pin, TSSOP-8pin
• Shipping tape and reel
TSSOP-8pin: 3,000 IC/reel
SOP-8pin : 2,500 IC/reel
• Temperature range: −40 to +85 °C
• Lead free product.
Ordering Information
Type No.
Internal organization
Operating voltage
Frequency
Package
HN58X2508FPIE
8-kbit (1024
× 8-bit)
1.8 V to 5.5 V
5 MHz
(2.5 V to 5.5 V)
150mil 8-pin plastic
SOP (FP-8DBV)
HN58X2516FPIE
16-kbit (2048
× 8-bit)
3 MHz
(1.8 V to 5.5V)
Lead free
HN58X2508TIE
8-kbit (1024
× 8-bit)
1.8 V to 5.5 V
5 MHz
(2.5 V to 5.5 V)
8-pin plastic TSSOP
(TTP-8DAV)
HN58X2516TIE
16-kbit (2048
× 8-bit)
3 MHz
(1.8 V to 5.5 V)
Lead free


Similar Part No. - HN58X2508I

ManufacturerPart No.DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
HN58X2508IAG RENESAS-HN58X2508IAG Datasheet
593Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2508I RENESAS-HN58X2508I_05 Datasheet
181Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results

Similar Description - HN58X2508I

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT24C32D ATMEL-AT24C32D Datasheet
1Mb / 26P
   electrically erasable and programmable read only memory
Motorola, Inc
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
   ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
ATMEL Corporation
ATMEL Corporation
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
   serial electrically-erasable programmable read only memory
NEC
NEC
UPD28C64 NEC-UPD28C64 Datasheet
250Kb / 10P
   65536-Bit Electrically Erasable And Programmable Read-Only Memory
Renesas Technology Corp
Renesas Technology Corp
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
ATMEL Corporation
ATMEL Corporation
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
Renesas Technology Corp
Renesas Technology Corp
R1EX25002ASA00I RENESAS-R1EX25002ASA00I Datasheet
764Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz