Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HN58X2508I Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HN58X2508I
Description  Electrically Erasable and Programmable Read Only Memory
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58X2508I Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HN58X2508I Datasheet HTML 2Page - Renesas Technology Corp HN58X2508I Datasheet HTML 3Page - Renesas Technology Corp HN58X2508I Datasheet HTML 4Page - Renesas Technology Corp HN58X2508I Datasheet HTML 5Page - Renesas Technology Corp HN58X2508I Datasheet HTML 6Page - Renesas Technology Corp HN58X2508I Datasheet HTML 7Page - Renesas Technology Corp HN58X2508I Datasheet HTML 8Page - Renesas Technology Corp HN58X2508I Datasheet HTML 9Page - Renesas Technology Corp HN58X2508I Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
HN58X2508I/HN58X2516I
Rev.2.00, Aug.19.2004, page 6 of 27
DC Characteristics
Parameter
Symbol
Min
Max
Unit
Test conditions
Input leakage current
ILI
2
µA
VCC = 5.5 V, VIN = 0 to 5.5 V
(
S, D, C, HOLD, W)
Output leakage current
ILO
2
µA
VCC = 5.5 V, VOUT = 0 to 5.5
V
(Q)
VCC current
Standby
ISB
3
µA
VIN = VSS or VCC,
VCC = 5.5 V
Active
ICC1
2
mA
VCC = 3.6 V, Read at 5 MHz
VIN = VCC
× 0.1/VCC × 0.9
Q = OPEN
2.5
mA
VCC = 5.5 V, Read at 5 MHz
VIN = VCC
× 0.1/VCC × 0.9
Q = OPEN
ICC2
2
mA
VCC = 3.6 V, Write at 5 MHz
VIN = VCC
× 0.1/VCC × 0.9
3.0
mA
VCC = 5.5 V, Write at 5 MHz
VIN = VCC
× 0.1/VCC × 0.9
Output voltage
VOL1
0.4
V
VCC = 5.5 V, IOL = 2 mA
VOL2
0.4
V
VCC = 2.5 V, IOL = 1.5 mA
VOH1
VCC
× 0.8
V
VCC = 5.5 V, IOL =
−2 mA
VOH2
VCC
× 0.8
V
VCC = 2.5 V, IOL =
−0.4 mA


Similar Part No. - HN58X2508I

ManufacturerPart #DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
HN58X2508IAG RENESAS-HN58X2508IAG Datasheet
593Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2508I RENESAS-HN58X2508I_05 Datasheet
181Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results

Similar Description - HN58X2508I

ManufacturerPart #DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT24C32D ATMEL-AT24C32D Datasheet
1Mb / 26P
   electrically erasable and programmable read only memory
Motorola, Inc
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
   ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
ATMEL Corporation
ATMEL Corporation
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
   serial electrically-erasable programmable read only memory
NEC
NEC
UPD28C64 NEC-UPD28C64 Datasheet
250Kb / 10P
   65536-Bit Electrically Erasable And Programmable Read-Only Memory
Renesas Technology Corp
Renesas Technology Corp
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
ATMEL Corporation
ATMEL Corporation
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
Renesas Technology Corp
Renesas Technology Corp
R1EX25002ASA00I RENESAS-R1EX25002ASA00I Datasheet
764Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com