Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS8881N Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8881N
Description  Vacuum Fluorescent Display Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8881N Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS8881N Datasheet HTML 1Page - National Semiconductor (TI) DS8881N Datasheet HTML 2Page - National Semiconductor (TI) DS8881N Datasheet HTML 3Page - National Semiconductor (TI) DS8881N Datasheet HTML 4Page - National Semiconductor (TI) DS8881N Datasheet HTML 5Page - National Semiconductor (TI) DS8881N Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VSS–VBB)
38V
Input Current
10 mA
Output Current
b
20 mA
Storage Temperature
b
65 Cto a150 C
Maximum Power Dissipation at 25 C
Molded Package
2168 mW
Lead Temperature (Soldering 4 sec)
260 C
Derate molded package 1735 mW C above 25 C
Operating Conditions
Min
Max
Units
Supply Voltage
VSS
50
95
V
VBB
Gnd
b
26
V
Temperature (TA)0
a
70
C
Electrical Characteristics (Notes 2 and 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
Logical ‘‘1’’
VSS e Max
Enable
IIN e 260 mA
51
V
Input Voltage
A B C D
IIN e 1400 mA
15
V
IIH
Logical ‘‘1’’
VSS e Max
Enable A B C D
260
m
A
Input Current
VIL
Logical ‘‘0’’
VSS e Max
Enable
10
V
Input Voltage
A B C D
03
V
IIL
Logical ‘‘0’’
VSS e Max
Enable
VIN e 0V
b
10
m
A
Input Current
A B C D
VIN e VIL(MAX)
25
m
A
VOH
Logical ‘‘1’’
Digit Output IOH eb7mA
VSS b 25
V
Output Voltage
IOH
Logical ‘‘1’’
VSS e Max Osc Output VRC e 06V VOH e 10V
50
m
A
Output Current
IOS
Output Short-Circuit VSS e Min Pin R VRC e 06V VR e 0V
b
150
b
450
m
A
Current
ROUT
Output Pull-Down
VSS e Min Digit Output
30
50
85
kX
Resistor
VOL
Logical ‘‘0’’
VSS e Min
Osc
VRC e 16V
IOL e 6 mA
05
V
Output Voltage
Pin R
IOL e 60 mA
02
V
VSS e Max
Digit Output
VENABLE e 1V IOL e 10 mAVBB a 14
V
ISS
Supply Current
VSS e 95V IOH e 0VENABLE e 51V
90
125
mA
VENABLE e 1V
50
90
mA
IBB
Supply Current
VSS e 95V IB e 0
VENABLE e 1V
b
08
b
15
mA
VBB eb26V IIN e 300 mA
VENABLE e 51V
b
30
b
50
mA
(Note 4)
VB
Filament Bias
IB e 10 mA
VBB a 64 VBB a 69 VBB a 74
V
Voltage
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the devices
should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device operation
Note 2
Unless otherwise specified minmax limits apply across the 0 Cto a70 C range All typicals are given for TA e 25 C
Note 3
All currents into device pins shown as positive out of device pins as negative and all voltages referenced to ground unless otherwise noted All values
shown as max or min on absolute value basis
Note 4
Approximately 50% of input current on pins 4 5 6 7 is shunted to VBB If minimum IBB is desired then IIN should be minimized by using resistors in series
with the inputs
2


Similar Part No. - DS8881N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS8880 TI1-DS8880 Datasheet
385Kb / 8P
[Old version datasheet]   High Voltage 7-Segment Decoder/Driver
logo
National Semiconductor ...
DS8880J NSC-DS8880J Datasheet
139Kb / 6P
   High Voltage 7-Segment Decoder/Driver
logo
Texas Instruments
DS8880J TI1-DS8880J Datasheet
385Kb / 8P
[Old version datasheet]   High Voltage 7-Segment Decoder/Driver
logo
National Semiconductor ...
DS8880N NSC-DS8880N Datasheet
139Kb / 6P
   High Voltage 7-Segment Decoder/Driver
logo
Texas Instruments
DS8880N TI1-DS8880N Datasheet
385Kb / 8P
[Old version datasheet]   High Voltage 7-Segment Decoder/Driver
More results

Similar Description - DS8881N

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
6118 ALLEGRO-6118 Datasheet
135Kb / 8P
   VACUUM FLUORESCENT DISPLAY DRIVER
logo
STMicroelectronics
STV7710 STMICROELECTRONICS-STV7710 Datasheet
121Kb / 19P
   Vacuum Fluorescent Display (VFD) Driver
logo
ON Semiconductor
CS1089 ONSEMI-CS1089 Datasheet
97Kb / 12P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
logo
National Semiconductor ...
LM9022 NSC-LM9022 Datasheet
262Kb / 7P
   Vacuum Fluorescent Display Filament Driver
logo
ON Semiconductor
CS1087 ONSEMI-CS1087 Datasheet
115Kb / 12P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 11
CS1088 ONSEMI-CS1088 Datasheet
71Kb / 8P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
logo
National Semiconductor ...
LM9022 NSC-LM9022_05 Datasheet
654Kb / 7P
   Vacuum Fluorescent Display Filament Driver
logo
Supertex, Inc
HV518 SUTEX-HV518_07 Datasheet
772Kb / 8P
   32-Channel Vacuum-Fluorescent Display Driver
logo
LAPIS Semiconductor Co....
ML9289 LAPIS-ML9289 Datasheet
298Kb / 31P
   Vacuum fluorescent display tube controller driver
logo
List of Unclassifed Man...
ML9289-01 ETC2-ML9289-01 Datasheet
471Kb / 31P
   Vacuum fluorescent display tube controller driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com