Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2480B Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS2480B
Description  Serial 1-Wire Line Driver with Load Sensor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2480B Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS2480B Datasheet HTML 6Page - Dallas Semiconductor DS2480B Datasheet HTML 7Page - Dallas Semiconductor DS2480B Datasheet HTML 8Page - Dallas Semiconductor DS2480B Datasheet HTML 9Page - Dallas Semiconductor DS2480B Datasheet HTML 10Page - Dallas Semiconductor DS2480B Datasheet HTML 11Page - Dallas Semiconductor DS2480B Datasheet HTML 12Page - Dallas Semiconductor DS2480B Datasheet HTML 13Page - Dallas Semiconductor DS2480B Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
DS2480B
10 of 30
101999
The type of time slot b2 (write 1 or write 0) is determined by the DS2480B as follows:
b2
= rn if conflict (as chosen by the host)
= b0 if no conflict (there is no alternative)
= 1 if error (there is no response)
The response the host will receive during a complete pass through a Search ROM function using the
Search Accelerator consists of 16 bytes as follows:
first byte
7
6
5
4
3
2
1
0
r’3
d3
r’2
d2
r’1
d1
r’0
d0
et cetera
16
th byte
7
6
5
4
3
2
1
0
r’63
d63
r’62
d62
r’61
d61
r’60
d60
As before, the index (values from 0 to 63, “n”) designates the position of the bit in the ROM ID of a
MicroLAN compatible device. The character “d” marks the discrepancy flag in that particular bit
position. The discrepancy flag will be 1 if there is a conflict, or no response in that particular bit position,
and 0 otherwise. The character “r” marks the actually chosen path at that particular bit position. The
chosen path is identical to b2 for the particular bit position of the ROM ID.
To perform a Search ROM sequence one starts with all bits rn being 0s. In case of a bus error, all
subsequent response bits r’n are 1s until the Search Accelerator is deactivated. Thus, if r’63 and d63 are both
1, an error has occurred during the search procedure and the last sequence has to be repeated. Otherwise
r’n (n = 0 ... 63) is the ROM code of the device that has been found and addressed.
For the next Search ROM sequence one reuses the previous set rn (n = 0 ... 63) but sets rm to 1 with “m”
being the index number of the highest discrepancy flag (that is, 1) and sets all ri to 0 with i > m. This
process is repeated until the highest discrepancy occurs in the same bit position for two consecutive
passes.
The table below shows an example for the communication between host and DS2480B to perform one
pass through the Search ROM function using the Search Accelerator. After a device has been identified
and addressed, a memory function (not specified here) is executed and finally a reset pulse is generated.
This example assumes that the DS2480B was in Command Mode and that regular 1–Wire speed is used.


Similar Part No. - DS2480B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2480B MAXIM-DS2480B Datasheet
700Kb / 32P
   Serial to 1-Wire Line Driver
5/10
DS2480B++ MAXIM-DS2480B+ Datasheet
700Kb / 32P
   Serial to 1-Wire Line Driver
5/10
DS2480B+R MAXIM-DS2480B+R Datasheet
700Kb / 32P
   Serial to 1-Wire Line Driver
5/10
DS2480B+T MAXIM-DS2480B+T Datasheet
700Kb / 32P
   Serial to 1-Wire Line Driver
5/10
DS2480B MAXIM-DS2480B_15 Datasheet
503Kb / 32P
   Serial to 1-Wire Line Driver
2015
More results

Similar Description - DS2480B

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1482 DALLAS-DS1482 Datasheet
215Kb / 7P
   1-Wire Level Shifter and Line Driver with Load Sensor
DS2480 DALLAS-DS2480 Datasheet
185Kb / 26P
   Serial 1.Wire Line Driver
logo
Maxim Integrated Produc...
DS2480B MAXIM-DS2480B Datasheet
700Kb / 32P
   Serial to 1-Wire Line Driver
5/10
DS2480B MAXIM-DS2480B_15 Datasheet
503Kb / 32P
   Serial to 1-Wire Line Driver
2015
logo
Renesas Technology Corp
ISL97632 RENESAS-ISL97632 Datasheet
508Kb / 10P
   LED Driver with 1-Wire Dimming
logo
Intersil Corporation
ISL97632 INTERSIL-ISL97632_10 Datasheet
175Kb / 9P
   LED Driver with 1-Wire Dimming
logo
Microchip Technology
TCN75A MICROCHIP-TCN75A Datasheet
1Mb / 32P
   2-Wire Serial Temperature Sensor
2006
TCN75A MICROCHIP-TCN75A_1 Datasheet
511Kb / 40P
   2-Wire Serial Temperature Sensor
08/04/10
logo
Rohm
BD8379EFV-M ROHM-BD8379EFV-M Datasheet
1Mb / 21P
   12ch LED Driver IC with 3-line Serial Interface
BD8378FV-M ROHM-BD8378FV-M Datasheet
781Kb / 20P
   8ch LED Driver IC with 3-line Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com