Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVCH16374DL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALVCH16374DL
Description  2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16374DL Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALVCH16374DL Datasheet HTML 1Page - NXP Semiconductors 74ALVCH16374DL Datasheet HTML 2Page - NXP Semiconductors 74ALVCH16374DL Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16374DL Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16374DL Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16374DL Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16374DL Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16374DL Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16374DL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74ALVCH16374
16-bit edge-triggered D-type flip-flop (3-State)
2
1998 Jun 18
853-2073 19604
FEATURES
Wide supply voltage range of 1.2 V to 3.6 V
Complies with JEDEC standard no. 8-1A
CMOS low power consumption
MULTIBYTETM flow-through standard pin-out architecture
Low inductance multiple V
CC and ground pins for minimum noise
and ground bounce
Direct interface with TTL levels
All data inputs have bushold
Output drive capability 50Ω transmission lines @ 85°C
Current drive ±24 mA at 3.0 V
DESCRIPTION
The 74ALVCH16374 is a 16-bit edge-triggered flip-flop featuring
separate D-type inputs for each flip-flop and 3-State outputs for bus
oriented applications. Incorporates bus hold data inputs which
eliminate the need for external pull-up or pull-down resistors to hold
unused inputs. The 74ALVCH16374 consists of 2 sections of eight
edge-triggered flip-flops. A clock (CP) input and an output enable
(OE) are provided per 8-bit section.
The flip-flops will store the state of their individual D-inputs that meet
the set-up and hold time requirements on the LOW-to-HIGH CP
transition.
When OE is LOW, the contents of the flip-flops are available at the
outputs. When OE is HIGH, the outputs go to the high impedance
OFF-state. Operation of the OE input does not affect the state of the
flip-flops.
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
1OE
1Q0
1Q1
GND
1Q2
1Q3
VCC
1Q5
GND
1Q6
1Q7
2Q0
2Q1
GND
1Q4
2Q2
2Q3
VCC
2Q4
2Q5
2D5
2D4
VCC
2D3
2D2
GND
2D1
2D0
1D7
1D6
GND
1D5
1D4
VCC
1D3
1D2
GND
1D1
1D0
1CP
21
22
23
24
25
26
27
28
GND
2Q6
2Q7
2OE
2CP
2D7
2D6
GND
SW00074
QUICK REFERENCE DATA
GND = 0V; Tamb = 25°C; tr = tf ≤ 2.5 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
t
/t
Propagation delay
VCC = 2.5V, CL = 30pF
2.3
ns
tPHL/tPLH
gy
CP to Qn
VCC = 3.3V, CL = 50pF
2.4
ns
f
Maximum clock frequency
VCC = 2.5V
300
MHz
fMAX
Maximum clock frequency
VCC = 3.3V
350
MHz
CI
Input capacitance
5.0
pF
C
Power dissipation capacitance per flip flop
V = GND to VCC1
Outputs enabled
16
pF
CPD
Power dissipation capacitance per flip-flop
VI = GND to VCC1
Outputs disabled
10
pF
NOTE:
1. CPD is used to determine the dynamic power dissipation (PD in mW):
PD = CPD × VCC2 × fi + S (CL × VCC2 × fo) where: fi = input frequency in MHz; CL = output load capacitance in pF;
fo = output frequency in MHz; VCC = supply voltage in V; S (CL × VCC2 × fo) = sum of outputs.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
48-Pin Plastic SSOP Type III
–40
°C to +85°C
74ALVCH16374 DL
ACH16374 DL
SOT370-1
48-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ALVCH16374 DGG
ACH16374 DGG
SOT362-1


Similar Part No. - 74ALVCH16374DL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16374DL NXP-74ALVCH16374DL Datasheet
158Kb / 17P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 03-27 April 2010
logo
Texas Instruments
74ALVCH16374DLG4 TI-74ALVCH16374DLG4 Datasheet
318Kb / 14P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
74ALVCH16374DLRG4 TI-74ALVCH16374DLRG4 Datasheet
318Kb / 14P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results

Similar Description - 74ALVCH16374DL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16374 PHILIPS-74ALVT16374 Datasheet
99Kb / 12P
   2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State
1999 Oct 18
74LVT16374A PHILIPS-74LVT16374A Datasheet
86Kb / 10P
   3.3V LVT 16-bit edge-triggered D-type flip-flop 3-State
1999 Oct 18
logo
Integrated Device Techn...
IDT74LVC16374A IDT-IDT74LVC16374A_15 Datasheet
106Kb / 6P
   3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Texas Instruments
SN74ALVCH162374 TI-SN74ALVCH162374_04 Datasheet
318Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC16374 TI-SN74LVC16374 Datasheet
97Kb / 6P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AVC16374 TI-SN74AVC16374_06 Datasheet
369Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI1-SN74LVCH16374A_14 Datasheet
918Kb / 24P
[Old version datasheet]   16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
SN74AUC16374 TI-SN74AUC16374 Datasheet
299Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI-SN74LVCH16374A_07 Datasheet
392Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC16374A TI1-SN74LVC16374A_14 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com