Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1077LU-60 Datasheet(PDF) 17 Page - Dallas Semiconductor

Part # DS1077LU-60
Description  3V EconOscillator/Divider
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1077LU-60 Datasheet(HTML) 17 Page - Dallas Semiconductor

Back Button DS1077LU-60 Datasheet HTML 12Page - Dallas Semiconductor DS1077LU-60 Datasheet HTML 13Page - Dallas Semiconductor DS1077LU-60 Datasheet HTML 14Page - Dallas Semiconductor DS1077LU-60 Datasheet HTML 15Page - Dallas Semiconductor DS1077LU-60 Datasheet HTML 16Page - Dallas Semiconductor DS1077LU-60 Datasheet HTML 17Page - Dallas Semiconductor DS1077LU-60 Datasheet HTML 18Page - Dallas Semiconductor DS1077LU-60 Datasheet HTML 19Page - Dallas Semiconductor DS1077LU-60 Datasheet HTML 20Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
DS1077L
17 of 20
TYPICAL OPERATING CHARACTERISTICS
(VCC = 3.3V, TA = +25ºC, unless otherwise specified)
SUPPLY CURRENT vs. TEMPERATURE
6
7
8
9
10
11
12
13
0
102030
40506070
TEMPERATURE (C)
66MHz device
60MHz device
50MHz device
40MHz device
SUPPLY CURRENT vs. VOLTAGE
6
7
8
9
10
11
12
13
14
15
16
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
3.6
VCC (V)
66MHz device
60MHz device
50MHz device
40MHz device


Similar Part No. - DS1077LU-60

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1077L MAXIM-DS1077L Datasheet
295Kb / 21P
   3V EconOscillator/Divider
011006
More results

Similar Description - DS1077LU-60

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1077L MAXIM-DS1077L Datasheet
295Kb / 21P
   3V EconOscillator/Divider
011006
DS1073 MAXIM-DS1073 Datasheet
266Kb / 18P
   3V EconOscillator/Divider
090503
logo
Dallas Semiconductor
DS1075 DALLAS-DS1075 Datasheet
251Kb / 18P
   EconOscillator/Divider
logo
Maxim Integrated Produc...
DS1077 MAXIM-DS1077 Datasheet
315Kb / 21P
   EconOscillator/Divider
011006
logo
Dallas Semiconductor
DS1065 DALLAS-DS1065 Datasheet
184Kb / 10P
   EconOscillator/Divider
DS1077 DALLAS-DS1077 Datasheet
286Kb / 21P
   EconOscillator/Divider
DS1075 DALLAS-DS1075 Datasheet
251Kb / 18P
   EconOscillator/Divider
DS1073 DALLAS-DS1073 Datasheet
187Kb / 13P
   EconOscillator/Divider
DS1085 DALLAS-DS1085 Datasheet
331Kb / 21P
   EconOscillator Frequency Synthesizer
logo
Maxim Integrated Produc...
DS1088L MAXIM-DS1088L_V01 Datasheet
458Kb / 8P
   Fixed-Frequency EconOscillator?
19-6184; Rev 3; 4/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com