Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1077LZ-60 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1077LZ-60
Description  3V EconOscillator/Divider
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1077LZ-60 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1077LZ-60 Datasheet HTML 1Page - Dallas Semiconductor DS1077LZ-60 Datasheet HTML 2Page - Dallas Semiconductor DS1077LZ-60 Datasheet HTML 3Page - Dallas Semiconductor DS1077LZ-60 Datasheet HTML 4Page - Dallas Semiconductor DS1077LZ-60 Datasheet HTML 5Page - Dallas Semiconductor DS1077LZ-60 Datasheet HTML 6Page - Dallas Semiconductor DS1077LZ-60 Datasheet HTML 7Page - Dallas Semiconductor DS1077LZ-60 Datasheet HTML 8Page - Dallas Semiconductor DS1077LZ-60 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DS1077L
5 of 20
TABLE 3
PDN0
(BIT)
PDN1
(BIT)
SHUTDOWN CONTROL
0
0
None*
0
1
CTRL1
1
0
CTRL0
1
1
CTRL0 or CTRL1
*CTRL0 performs a power-down if SEL0 and EN0 are both 0. (See Table 1.)
Serial Data Input/Output (SDA) – Input/output pin for the 2-wire serial interface used for data transfer.
Serial Clock Input (SCL) – Input pin for the 2-wire serial interface used to synchronize data movement
on the serial interface.
REGISTER FUNCTIONS
The user-programmable registers can be programmed by the user to determine the mode of operation
(MUX), operating frequency (DIV) and bus settings (BUS). Details of how these registers are
programmed can be found in a later section; in this section the functions of the registers are described.
The register setting are nonvolatile, the values are stored automatically or as required in EEPROM when
the registers are programmed via the SDA and SCL pins.
MUX WORD
MSB
LSB
MSB
LSB
Name
*
PDN1
PDN0
SEL0
EN0
0M1
0M0
1M1
1M0
DIV1
-
-
-
-
-
-
Default setting
0
0
0
1
1
0
0
0
0
0
x
x
x
x
x
x
first data byte
second data byte
*This bit must be set to zero.
DIV1 (bit)
This bit allows the output of the prescaler P1 to be routed directly to the OUT1 pin (DIV1 = 1). The N
divider is bypassed so the programmed value of N is ignored. If DIV1 = 0 (default) the N divider
functions normally.
0M1, 0M0, 1M1, 1M0 (bits)
These bits set the prescalers P0 and P1, to divide by 1, 2, 4, or 8. (See Table 4.)
TABLE 4
0M1
0M0
PRESCALER
P0 DIVISOR
“M”
1M1
1M0
PRESCALER
P1 DIVISOR
“M”
00
1*
00
1*
01
2
0
1
2
10
4
1
0
4
11
8
1
1
8
*Default Condition


Similar Part No. - DS1077LZ-60

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1077L MAXIM-DS1077L Datasheet
295Kb / 21P
   3V EconOscillator/Divider
011006
More results

Similar Description - DS1077LZ-60

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1077L MAXIM-DS1077L Datasheet
295Kb / 21P
   3V EconOscillator/Divider
011006
DS1073 MAXIM-DS1073 Datasheet
266Kb / 18P
   3V EconOscillator/Divider
090503
logo
Dallas Semiconductor
DS1075 DALLAS-DS1075 Datasheet
251Kb / 18P
   EconOscillator/Divider
logo
Maxim Integrated Produc...
DS1077 MAXIM-DS1077 Datasheet
315Kb / 21P
   EconOscillator/Divider
011006
logo
Dallas Semiconductor
DS1065 DALLAS-DS1065 Datasheet
184Kb / 10P
   EconOscillator/Divider
DS1077 DALLAS-DS1077 Datasheet
286Kb / 21P
   EconOscillator/Divider
DS1075 DALLAS-DS1075 Datasheet
251Kb / 18P
   EconOscillator/Divider
DS1073 DALLAS-DS1073 Datasheet
187Kb / 13P
   EconOscillator/Divider
DS1085 DALLAS-DS1085 Datasheet
331Kb / 21P
   EconOscillator Frequency Synthesizer
logo
Maxim Integrated Produc...
DS1088L MAXIM-DS1088L_V01 Datasheet
458Kb / 8P
   Fixed-Frequency EconOscillator?
19-6184; Rev 3; 4/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com