Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C4841-35AI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C4841-35AI
Description  256/512/1K/2K/4K/8K x9 x2 Double Sync FIFOs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4841-35AI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C4841-35AI Datasheet HTML 1Page - Cypress Semiconductor CY7C4841-35AI Datasheet HTML 2Page - Cypress Semiconductor CY7C4841-35AI Datasheet HTML 3Page - Cypress Semiconductor CY7C4841-35AI Datasheet HTML 4Page - Cypress Semiconductor CY7C4841-35AI Datasheet HTML 5Page - Cypress Semiconductor CY7C4841-35AI Datasheet HTML 6Page - Cypress Semiconductor CY7C4841-35AI Datasheet HTML 7Page - Cypress Semiconductor CY7C4841-35AI Datasheet HTML 8Page - Cypress Semiconductor CY7C4841-35AI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
CY7C4801/4811/4821
CY7C4831/4841/4851
Document #: 38-06005 Rev. **
Page 3 of 23
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature
.......................................−65
°C to +150°C
Ambient Temperature with
Power Applied
....................................................−55
°C to +125°C
Supply Voltage to Ground Potential
.................−0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State
.....................................................−0.5V to +7.0V
DC Input Voltage
.................................................−0.5V to +7.0V
Output Current into Outputs (LOW) .............................20 mA
Static Discharge Voltage ........................................... >2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current ..................................................... >200 mA
Selection Guide
7C48X1-10
7C48X1-15
7C48X1-25
7C48X1-35
Maximum Frequency (MHz)
100
66.7
40
28.6
Maximum Access Time (ns)
8
10
15
20
Minimum Cycle Time (ns)
10
15
25
35
Minimum Data or Enable Set-Up (ns)
3
4
6
7
Minimum Data or Enable Hold (ns)
0.5
1
1
2
Maximum Flag Delay (ns)
8
10
15
20
Active Power Supply
Current (ICC1) (mA)
Commercial
60
60
60
60
Industrial
70
70
70
70
CY7C4801
CY7C4811
CY7C4821
CY7C4831
CY7C4841
CY7C4851
Density
Double 256 x 9
Double 512 x 9
Double 1K x 9
Double 2K x 9
Double 4K x 9
Double 8K x 9
Package
64-pin TQFP
64-pin TQFP
64-pin TQFP
64-pin TQFP
64-pin TQFP
64-pin TQFP
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to +70°C
5V
± 10%
Industrial[1]
−40
°C to +85°C
5V
± 10%
Notes:
1.
TA is the “instant on” case temperature.


Similar Part No. - CY7C4841-35AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4841-35AI CYPRESS-CY7C4841-35AI Datasheet
292Kb / 23P
   256/512/1K/2K/4K/8K x9 x2 Double Sync FIFOs
More results

Similar Description - CY7C4841-35AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4801 CYPRESS-CY7C4801_02 Datasheet
292Kb / 23P
   256/512/1K/2K/4K/8K x9 x2 Double Sync FIFOs
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CA01 AVERLOGIC-AL4CA01 Datasheet
74Kb / 2P
   512/ 1K/ 2K/ 4K/ 8K x 9 Asynchronous FIFOs
AL4CS211 AVERLOGIC-AL4CS211_1 Datasheet
35Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4421V CYPRESS-CY7C4421V_05 Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V Datasheet
263Kb / 17P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CE211 AVERLOGIC-AL4CE211 Datasheet
34Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
AL4CE205 AVERLOGIC-AL4CE205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Advanced Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com