Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1090U-4 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1090U-4
Description  Low-Frequency, Spread-Spectrum EconOscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1090U-4 Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1090U-4 Datasheet HTML 1Page - Maxim Integrated Products DS1090U-4 Datasheet HTML 2Page - Maxim Integrated Products DS1090U-4 Datasheet HTML 3Page - Maxim Integrated Products DS1090U-4 Datasheet HTML 4Page - Maxim Integrated Products DS1090U-4 Datasheet HTML 5Page - Maxim Integrated Products DS1090U-4 Datasheet HTML 6Page - Maxim Integrated Products DS1090U-4 Datasheet HTML 7Page - Maxim Integrated Products DS1090U-4 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Low-Frequency, Spread-Spectrum
EconOscillator
_____________________________________________________________________
5
OUTPUT FREQUENCY
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
5
6
7
8
9
10
4
-40
85
VCC = 3.3V
60k
80k
40k
DUTY CYCLE
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
49
50
51
52
48
-40
85
RSET = 40k
VCC = 3.3V
VCC = 5V
DS1090U-1
RESISTOR CURRENT
vs. RESISTOR VALUE
RSET (k
Ω)
70
60
50
10
12
14
16
18
8
40
80
VCC = 3.3V, TA = +25
°C
FREQUENCY ERROR
vs. SUPPLY VOLTAGE (FROM 3.3V)
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
-2.5
0
2.5
5.0
-5.0
3.0
5.5
TA = +25
°C
40k
60k
80k
FREQUENCY ERROR
vs. TEMPERATURE (FROM +25
°C)
TEMPERATURE (
°C)
60
35
10
-15
-1.0
0
1.0
2.0
-2.0
-40
85
VCC = 3.3V
40k
60k
80k
POWER SPECTRUM vs. SPREAD
FREQUENCY (MHz)
5.35
-70
-60
-50
-40
-30
-20
-10
0
-80
4.80
5.90
VCC = 3.3V,
TA = +25
°C,
JC0 = JC1 = 1
OFF
±2%
±4%
±8%
Typical Operating Characteristics (continued)
(VCC = +3.3V, TA = +25°C, unless otherwise noted.)


Similar Part No. - DS1090U-4

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1090U-4++ MAXIM-DS1090U-4+ Datasheet
479Kb / 9P
   Low-Frequency, Spread-Spectrum EconOscillator
19-7500; Rev 3; 9/16
More results

Similar Description - DS1090U-4

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1090 MAXIM-DS1090_V01 Datasheet
479Kb / 9P
   Low-Frequency, Spread-Spectrum EconOscillator
19-7500; Rev 3; 9/16
DS1090 MAXIM-DS1090_07 Datasheet
202Kb / 8P
   Low-Frequency, Spread-Spectrum EconOscillator
Rev 1; 2/07
DS1086_1203 MAXIM-DS1086_1203 Datasheet
200Kb / 15P
   Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1086L MAXIM-DS1086L Datasheet
266Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 0; 11/03
DS1094L MAXIM-DS1094L Datasheet
496Kb / 12P
   Multiphase Spread-Spectrum EconOscillator
19-7628; Rev 2; 5/15
DS1086L_1203 MAXIM-DS1086L_1203 Datasheet
237Kb / 17P
   3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
logo
Dallas Semiconductor
DS1086 DALLAS-DS1086 Datasheet
229Kb / 14P
   DS1086 Spread-Spectrum EconOscillator
DS1087L DALLAS-DS1087L Datasheet
154Kb / 12P
   3.3V Spread-Spectrum EconOscillator
logo
Maxim Integrated Produc...
DS1086L MAXIM-DS1086L_07 Datasheet
225Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 9/07
logo
Dallas Semiconductor
DS1094L DALLAS-DS1094L Datasheet
590Kb / 11P
   Multiphase Spread-Spectrum EconOscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com