Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C4841-15AC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C4841-15AC
Description  256/512/1K/2K/4K/8K x9 x2 Double Sync FIFOs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4841-15AC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C4841-15AC Datasheet HTML 1Page - Cypress Semiconductor CY7C4841-15AC Datasheet HTML 2Page - Cypress Semiconductor CY7C4841-15AC Datasheet HTML 3Page - Cypress Semiconductor CY7C4841-15AC Datasheet HTML 4Page - Cypress Semiconductor CY7C4841-15AC Datasheet HTML 5Page - Cypress Semiconductor CY7C4841-15AC Datasheet HTML 6Page - Cypress Semiconductor CY7C4841-15AC Datasheet HTML 7Page - Cypress Semiconductor CY7C4841-15AC Datasheet HTML 8Page - Cypress Semiconductor CY7C4841-15AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
CY7C4801/4811/4821
CY7C4831/4841/4851
Document #: 38-06005 Rev. **
Page 4 of 23
Pin Definitions
Signal Name
Description
I/O
Description
DA0 − 8
Data Inputs
I
Data Inputs for 9-bit bus
DB0 − 8
Data Inputs
I
Data Inputs for 9-bit bus
QA0 − 8
Data Outputs
O
Data Outputs for 9-bit bus
QB0 − 8
Data Outputs
O
Data Outputs for 9-bit bus
WENA1
WENB1
Write Enable 1
I
WENA1 and WENB1become the only write enables when the device is configured to
have programmable flags. Data is written on a LOW-to-HIGH transition of WCLK when
(WENA1,WENB1) is LOW and (FFA,FFB) is HIGH. If the FIFO is configured to have two write
enables, data is written on a LOW-to-HIGH transition of WCLK when (WENA1,WENB1) is
LOW and (WENA2/LDA,WENB2/LDB) and (FFA,FFB) are HIGH.
WENA2/LDA
WENB2/LDB
Dual Mode Pin
Write Enable 2
I
If HIGH at reset, this pin operates as a second write enable. If LOW at reset, this pin
operates as a control to write or read the programmable flag offsets. (WENA1,WENB1)
must be LOW and (WENA2/LDA,WENB2/LDB) must be HIGH to write data into the FIFO.
Data will not be written into the FIFO if the (FFA,FFB) is LOW. If the FIFO is configured to have
programmable flags, (WENA2/LDA,WENB2/LDB) is held LOW to write or read the program-
mable flag offsets.
Load
I
RENA1
RENA2
RENB1
RENB2
Read Enable
Inputs
I
Enables the device for Read operation.
WCLKA
WCKLB
Write Clock
I
The rising edge clocks data into the FIFO when (WENA1,WENB1) is LOW and
(WENA2/LDA,WENB2/LDB) is HIGH and the FIFO is not Full. When
(WENA2/LDA,WENB2/LDB) is asserted, WCLK writes data into the programmable flag-offset
register.
RCLKA
RCLKB
Read Clock
I
The rising edge clocks data out of the FIFO when (RENA1 ,RENB1) and (RENA2,RENB2)
are LOW and the FIFO is not Empty. When (WENA2/LDA,WENB2/LDB) is LOW,
(RCLKA,RCLKB) reads data out of the programmable flag-offset register.
EFA,EFB
Empty Flag
O
When (EFA,EFB) is LOW, the FIFO is empty. (EFA,EFB) is synchronized to (RCLKA,RCLKB).
FFA,FFB
Full Flag
O
When (FFA,FFB) is LOW, the FIFO is full. (FFA,FFB) is synchronized to (WCLKA,WCLKB).
PAEA
PAEB
Programmable
Almost Empty
O
When (PAEA,PAEB) is LOW, the FIFO is almost empty based on the almost empty offset value
programmed into the FIFO. PAE is synchronized to RCLK.
PAFA
PAFB
Programmable
Almost Full
O
When (PAFA,PAFB) is LOW, the FIFO is almost full based on the almost full offset value pro-
grammed into the FIFO. PAF is synchronized to WCLK.
RSA
RSB
Reset
I
Resets device to empty condition. A reset is required before an initial read or write
operation after power-up.
OEA
OEB
Output Enable
I
When (OEA,OEB) is LOW, the FIFO’s data outputs drive the bus to which they are connected.
If (OEA,OEB) is HIGH, the FIFO’s outputs are in High Z (high-impedance) state.


Similar Part No. - CY7C4841-15AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4841-15AC CYPRESS-CY7C4841-15AC Datasheet
292Kb / 23P
   256/512/1K/2K/4K/8K x9 x2 Double Sync FIFOs
More results

Similar Description - CY7C4841-15AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4801 CYPRESS-CY7C4801_02 Datasheet
292Kb / 23P
   256/512/1K/2K/4K/8K x9 x2 Double Sync FIFOs
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CA01 AVERLOGIC-AL4CA01 Datasheet
74Kb / 2P
   512/ 1K/ 2K/ 4K/ 8K x 9 Asynchronous FIFOs
AL4CS211 AVERLOGIC-AL4CS211_1 Datasheet
35Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4421V CYPRESS-CY7C4421V_05 Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V Datasheet
263Kb / 17P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CE211 AVERLOGIC-AL4CE211 Datasheet
34Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
AL4CE205 AVERLOGIC-AL4CE205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Advanced Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com