Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DN8155 Datasheet(PDF) 1 Page - Tyco Electronics

Part # DN8155
Description  SMD Unshielded Inductor Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DN8155 Datasheet(HTML) 1 Page - Tyco Electronics

  DN8155 Datasheet HTML 1Page - Tyco Electronics DN8155 Datasheet HTML 2Page - Tyco Electronics DN8155 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series Number
DN4835
3003 9th Avenue SW
DN6149
PO Box 50
DN8140
Watertown, SD 57201
DN8155
Toll free: 888-978-2638
DN1047
Ph: 605-886-3326
DN1058
Fax: 605-886-8995
SMD Unshielded Inductor Series; Part Numbering Sequence: ( Series Number ) - ( Suffix Code )(Tolerance), example DQ1260-220M
Bulk Packaging add (-B) to end of Part Numbering Sequence. example DQ1260-22M-B
Series
Maximum Dimensions
Number
Units
D
W
H
Y
A
B
C
inches
0.189"
0.169"
0.138"
0.047"
0.217"
0.047"
0.169"
[ mm ]
[ 4.80 ]
[ 4.30 ]
[ 3.50 ]
[ 1.20 ]
[ 5.50 ]
[ 1.20 ]
[ 4.30 ]
inches
0.240"
0.217"
0.193"
0.051"
0.268"
0.051"
0.217"
[ mm ]
[ 6.10 ]
[ 5.50 ]
[ 4.90 ]
[ 1.30 ]
[ 6.80 ]
[ 1.30 ]
[ 5.50 ]
inches
0.319"
0.287"
0.157"
0.083"
0.346"
0.083"
0.287"
[ mm ]
[ 8.10 ]
[ 7.30 ]
[ 4.00 ]
[ 2.10 ]
[ 8.80 ]
[ 2.10 ]
[ 7.30 ]
inches
0.319"
0.287"
0.217"
0.083"
0.346"
0.083"
0.287"
[ mm ]
[ 8.10 ]
[ 7.30 ]
[ 5.50 ]
[ 2.10 ]
[ 8.80 ]
[ 2.10 ]
[ 7.30 ]
inches
0.406"
0.366"
0.185"
0.114"
0.433"
0.114"
0.366"
[ mm ]
[ 10.30 ]
[ 9.30 ]
[ 4.70 ]
[ 2.90 ]
[ 11.00 ]
[ 2.90 ]
[ 9.30 ]
inches
0.409"
0.370"
0.228"
0.114"
0.433"
0.114"
0.370"
[ mm ]
[ 10.40 ]
[ 9.40 ]
[ 5.80 ]
[ 2.90 ]
[ 11.00 ]
[ 2.90 ]
[ 9.40 ]
DN4835
DN6149
DN8140
DN8155
DN1047
DN1058
L
1
Suffix
DCR
2
ISAT
3
Tolerance
DCR
2
IMAX
3
Tolerance
DCR
2
IMAX
3
Tolerance
DCR
2
IMAX
3
Tolerance
DCR
2
IMAX
3
Tolerance
DCR
2
IMAX
3
Tolerance
µH
Codes
A
Suffix
4
A
Suffix
4
A
Suffix
4
A
Suffix
4
A
Suffix
4
A
Suffix
4
1.0
1R0
0.033
3.80
M
1.4
1R4
0.038
3.30
M
1.8
1R8
0.042
2.91
M
2.2
2R2
0.047
2.60
M
2.7
2R7
0.052
2.43
M
3.3
3R3
0.058
2.15
M
3.9
3R9
0.076
1.98
M
4.7
4R7
0.094
1.70
M
5.6
5R6
0.101
1.60
M
6.8
6R8
0.117
1.41
M
0.08
1.6
M
8.2
8R2
0.132
1.26
M
10
100
0.182
1.15
M
0.10
1.44
M
0.08
1.44
M
0.07
2.30
K
0.05
2.38
M
0.06
2.60
M
12
120
0.210
1.05
M
0.12
1.40
M
0.09
1.39
M
0.08
2.00
K
0.06
2.13
M
0.07
2.45
M
15
150
0.235
0.92
M
0.14
1.30
M
0.10
1.24
M
0.09
1.80
K
0.07
1.87
M
0.08
2.27
M
18
180
0.338
0.84
M
0.15
1.23
M
0.11
1.12
M
0.10
1.60
K
0.08
1.73
M
0.09
2.15
M
22
220
0.378
0.76
M
0.18
1.11
M
0.13
1.07
M
0.11
1.50
K
0.09
1.60
M
0.10
1.95
M
27
270
0.522
0.71
M
0.20
0.97
M
0.15
0.94
M
0.12
1.30
K
0.10
1.44
M
0.11
1.76
M
33
330
0.540
0.64
K
0.23
0.88
L
0.17
0.85
M
0.13
1.20
K
0.12
1.26
M
0.12
1.50
M
39
390
0.587
0.59
K
0.32
0.80
L
0.22
0.74
M
0.16
1.10
K
0.15
1.20
M
0.14
1.37
M
47
470
0.844
0.54
K
0.37
0.72
L
0.25
0.68
M
0.18
1.10
K
0.17
1.10
M
0.17
1.28
K
56
560
0.937
0.50
K
0.42
0.68
K
0.28
0.64
K
0.24
0.94
K
0.20
1.01
K
0.19
1.17
K
68
680
1.117
0.46
K
0.46
0.61
K
0.33
0.59
K
0.28
0.85
K
0.22
0.91
K
0.22
1.11
K
82
820
0.60
0.58
K
0.41
0.54
K
0.37
0.78
K
0.25
0.85
K
0.25
1.00
K
100
101
0.70
0.52
K
0.48
0.51
K
0.43
0.72
K
0.34
0.74
K
0.35
0.97
K
120
121
0.93
0.48
K
0.54
0.49
K
0.47
0.66
K
0.40
0.69
K
0.40
0.89
K
150
151
1.10
0.40
K
0.75
0.40
K
0.64
0.58
K
0.54
0.61
K
0.47
0.78
K
180
181
1.38
0.38
K
1.02
0.36
K
0.71
0.51
K
0.62
0.56
K
0.63
0.72
K
220
221
1.57
0.35
K
1.20
0.31
K
0.96
0.49
K
0.72
0.53
K
0.73
0.66
K
270
271
1.31
0.29
K
1.11
0.42
K
0.95
0.45
K
0.97
0.57
K
330
331
1.50
0.28
K
1.26
0.40
K
1.10
0.42
K
1.15
0.52
K
390
391
1.77
0.36
K
1.24
0.38
K
1.30
0.48
K
470
471
1.96
0.34
K
1.53
0.35
K
1.48
0.42
K
560
561
1.90
0.32
K
1.90
0.33
K
680
681
2.25
0.28
K
820
821
2.55
0.24
K
1000
102
11.5
0.11
K
1) Test conditions are 1Vrms and 1.0-8.2µH(7.96MHz), 10-82µH (2.52MHz) 100-1000µH (1kHz).
2) DCRs (DC resistances) are maximums @20°C.
3) DC (Direct Current) current applied to produce a typical 10% drop in inductance or a temperature increase of 40°C whichever is lower. Maximum current is DC + AC.
4) Suffix of J=5%, K=±10%, L=±15%, M=20%, N=+40%-30%
Reference Dimensions
DN4835
Call Toll Free: 888-978-2638 Website: www.coev.net
DN8155
DN1047
DN1058
DN6149
DN8140
H
Features:
High energy storage and low resistance
Reliable surface mounting, flat top for pick
and place.
Smaller real estate than other common
inductors.
Robust temperature deflection to prevent
damage during solder reflow.
Tape and Reel mechanical specifications
available upon request.
Operating Temperature -40°C to +85°C.
Highly resistive core for EMI suppression
applications.
Suggested Land Pattern
B
A
C
Y
Suffix Code
D
W
Specifications subject to change without notice.


Similar Part No. - DN8155

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DN835 PANASONIC-DN835 Datasheet
196Kb / 4P
   HALL IC(LINEAR TYPE)
DN838 PANASONIC-DN838 Datasheet
220Kb / 5P
   HALL IC(SWITCH TYPE)
logo
Zetex Semiconductors
DN84 ZETEX-DN84 Datasheet
120Kb / 4P
   ZXSC400 Driving 3W high power LEDs
DN85 ZETEX-DN85 Datasheet
162Kb / 6P
   ZXSC400 1W/3W buck LED drivers
logo
Panasonic Semiconductor
DN8506S PANASONIC-DN8506S Datasheet
33Kb / 3P
   Prescaler IC for TV and VCR tuners
More results

Similar Description - DN8155

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DU1311 MACOM-DU1311 Datasheet
377Kb / 3P
   SMD Unshielded Power Inductor Series
logo
Abracon Corporation
AISC-2220H ABRACON-AISC-2220H Datasheet
1Mb / 3P
   UNSHIELDED SMD POWER INDUCTOR
12.28.12
ASPI-5619 ABRACON-ASPI-5619 Datasheet
1Mb / 3P
   SMD Unshielded Power Inductor
10.03.13
logo
Stackpole Electronics, ...
LPC SEI-LPC Datasheet
609Kb / 8P
   SMD Unshielded Power Inductor
08/30/2019
LP_SERIES SEI-LP_SERIES Datasheet
591Kb / 7P
   SMD Unshielded Power Inductor
10/03/2019
logo
Abracon Corporation
AISC-1206H ABRACON-AISC-1206H Datasheet
1Mb / 3P
   UNSHIELDED SMD POWER INDUCTOR
08.06.13
logo
Tyco Electronics
DH1364 MACOM-DH1364 Datasheet
59Kb / 3P
   SMD Unshielded Self-Leaded Inductor
logo
Abracon Corporation
ASPI-XXXXHC ABRACON-ASPI-XXXXHC Datasheet
875Kb / 2P
   SMD UNSHIELDED LOW PROFILE POWER INDUCTOR
10.05.09
logo
Accetek Electronics (Sh...
1MG ACCETEK-1MG Datasheet
284Kb / 4P
   Unshielded Power Inductor
1MH ACCETEK-1MH Datasheet
280Kb / 3P
   Unshielded Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com