Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DQ1280 Datasheet(PDF) 3 Page - Tyco Electronics

Part # DQ1280
Description  SMD Shielded Base Plate Power Inductor Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DQ1280 Datasheet(HTML) 3 Page - Tyco Electronics

  DQ1280 Datasheet HTML 1Page - Tyco Electronics DQ1280 Datasheet HTML 2Page - Tyco Electronics DQ1280 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Item
Specification
Test Method/Condition
Environmental
Static Humidity
After exposure part remains within
specified electrical parameters for
L, Q and DCR.
Storage Life
After exposure part remains within
specified electrical parameters for
L, Q and DCR.
Temperature Cycle
After exposure part remains within
10 cycles (Air to Air) 1 cycle shall consist of:
specified electrical parameters for
30 minutes exposure to +85°C
L, Q and DCR.
30 minutes exposure to -40°C
Allow 20 minutes transition between extremes.
Temperature Shock
After exposure part remains within
10 cycles (Air to Air) 1 cycle shall consist of:
specified electrical parameters for
30 minutes exposure to -55°C
L, Q and DCR.
30 minutes exposure to +125°C
15 seconds maximum transition between temperatures
IR Reflow
5-8 seconds at 240°C max.
Ramped reflow in oven to 240°C +4%-0%. Post test parts shall
pass all electrical specifications after reflow. Parts shall not
show visible signs of solder flow or leakage from the part.
General
Storage Temperature
Range
-40°C to +85°C
Operating Temperature
Range
-40°C to +85°C
Flammability
IEC 695-2-2
Withstands needle-flame test
Other
Vibration
After exposure part remains within
1 cycle of 30 minutes of the following:
specified electrical parameters for
5 - 7 Hz constant displacement of 0.75 inches, 5 minutes
L, Q and DCR.
7 - 30 Hz constant acceleration of 1.5 Gs, 10 minutes
31 - 50 Hz constant displacement of 0.33 inches, 5 minutes
50 - 500 Hz constant acceleration of 1.2 Gs, 10 minutes
Mechanical Shock
After exposure part remains within
DQ6530 Series - 500 Gs per axis, 2 directions
specified electrical parameters for
DQ6545 Series - 500 Gs per axis, 2 directions
L, Q and DCR.
DQ7534 Series - 500 Gs per axis, 2 directions
DQ7545 Series - 500 Gs per axis, 2 directions
DQ1260 Series - 500 Gs per axis, 2 directions
DQ1280 Series - 500 Gs per axis, 2 directions
Solderability
Wetting shall cover 90% minimum of
each termination
Dip pads in RMA
flux, 63/37 solder
(Sn/Pb) at 232°C for
5 seconds ±2
seconds.
Component Adhesion
(Push Test)
Component shall withstand 6 lb. push
force minimum without delaminating
from mounting surface.
Apply and measure force with a digital force gauge set.
Resistance to Solvent
Withstands 6 minutes of alcohol.
Withstands 3 minutes forced spray Freon TMS
Chemical
Ionic Contamination
Conductivity:
11 µOhms/cm maximum
pH:
5.5 to 9
Chlorides:
65 ppm maximum
Sodium:
20 ppm maximum
Potassium:
10 ppm maximum
Series
Revision
Sheet 3 of 3
Subject parts to an environment of 85°C 85% R.H. for 168
hours. After exposure allow parts to dry for 4 hours before
measurements are taken.
Precondition at 25°C for 60 minutes. Expose parts to an
environment of +40°C with 90 to 95% R.H. for 240 hours.
DQ SERIES
E
For Print Distribution to Customers


Similar Part No. - DQ1280

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DQ1280 ETC2-DQ1280 Datasheet
431Kb / 3P
   SMD Shielded Base Plate Power Inductor Series
DQ1280 ETC2-DQ1280 Datasheet
431Kb / 3P
   SMD Shielded Base Plate Power Inductor Series; Part Numbering Sequence
DQ1280-100M ETC2-DQ1280-100M Datasheet
431Kb / 3P
   SMD Shielded Base Plate Power Inductor Series
More results

Similar Description - DQ1280

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DQ1280-100M ETC2-DQ1280-100M Datasheet
431Kb / 3P
   SMD Shielded Base Plate Power Inductor Series
DQ7545-101M ETC2-DQ7545-101M Datasheet
431Kb / 3P
   SMD Shielded Base Plate Power Inductor Series; Part Numbering Sequence
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com