Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DH8950 Datasheet(PDF) 3 Page - Tyco Electronics

Part # DH8950
Description  SMD Unshielded Self-Leaded Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DH8950 Datasheet(HTML) 3 Page - Tyco Electronics

  DH8950 Datasheet HTML 1Page - Tyco Electronics DH8950 Datasheet HTML 2Page - Tyco Electronics DH8950 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Item
Specification
Test Method/Condition
Environmental
Static Humidity
After exposure part remains within
specified electrical parameters for
L, Q and DCR.
Storage Life
After exposure part remains within
specified electrical parameters for
L, Q and DCR.
Temperature Cycle
After exposure part remains within
10 cycles (Air to Air) 1 cycle shall consist of:
specified electrical parameters for
30 minutes exposure to +85°C
L, Q and DCR.
30 minutes exposure to -40°C
Allow 20 minutes transition between extremes.
Temperature Shock
After exposure part remains within
10 cycles (Air to Air) 1 cycle shall consist of:
specified electrical parameters for
30 minutes exposure to -55°C
L, Q and DCR.
30 minutes exposure to +125°C
15 seconds maximum transition between temperatures
General
Storage Temperature
Range
-40°C to +85°C
Operating Temperature
Range
-40°C to +85°C
Flammability
IEC 695-2-2
Withstands needle-flame test
Other
Vibration
After exposure part remains within
1 cycle of 30 minutes of the following:
specified electrical parameters for
5 - 7 Hz constant displacement of 0.75 inches, 5 minutes
L, Q and DCR.
7 - 30 Hz constant acceleration of 1.5 Gs, 10 minutes
31 - 50 Hz constant displacement of 0.33 inches, 5 minutes
50 - 500 Hz constant acceleration of 1.2 Gs, 10 minutes
Mechanical Shock
After exposure part remains within
DH8950 Series - 2000 Gs per axis, 2 directions
specified electrical parameters for
DH1364 Series - 500 Gs per axis, 2 directions
L, Q and DCR.
DH2280 Series - 500 Gs per axis, 2 directions
Solderability
Wetting shall cover 90% minimum of
each termination
Dip pads in RMA
flux, 63/37 solder
(Sn/Pb) at 232°C for
5 seconds ±2
seconds.
Component Adhesion
(Push Test)
Component shall withstand 6 lb. push
force minimum without delaminating
from mounting surface.
Apply and measure force with a digital force gauge set.
Resistance to Solvent
Withstands 6 minutes of alcohol.
Withstands 3 minutes forced spray Freon TMS
Chemical
Ionic Contamination
Conductivity:
11 µOhms/cm maximum
pH:
5.5 to 9
Chlorides:
65 ppm maximum
Sodium:
20 ppm maximum
Potassium:
10 ppm maximum
Series
Revision
Sheet 3 of 3
Subject parts to an environment of 85°C 85% R.H. for 168 hours.
After exposure allow parts to dry for 4 hours before measurements
are taken.
Precondition at 25°C for 60 minutes. Expose parts to an
environment of +40°C with 90 to 95% R.H. for 240 hours.
DH SERIES
B
For Print Distribution to Customers


Similar Part No. - DH8950

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DH80A-27P HIROSE-DH80A-27P Datasheet
688Kb / 13P
   High Speed Transmission, 1mm Pitch Small Interface Connector
DH80A-37P HIROSE-DH80A-37P Datasheet
688Kb / 13P
   High Speed Transmission, 1mm Pitch Small Interface Connector
More results

Similar Description - DH8950

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR339-1-471 DATATRONICS-DR339-1-471 Datasheet
80Kb / 1P
   SELF-LEADED SMD INDUCTOR
DR339-4-471 DATATRONICS-DR339-4-471 Datasheet
76Kb / 1P
   SELF-LEADED SMD INDUCTOR
DR341-260 DATATRONICS-DR341-260 Datasheet
146Kb / 1P
   SELF-LEADED SMD INDUCTOR
DR343-180 DATATRONICS-DR343-180 Datasheet
148Kb / 1P
   SELF-LEADED SMD INDUCTOR
DR344-170 DATATRONICS-DR344-170 Datasheet
156Kb / 1P
   SELF-LEADED SMD INDUCTOR
DR338-100 DATATRONICS-DR338-100 Datasheet
112Kb / 1P
   SELF-LEADED SMD INDUCTOR
DR339-2-471 DATATRONICS-DR339-2-471 Datasheet
106Kb / 1P
   SELF-LEADED SMD INDUCTOR
DR339-3-471 DATATRONICS-DR339-3-471 Datasheet
98Kb / 1P
   SELF-LEADED SMD INDUCTOR
DR342-170 DATATRONICS-DR342-170 Datasheet
147Kb / 1P
   SELF-LEADED SMD INDUCTOR
DR345-090 DATATRONICS-DR345-090 Datasheet
113Kb / 1P
   SELF-LEADED SMD INDUCTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com