Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC60S5 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DC60S5
Description  3-7Amp 60 Vdc DC Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DC60S5 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DC60S5 Datasheet HTML 1Page - List of Unclassifed Manufacturers DC60S5 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12
8
4
0
12
1.5
2.5
3
20
40
60
100
80
Load Current [Arms]
Max Ambient Temp. [˚C]
100
3A
105
110
115
120
NO HEAT SINK
7.5˚C/W
12
8
4
0
12
4
5
3
204060
100
80
Load Current [Arms]
Max Ambient Temp. [˚C]
100
5A
105
110
115
120
NO HEAT SINK
5˚C/W
2˚C/W
7.5˚C/W
12
8
4
0
12
4
5
6
7
3
204060
100
80
Load Current [Arms]
Max Ambient Temp. [˚C]
100
7A
105
110
115
120
NO HEAT SINK
5˚C/W
2˚C/W
7.5˚C/W
GENERAL SPECIFICATIONS
Dielectric Strength 50/60Hz (input/output/base)
4000 Vrms
Insulation Resistance (Min.) @ 500 Vdc
109 Ohm
Max. Capacitance Input/Output
8 pF
Ambient Operating Temperature Range
-30 to 80˚C
Ambient Storage Temperature Range
-30 to 125˚C
M ECHANICAL SPECIFICATIONS
Weight: (typical)
3.0 oz. (86.5g)
Encapsulation:
Thermally Conductive Epoxy
Terminals:
Screws and Saddle Clamps Furnished, Unmounted
1.87
(47.5)
.78
(19.8)
2.30
(58.4)
1.70
(43.2)
.90
(22.9)
.45
(11.4)
1.10
(27.9)
8-32 TERMINAL
(2 PLACES )
1.00
(25.4)
6-32 TERMINAL
(2 PLACES)
1.80
(45.7)
SOLID-STATE RELAY
OUTPUT
+--
+
--
INPUT
MOUNTING
HOLE/SLOT
0.17 (4.3) DIA.
12
3
4
CURRENT DERATING CURVES
Crydom Heat Sinks
offer excellent
thermal management and are per-
fectly matched to the load current
ratings of Crydom panel mount
relays. Request Crydom's Heat Sink
specification sheet for all the details.
FastFax Document No. 163
SERIES DC60.
Rev. 021202
PAGE 2 OF 2
Series DC60
3-7Amp • 60 Vdc • DC Output
All dimensions are in inches
(millimeters)
Screw Torque Requirements:
6-32 Screws - 10 in. lbs.,
8-32 and 10-32 Screws - 20in. lbs.
(Screws dry without grease.)
AC CONTROL MODELS
PIN 3: AC CONTROL
PIN 4: AC CONTROL
DC CONTROL MODELS
PIN 3 : + DC CONTROL
PIN 4: -- DC CONTROL
SSR
4
1 (+)
3
2 (--)
(Ð)
(+)
LOAD
Input and output polarity must be observed.
Inductive loads must be diode suppressed.
Transient Protection
All loads are inductive, even ones that are not so labeled. An
inductive load will produce harmful transient voltages when it
is turned off. Diodes should be fast recovery type with PIV rated
greater than supply voltage.
©2002 CRYDOM CORP, Specifications subject to change without notice.
For recommended applications and more information contact:
USA: Sales Support (877) 502-5500 Tech Support (877) 702-7700 FAX (619) 710-8540
Crydom Corp, 2320 Paseo de las Americas, Ste. 201, San Diego, CA 92154
Email: sales@crydom.com WEB SITE: http://www.crydom.com
UK: +44 (0)1202 365070 • FAX +44 (0)1202 365090 Crydom International Ltd., 7 Cobham
Road, Ferndown Industrial Estate, Ferndown, Dorset BH21 7PE, Email: intsales@crydom.com.
GERMANY: +49 (0)180 3000 506


Similar Part No. - DC60S5

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DC60S5 CRYDOM-DC60S5 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
DC60S5 CRYDOM-DC60S5 Datasheet
617Kb / 5P
   panel mount
logo
Sensata Technologies, I...
DC60S5 SENSATA-DC60S5 Datasheet
749Kb / 7P
   PANEL MOUNT
More results

Similar Description - DC60S5

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-D4T03X BEL-0RCY-D4T03X Datasheet
920Kb / 18P
   40-60 VDC Input / 3.3 VDC @ 60 A Output
logo
List of Unclassifed Man...
CMX60D5 ETC1-CMX60D5 Datasheet
31Kb / 1P
   3-10 Amp 0-60, 0-100 Vdc, 0-200Vdc DC Output SIP
DO061A ETC1-DO061A Datasheet
24Kb / 1P
   1-3.0 Amp 60 Vdc DC Output MINI-SIP
logo
Crydom Inc.,
MS11-CMX CRYDOM-MS11-CMX Datasheet
218Kb / 6P
   3 -10 Amp 0-200 Vdc DC Output
logo
Bel Fuse Inc.
XRAH-03F1A0 BEL-XRAH-03F1A0 Datasheet
240Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0 Vdc - 5.5 Vdc Input 0.9 Vdc - 3.3 Vdc/3 A Output
VRP3-60E1A0 BEL-VRP3-60E1A0_10 Datasheet
742Kb / 11P
   5 Vdc - 13.8 Vdc Input 0.6 Vdc - 5.0 Vdc/60 A Output
logo
C&D Technologies
SS26 CANDD-SS26 Datasheet
238Kb / 4P
   5 VDC INPUT, 3.3 VDC OUTPUT DC/DC CONVERTER
logo
Murata Power Solutions ...
SS25-A-A-A MURATA-PS-SS25-A-A-A Datasheet
190Kb / 4P
   5 Vdc Input, 3.3 Vdc Output DC/DC Converter
logo
Bel Fuse Inc.
0RQ1-E0S12 BEL-0RQ1-E0S12 Datasheet
1Mb / 17P
   40-60 VDC Input 12 VDC @ 66.8 A Output
0RQP-X5M12 BEL-0RQP-X5M12 Datasheet
987Kb / 31P
   48 ??60 VDC Input 12 VDC, 125 A Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com