Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C4821-35AC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C4821-35AC
Description  256/512/1K/2K/4K/8K x9 x2 Double Sync FIFOs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4821-35AC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C4821-35AC Datasheet HTML 1Page - Cypress Semiconductor CY7C4821-35AC Datasheet HTML 2Page - Cypress Semiconductor CY7C4821-35AC Datasheet HTML 3Page - Cypress Semiconductor CY7C4821-35AC Datasheet HTML 4Page - Cypress Semiconductor CY7C4821-35AC Datasheet HTML 5Page - Cypress Semiconductor CY7C4821-35AC Datasheet HTML 6Page - Cypress Semiconductor CY7C4821-35AC Datasheet HTML 7Page - Cypress Semiconductor CY7C4821-35AC Datasheet HTML 8Page - Cypress Semiconductor CY7C4821-35AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
256/512/1K/2K/4K/8K x9 x2
Double Sync
 FIFOs
CY7C4801/4811/4821
CY7C4831/4841/4851
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
Document #: 38-06005 Rev. **
Revised January 15, 1997
CY7C4831/4
1
Features
• Double high speed, low power, first-in first-out (FIFO)
memories
• Double 256 x 9 (CY7C4801)
• Double 512 x 9 (CY7C4811)
• Double 1K x 9 (CY7C4821)
• Double 2K x 9 (CY7C4831)
• Double 4K x 9 (CY7C4841)
• Double 8K x 9 (CY7C4851)
• Functionally equivalent to two CY7C4201/4211/4221/
4231/4241/4251 FIFOs in a single package
• 0.65 micron CMOS for optimum speed/power
• High-speed 100-MHz operation (10 ns read/write cycle
times)
• Offers optimal combination of large capacity, high
speed, design flexibility, and small footprint
• Fully asynchronous and simultaneous read and write
operation
• Four status flags per device: Empty, Full, and program-
mable Almost Empty/Almost Full
• Low power — ICC1= 60mA
• Output Enable (OEA/OEB) pins
• Depth Expansion Capability
• Width Expansion Capability
• Space-saving 64-pin TQFP
• Pin compatible and functionally equivalent to IDT72801,
72811, 72821, 72831, 72841,72851
Functional Description
The CY7C48X1 are Double high-speed, low-power, first-in
first-out (FIFO) memories with clocked read and write interfac-
es. All are 9 bits wide and operate as two separate FIFOs. The
CY7C48X1 are pin-compatible to IDT728X1. Programmable
features include Almost Full/Almost Empty flags. These FIFOs
provide solutions for a wide variety of data buffering needs,
including high-speed data acquisition, multiprocessor interfac-
es, and communications buffering.
These FIFOs have two independent sets of 9-bit input and
output ports that are controlled by separate clock and enable
signals. The input port is controlled by a free-running clock
(WCLKA,WCLKB) and two write-enable pins (WENA1,
WENA2/LDA, WENB1, WENB2/LDB).
When
(WENA1,WENB1)
is
LOW
and
(WENA2/LDA,
WENB2/LDB) is HIGH, data is written into the FIFO on the
rising edge of the (WCLKA,WCLKB) signal. While (WENA1,
WENA2/LDA, WENB1, WENB2/LDB) is held active, data is
continually written into the FIFO on each WCLKA, WCLKB
cycle. The output port is controlled in a similar manner by a
free-running read clock (RCLKA, RCLKB) and two read-en-
able pins ((RENA1,RENB1), (RENA2,RENB2)). In addition,
the CY7C48X1 has output enable pins (OEA, OEB) for each
FIFO. The read (RCLKA, RCLKB) and write (WCLKA,
WCLKB) clocks may be tied together for single-clock operation
or the two clocks may be run independently for asynchronous
read/write applications. Clock frequencies up to 100 MHz are
achievable.
Depth expansion is possible using one enable input for system
control, while the other enable is controlled by expansion logic
to direct the flow of data.
The CY7C48X1 provides two sets of four different status pins: Empty,
Full, Almost Empty, Almost Full. The Almost Empty/Almost Full flags
are programmable to single word granularity. The programmable
flags default to Empty+7 and Full–7.
The flags are synchronous, i.e., they change state relative to
either the read clock (RCLKA,RCLKB) or the write clock
(WCLKA,WCLKB). When entering or exiting the Empty and
Almost Empty states, the flags are updated exclusively by the
(RCLKA,RCLKB). The flags denoting Almost Full, and Full
states are updated exclusively by (WCLKA,WCLKB) The syn-
chronous flag architecture guarantees that the flags maintain
their status for at least one cycle
All configurations are fabricated using an advanced 0.65
µ
N-Well CMOS technology. Input ESD protection is greater than
2001V, and latch-up is prevented by the use of guard rings.


Similar Part No. - CY7C4821-35AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4821-35AC CYPRESS-CY7C4821-35AC Datasheet
292Kb / 23P
   256/512/1K/2K/4K/8K x9 x2 Double Sync FIFOs
More results

Similar Description - CY7C4821-35AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4801 CYPRESS-CY7C4801_02 Datasheet
292Kb / 23P
   256/512/1K/2K/4K/8K x9 x2 Double Sync FIFOs
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CA01 AVERLOGIC-AL4CA01 Datasheet
74Kb / 2P
   512/ 1K/ 2K/ 4K/ 8K x 9 Asynchronous FIFOs
AL4CS211 AVERLOGIC-AL4CS211_1 Datasheet
35Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4421V CYPRESS-CY7C4421V_05 Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V Datasheet
263Kb / 17P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CE211 AVERLOGIC-AL4CE211 Datasheet
34Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
AL4CE205 AVERLOGIC-AL4CE205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Advanced Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com