Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C09369V-9AI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C09369V-9AI
Description  3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09369V-9AI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C09369V-9AI Datasheet HTML 1Page - Cypress Semiconductor CY7C09369V-9AI Datasheet HTML 2Page - Cypress Semiconductor CY7C09369V-9AI Datasheet HTML 3Page - Cypress Semiconductor CY7C09369V-9AI Datasheet HTML 4Page - Cypress Semiconductor CY7C09369V-9AI Datasheet HTML 5Page - Cypress Semiconductor CY7C09369V-9AI Datasheet HTML 6Page - Cypress Semiconductor CY7C09369V-9AI Datasheet HTML 7Page - Cypress Semiconductor CY7C09369V-9AI Datasheet HTML 8Page - Cypress Semiconductor CY7C09369V-9AI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
CY7C09269V/79V/89V
CY7C09369V/79V/89V
Document #: 38-06056 Rev. **
Page 5 of 19
Note:
12. CEL and CER are internal signals. To select either the left or right port, both CE0 and CE1 must be asserted to their active states (CE0 ≤ VIL and CE1 ≥ VIH).
Electrical Characteristics Over the Operating Range
Parameter
Description
CY7C09269V/79V/89V
CY7C09369V/79V/89V
-6[1, 2]
-7[2]
-9
-12
VOH
Output HIGH Voltage (VCC = Min.
lOH = –4.0 mA)
2.4
2.4
2.4
2.4
V
VOL
Output LOW Voltage (VCC = Min.
lOH = +4.0 mA)
0.4
0.4
0.4
0.4
V
VIH
Input HIGH Voltage
2.0
2.0
2.0
2.0
V
VIL
Input LOW Voltage
0.8
0.8
0.8
0.8
V
IOZ
Output Leakage Current
–10
10
–10
10
–10
10
–10
10
µA
ICC
Operating Current
(VCC = Max, IOUT = 0 mA)
Outputs Disabled
Com’l.
175 320
155 275
135
230
115
180
mA
Indust.
275 390
185
300
mA
ISB1
Standby Current (Both
Ports TTL Level)[12] CEL &
CER ≥ VIH, f = fMAX
Com’l.
25
95
25
85
20
75
20
70
mA
Indust.
85
120
35
85
mA
ISB2
Standby Current (One Port
TTL Level)[12] CEL | CER
VIH, f = fMAX
Com’l.
115 175
105 165
95
155
85
140
mA
Indust.
165 210
105
165
mA
ISB3
Standby Current (Both
Ports CMOS Level)[12] CEL
& CER ≥ VCC – 0.2V, f = 0
Com’l.
10
250
10
250
10
250
10
250
µA
Indust.
10
250
10
250
µA
ISB4
Standby Current (One Port
CMOS Level)[12] CEL | CER
≥ V
IH, f = fMAX
Com’l.
105 135
95
125
85
115
75
100
mA
Indust.
125 170
95
125
mA
Capacitance
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 3.3V
10
pF
COUT
Output Capacitance
10
pF


Similar Part No. - CY7C09369V-9AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09369V-9AI CYPRESS-CY7C09369V-9AI Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
More results

Similar Description - CY7C09369V-9AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09269V CYPRESS-CY7C09269V_05 Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V Datasheet
236Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V_09 Datasheet
472Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C09279 CYPRESS-CY7C09279 Datasheet
342Kb / 18P
   32K/64K X 16/18 Synchronous Dual Port Static RAM
CY7C027 CYPRESS-CY7C027 Datasheet
256Kb / 19P
   32K/64K x 16/18 Dual-Port Static RAM
CY7C027 CYPRESS-CY7C027_05 Datasheet
489Kb / 20P
   32K/64K x 16/18 Dual-Port Static RAM
CY7C09279 CYPRESS-CY7C09279_02 Datasheet
350Kb / 18P
   32K/64K x16/18 Synchronous Dual Port Static RAM
CY7C027V CYPRESS-CY7C027V_12 Datasheet
336Kb / 22P
   3.3 V 32K/64K x 16/18 Dual-Port Static RAM
CY7C09079V CYPRESS-CY7C09079V_05 Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09079V CYPRESS-CY7C09079V Datasheet
333Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com