Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZCR2703AC Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ZCR2703AC
Description  Thyristors (SiBOD Breakover Devices)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZCR2703AC Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  ZCR2703AC Datasheet HTML 1Page - List of Unclassifed Manufacturers ZCR2703AC Datasheet HTML 2Page - List of Unclassifed Manufacturers ZCR2703AC Datasheet HTML 3Page - List of Unclassifed Manufacturers ZCR2703AC Datasheet HTML 4Page - List of Unclassifed Manufacturers ZCR2703AC Datasheet HTML 5Page - List of Unclassifed Manufacturers ZCR2703AC Datasheet HTML 6Page - List of Unclassifed Manufacturers ZCR2703AC Datasheet HTML 7Page - List of Unclassifed Manufacturers ZCR2703AC Datasheet HTML 8Page - List of Unclassifed Manufacturers ZCR2703AC Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
5.21/5.59
4.06/4.57
.102
.203
0.76/1.27
Seating Plane
0.076 max.
2.0
3.30-3.81
2.18/2.44
2.26
Solder pads
All dimensions in mm
2.1
2.74
2.16
To Order: 1-877-502-5500 Fax: 1-858-715-7280
5
Thyristors (SiBOD Breakover Devices)
SiBOD
Series
DO-214
TAPE & REEL PACKAGING
Our surface-mount components are
placed in embossed cavities of anti-stat-
ic/conductive carrier tape and sealed
with a cover tape. The taped devices are
supplied in reels in protective boxes. The
standard Crydom lead-tape packaging of
surface-mount components follow the
requirements of EIA 481-1, shown below:
• Cover Tape: This will not extend over
the edge of the carrier tape or extend
over any part of the sprocket holes.
• Carrier Tape: This will release from the
reel hub as the last portion of the tape
unwinds from the reel without damage to
the carrier tape and with the components
remaining in the cavities.
• Leader Tape: A minimum length of
300mm leader (and trailer) of tape will
be provided before the first (and after
the last) component on the reel, with a
minimum of forty empty component car-
rier pockets covered with tape.
Direction of tape feed
Sprocket holes
Cover tape
Embossed carrier
JEDEC CASE
TYPE
DO-214AA
TAPE
WIDTH
(mm)
12
QUANTITY PER REEL
330mm Reel
(øD) (T3)
3000
CR
S
Voltage
PP
Maximum
A = 50A (10 x 560
µs)
B = 100A (10 x 560
µs)
C = 500A (2 x 10
µs)
Peak Pulse
2/10µs
8/20µs
10/160µs
10/560µs
10/1000µs
SA
-
150
100
50
-
SB
-
250
150
100
-
SC
500
400
200
-
100
Stock
Device Code
Reverse
Maximum
Maximum
Maximum
Maximum
Minimum
Typical
Number
Stand-off
Breakover
Voltage
Reverse
Breakover
Holding
Capacitance
Voltage
Voltage
Turnon
Leakage
Current
Current
@1MHz
(V
R)(VBO) @ IBO
(V
T
) @ 1A
(I
R
) @ VR
(I
BO
)
(I
H
)
2V Bias
V
VVµA
mA
mA
pF
CR0300 SA, SB, SC
CR0640 SA, SB, SC
CR0720 SA, SB, SC
CR0800 SA, SB, SC
CR1100 SA, SB, SC
CR1300 SA, SB, SC
CR1500 SA, SB, SC
CR1800 SA, SB, SC
CR2300 SA, SB, SC
CR2600 SA, SB, SC
CR3100 SA, SB, SC
CR3500 SA, SB, SC
CR4000 SA, SB, SC
030 A, B, or C
064 A, B, or C
072 A, B, or C
080 A, B, or C
110 A, B, or C
130 A, B, or C
150 A, B, or C
180 A, B, or C
230 A, B, or C
260 A, B, or C
310 A, B, or C
350 A, B, or C
400 A, B or C
Electrical Characteristics
DO-214
800.0
800.0
800.0
800.0
800.0
800.0
800.0
800.0
800.0
800.0
800.0
800.0
800.0
150.0
150.0
150.0
150.0
150.0
150.0
150.0
150.0
150.0
150.0
150.0
150.0
150.0
5
5
5
5
5
5
5
5
5
5
5
5
5
200.0
120.0
90.0
90.0
90.0
60.0
60.0
60.0
45.0
45.0
45.0
45.0
45.0
40
77
88
98
130
160
180
220
260
300
350
400
450
5
5
5
5
5
5
5
5
5
5
5
5
5
25
58
65
75
90
120
140
160
190
220
275
320
375
*Note: The typical capacitance values listed in this chart are for SA and SB. SC capacitance is approximately double that of SA and SB.
*


Similar Part No. - ZCR2703AC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ZCRMZN00100KITG MAXIM-ZCRMZN00100KITG Datasheet
1Mb / 201P
   Flash MCUs with Learning Amplification
Rev 0; 4/09
ZCRMZN00100KITG MAXIM-ZCRMZN00100KITG Datasheet
590Kb / 92P
   Low-Voltage ROM MCUs with Infrared Timers
Rev 0; 5/09
ZCRMZN00100KITG MAXIM-ZCRMZN00100KITG Datasheet
618Kb / 103P
   Low-Voltage ROM MCU with Infrared Timers
Rev 0; 5/09
ZCRMZN00100KITG MAXIM-ZCRMZN00100KITG Datasheet
1Mb / 144P
   ROM MCU with Learning Amplification
Rev 0; 5/09
logo
Zilog, Inc.
ZCRMZN00100KITG ZILOG-ZCRMZN00100KITG Datasheet
646Kb / 8P
   One development board with no silicon installed
More results

Similar Description - ZCR2703AC

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXBOD1-12 IXYS-IXBOD1-12 Datasheet
252Kb / 8P
   Breakover Diodes
IXBOD1 IXYS-IXBOD1 Datasheet
158Kb / 5P
   Breakover Diode Gen
logo
NXP Semiconductors
BR211SM PHILIPS-BR211SM Datasheet
32Kb / 6P
   Breakover diodes
August 1996 Rev 1.100
logo
IXYS Corporation
IXBOD1-13RD IXYS-IXBOD1-13RD Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-24RD IXYS-IXBOD1-24RD Datasheet
258Kb / 8P
   Breakover Diodes
logo
NXP Semiconductors
BR211 PHILIPS-BR211 Datasheet
32Kb / 7P
   Breakover diodes
August 1996 Rev 1.200
BRS212 PHILIPS-BRS212 Datasheet
32Kb / 6P
   Breakover diodes
January 1997 Rev 1.000
logo
IXYS Corporation
IXBOD1-12RD IXYS-IXBOD1-12RD Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-40R IXYS-IXBOD1-40R Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-28RD IXYS-IXBOD1-28RD Datasheet
258Kb / 8P
   Breakover Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com