Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYP15G0101DXA-BBC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CYP15G0101DXA-BBC
Description  Single Channel HOTLink II Transceiver
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYP15G0101DXA-BBC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CYP15G0101DXA-BBC Datasheet HTML 1Page - Cypress Semiconductor CYP15G0101DXA-BBC Datasheet HTML 2Page - Cypress Semiconductor CYP15G0101DXA-BBC Datasheet HTML 3Page - Cypress Semiconductor CYP15G0101DXA-BBC Datasheet HTML 4Page - Cypress Semiconductor CYP15G0101DXA-BBC Datasheet HTML 5Page - Cypress Semiconductor CYP15G0101DXA-BBC Datasheet HTML 6Page - Cypress Semiconductor CYP15G0101DXA-BBC Datasheet HTML 7Page - Cypress Semiconductor CYP15G0101DXA-BBC Datasheet HTML 8Page - Cypress Semiconductor CYP15G0101DXA-BBC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
CYP15G0101DXA
PRELIMINARY
Document #: 38-02061 Rev. **
Page 3 of 40
TXRATE
Character-Rate Clock
Bit-Rate Clock
HM L
TXCLK
8
TXCT[1:0]
TXD[7:0]
TXOP
TXPER
2
SCSEL
12
12
12
10
OUT1+
OUT1–
OUT2+
OUT2–
TXLB
Character-Rate Clock
SPDSEL
TXRST
TXMODE[1:0]
PARCTL
REFCLK+
REFCLK–
Transmit PLL
Clock Multiplier
Transmit
Mode
TXCLKO+
TXCLKO–
2
Logic Block Diagram
BISTLE
OELE
= Internal Signal
BIST Enable
Latch
Output
Enable
4
2
Latch
TXCKSEL
IN1+
IN1–
IN2+
IN2–
INSEL
TXLB
Character-Rate Clock
Clock &
Data
Recovery
PLL
LPEN
LFI
8
RXST[2:0]
RXD[7:0]
RXOP
3
Receive
Signal
Monitor
RXCLK+
RXCLK–
÷2
FRAMCHAR
RFMODE
RFEN
RXMODE
SDASEL
JTAG
Boundary
Scan
Controller
TDO
TMS
TCLK
TDI
Clock
Select
RXCKSEL
TRSTZ
DECMODE
RX PLL Enable
Latch
RXLE
BOE[1:0]
RXRATE
RXCLKC+
Delay


Similar Part No. - CYP15G0101DXA-BBC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYP15G0101DXB CYPRESS-CYP15G0101DXB Datasheet
457Kb / 39P
   Single-channel HOTLink Transceiver
CYP15G0101DXB CYPRESS-CYP15G0101DXB Datasheet
445Kb / 39P
   Single-channel HOTLink II??Transceiver
CYP15G0101DXB CYPRESS-CYP15G0101DXB Datasheet
954Kb / 44P
   Single-channel HOTLink II Transceiver Compliant to multiple standards
CYP15G0101DXB-BBC CYPRESS-CYP15G0101DXB-BBC Datasheet
457Kb / 39P
   Single-channel HOTLink Transceiver
CYP15G0101DXB-BBC CYPRESS-CYP15G0101DXB-BBC Datasheet
445Kb / 39P
   Single-channel HOTLink II??Transceiver
More results

Similar Description - CYP15G0101DXA-BBC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYP15G0101DXB CYPRESS-CYP15G0101DXB Datasheet
445Kb / 39P
   Single-channel HOTLink II??Transceiver
CYP15G0101DXB CYPRESS-CYP15G0101DXB_12 Datasheet
519Kb / 43P
   Single-channel HOTLink II??Transceiver
CYP15G0201DXB CYPRESS-CYP15G0201DXB Datasheet
577Kb / 46P
   Dual-channel HOTLink II Transceiver
CYP15G0201DXB CYPRESS-CYP15G0201DXB_05 Datasheet
656Kb / 46P
   Dual-channel HOTLink II??Transceiver
CYP15G0101 CYPRESS-CYP15G0101 Datasheet
457Kb / 39P
   Single-channel HOTLink Transceiver
CYP15G0401DXB CYPRESS-CYP15G0401DXB Datasheet
4Mb / 53P
   Quad HOTLink II Transceiver
CYP15G0401DXA CYPRESS-CYP15G0401DXA Datasheet
1Mb / 48P
   Quad HOTLink II Transceiver
CYP15G0401DXB CYPRESS-CYP15G0401DXB_05 Datasheet
571Kb / 53P
   Quad HOTLink II??Transceiver
CYP15G0101DXB CYPRESS-CYP15G0101DXB_11 Datasheet
954Kb / 44P
   Single-channel HOTLink II Transceiver Compliant to multiple standards
CYP15G0403DXB CYPRESS-CYP15G0403DXB_11 Datasheet
605Kb / 48P
   Independent Clock Quad HOTLink II Transceiver Single 3.3V supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com