Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C4211-15AI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C4211-15AI
Description  64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4211-15AI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C4211-15AI Datasheet HTML 3Page - Cypress Semiconductor CY7C4211-15AI Datasheet HTML 4Page - Cypress Semiconductor CY7C4211-15AI Datasheet HTML 5Page - Cypress Semiconductor CY7C4211-15AI Datasheet HTML 6Page - Cypress Semiconductor CY7C4211-15AI Datasheet HTML 7Page - Cypress Semiconductor CY7C4211-15AI Datasheet HTML 8Page - Cypress Semiconductor CY7C4211-15AI Datasheet HTML 9Page - Cypress Semiconductor CY7C4211-15AI Datasheet HTML 10Page - Cypress Semiconductor CY7C4211-15AI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
CY7C4421/4201/4211/4221
CY7C4231/4241/4251
Document #: 38-06016 Rev. *A
Page 7 of 18
Electrical Characteristics Over the Operating Range[5]
Parameter
Description
Test Conditions
-10
-15
-25
Unit
Min.
Max.
Min.
Max.
Min.
Max.
VOH
Output HIGH Voltage
VCC = Min.,
IOH = –2.0 mA
2.4
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min.,
IOL = 8.0 mA
0.4
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
VCC
2.2
VCC
2.2
VCC
V
VIL
Input LOW Voltage
–3.0
0.8
–3.0
0.8
–3.0
0.8
V
IIX
Input Leakage
Current
VCC = Max.
–10
+10
–10
+10
–10
+10
µA
IOS
[6]
Output Short
Circuit Current
VCC = Max.,
VOUT = GND
–90
–90
–90
mA
IOZL
IOZH
Output OFF,
High-Z Current
OE > VIH,
VSS < VO < VCC
–10
+10
–10
+10
–10
+10
mA
ICC1
[7]
Active Power Supply
Current
Commercial
35
35
35
mA
Industrial
40
40
40
mA
ICC2
[8]
Average Standby
Current
Commercial
10
10
10
mA
Industrial
15
15
15
mA
Capacitance[9]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
5
pF
COUT
Output Capacitance
7
pF
AC Test Loads and Waveforms[10, 11]
3.0V
5V
OUTPUT
R1 1.1 K
R2
680
CL
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
≤ 3ns
≤ 3 ns
OUTPUT
1.91V
Equivalent to:
THÉVENIN EQUIVALENT
420
ALL INPUT PULSES
Switching Characteristics Over the Operating Range
Parameter
Description
-10
-15
-25
Unit
Min.
Max.
Min.
Max.
Min.
Max.
tS
Clock Cycle Frequency
100
66.7
40
MHz
tA
Data Access Time
2
8
2
10
2
15
ns
tCLK
Clock Cycle Time
10
15
25
ns
tCLKH
Clock HIGH Time
4.5
6
10
ns
tCLKL
Clock LOW Time
4.5
6
10
ns
tDS
Data Set-up Time
3
4
6
ns
Notes:
5.
See the last page of this specification for Group A subgroup testing information.
6.
Test no more than one output at a time for not more than one second.
7.
Outputs open. Tested at Frequency = 20 MHz.
8.
All inputs = VCC – 0.2V, except WCLK and RCLK, which are switching at 20 MHz.
9.
Tested initially and after any design or process changes that may affect these parameters.
10. CL = 30 pF for all AC parameters except for tOHZ.
11.
CL = 5 pF for tOHZ.


Similar Part No. - CY7C4211-15AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4211-15AI CYPRESS-CY7C4211-15AI Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
More results

Similar Description - CY7C4211-15AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V_05 Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V Datasheet
263Kb / 17P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CS211 AVERLOGIC-AL4CS211_1 Datasheet
35Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
AL4CE211 AVERLOGIC-AL4CE211 Datasheet
34Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205 Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CA01 AVERLOGIC-AL4CA01 Datasheet
74Kb / 2P
   512/ 1K/ 2K/ 4K/ 8K x 9 Asynchronous FIFOs
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
AL4CE205 AVERLOGIC-AL4CE205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4225V CYPRESS-CY7C4225V Datasheet
562Kb / 20P
   64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com