Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1387B-150BZC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1387B-150BZC
Description  512K x 36/1M x 18 Pipelined DCD SRAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1387B-150BZC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1387B-150BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1387B-150BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1387B-150BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1387B-150BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C1387B-150BZC Datasheet HTML 11Page - Cypress Semiconductor CY7C1387B-150BZC Datasheet HTML 12Page - Cypress Semiconductor CY7C1387B-150BZC Datasheet HTML 13Page - Cypress Semiconductor CY7C1387B-150BZC Datasheet HTML 14Page - Cypress Semiconductor CY7C1387B-150BZC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
CY7C1386B
CY7C1387B
Document #: 38-05195 Rev. **
Page 11 of 32
Notes:
5.
X = “Don't Care”, 1 = Logic HIGH, 0 = Logic LOW.
6.
The SRAM always initiates a Read cycle when ADSP asserted, regardless of the state of GW, BWE, or BWx. Writes may occur only on subsequent clocks after
the ADSP or with the assertion of ADSC. As a result, OE must be driven HIGH prior to the start of the Write cycle to allow the outputs to three-state. OE is a
“don't care” for the remainder of the Write cycle.
7.
OE is asynchronous and is not sampled with the clock rise. It is masked internally during Write cycles. During a Read cycle DQ = High-Z when OE is inactive
or when the device is deselected, and DQ = data when OE is active.
Write Cycle Descriptions[5,6,7]
Function (1386B)
GW
BWE
BWdBWcBWbBWa
Read
1
1
XX
XX
Read
10
11
11
Write Byte 0 - DQa
1
0
1
1
1
0
Write Byte 1- DQb
1
0
1
1
0
1
Write Bytes 1, 0
1
01
10
0
Write Byte 2 - DQc
1
0
1
0
1
1
Write Bytes 2, 0
1
01
01
0
Write Bytes 2, 1
1
01
00
1
Write Bytes 2, 1, 0
1
0
1
0
0
0
Write Byte 3 - DQd5
10
01
11
Write Bytes 3, 0
1
00
11
0
Write Bytes 3, 1
1
00
10
1
Write Bytes 3, 1, 0
1
0
0
1
0
0
Write Bytes 3, 2
1
00
01
1
Write Bytes 3, 2, 0
1
0
0
0
1
0
Write Bytes 3, 2, 1
1
0
0
0
0
1
Write All Bytes
1
0
0
0
0
0
Write All Bytes
0
X
X
X
X
X
Function (1387B)
GW
BWE
BWbBWa
Read
1
1
X
X
Read
1
0
1
1
Write Byte 0 - DQ[7:0] and DP0
10
1
0
Write Byte 1 - DQ[15:8] and DP1
10
0
1
Write All Bytes
1
0
0
0
Write All Bytes
0
X
X
X


Similar Part No. - CY7C1387B-150BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1387C CYPRESS-CY7C1387C Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1387C-167AC CYPRESS-CY7C1387C-167AC Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1387C-167AI CYPRESS-CY7C1387C-167AI Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1387C-167BGC CYPRESS-CY7C1387C-167BGC Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1387C-167BGI CYPRESS-CY7C1387C-167BGI Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1387B-150BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1386C CYPRESS-CY7C1386C Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386CV25 CYPRESS-CY7C1386CV25 Datasheet
547Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386DV25 CYPRESS-CY7C1386DV25 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380B CYPRESS-CY7C1380B Datasheet
841Kb / 34P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380D CYPRESS-CY7C1380D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380D CYPRESS-CY7C1380D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380C CYPRESS-CY7C1380C Datasheet
788Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25_04 Datasheet
510Kb / 33P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380DV25 CYPRESS-CY7C1380DV25 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com