Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1387B-200BZC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1387B-200BZC
Description  512K x 36/1M x 18 Pipelined DCD SRAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1387B-200BZC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1387B-200BZC Datasheet HTML 1Page - Cypress Semiconductor CY7C1387B-200BZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1387B-200BZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1387B-200BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1387B-200BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1387B-200BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1387B-200BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1387B-200BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1387B-200BZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
CY7C1386B
CY7C1387B
Document #: 38-05195 Rev. **
Page 3 of 32
Pin Configurations
A
NC
NC
VDDQ
VSSQ
NC
DPa
DQa
DQa
VSSQ
VDDQ
DQa
DQa
VSS
NC
VDD
ZZ
DQa
DQa
VDDQ
VSSQ
DQa
DQa
NC
NC
VSSQ
VDDQ
NC
NC
NC
NC
NC
NC
VDDQ
VSSQ
NC
NC
DQb
DQb
VSSQ
VDDQ
DQb
DQb
VDD
NC
VSS
DQb
DQb
VDDQ
VSSQ
DQb
DQb
DPb
NC
VSSQ
VDDQ
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
CY7C1387B
(1M × 18)
NC
DQPb
DQb
DQb
VDDQ
VSSQ
DQb
DQb
DQb
DQb
VSSQ
VDDQ
DQb
DQb
VSS
NC
VDD
ZZ
DQa
DQa
VDDQ
VSSQ
DQa
DQa
DQa
DQa
VSSQ
VDDQ
DQa
DQa
DQPa
DQPc
DQc
DQc
VDDQ
VSSQ
DQc
DQc
DQc
DQc
VSSQ
VDDQ
DQc
DQc
VDD
NC
VSS
DQd
DQd
VDDQ
VSSQ
DQd
DQd
DQd
DQd
VSSQ
VDDQ
DQd
DQd
DQPd
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
CY7C1386B
(512K × 36)
NC
100-Pin TQFP
(Top View)


Similar Part No. - CY7C1387B-200BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1387C CYPRESS-CY7C1387C Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1387C-167AC CYPRESS-CY7C1387C-167AC Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1387C-167AI CYPRESS-CY7C1387C-167AI Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1387C-167BGC CYPRESS-CY7C1387C-167BGC Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1387C-167BGI CYPRESS-CY7C1387C-167BGI Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1387B-200BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1386C CYPRESS-CY7C1386C Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386CV25 CYPRESS-CY7C1386CV25 Datasheet
547Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386DV25 CYPRESS-CY7C1386DV25 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380B CYPRESS-CY7C1380B Datasheet
841Kb / 34P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380D CYPRESS-CY7C1380D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380D CYPRESS-CY7C1380D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380C CYPRESS-CY7C1380C Datasheet
788Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25_04 Datasheet
510Kb / 33P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380DV25 CYPRESS-CY7C1380DV25 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com