Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPF05N03LAG Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPF05N03LAG
Description  OptiMOS짰2 Power-Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPF05N03LAG Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPF05N03LAG Datasheet HTML 1Page - Infineon Technologies AG IPF05N03LAG Datasheet HTML 2Page - Infineon Technologies AG IPF05N03LAG Datasheet HTML 3Page - Infineon Technologies AG IPF05N03LAG Datasheet HTML 4Page - Infineon Technologies AG IPF05N03LAG Datasheet HTML 5Page - Infineon Technologies AG IPF05N03LAG Datasheet HTML 6Page - Infineon Technologies AG IPF05N03LAG Datasheet HTML 7Page - Infineon Technologies AG IPF05N03LAG Datasheet HTML 8Page - Infineon Technologies AG IPF05N03LAG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
IPD05N03LA G
IPF05N03LA G
IPS05N03LA G
IPU05N03LA G
OptiMOS®2 Power-Transistor
Features
• Ideal for high-frequency dc/dc converters
• Qualified according to JEDEC
1) for target application
• N-channel, logic level
• Excellent gate charge x R DS(on) product (FOM)
• Superior thermal resistance
• 175 °C operating temperature
• Pb-free lead plating; RoHS compliant
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
T C=25 °C
2)
50
A
T C=100 °C
50
Pulsed drain current
I D,pulse
T C=25 °C
3)
350
Avalanche energy, single pulse
E AS
I D=45 A, R GS=25 Ω
300
mJ
Reverse diode dv /dt
dv /dt
I D=50 A, V DS=20 V,
di /dt =200 A/µs,
T j,max=175 °C
6
kV/µs
Gate source voltage
4)
V GS
±20
V
Power dissipation
P tot
T C=25 °C
94
W
Operating and storage temperature
T j, T stg
-55 ... 175
°C
IEC climatic category; DIN IEC 68-1
55/175/56
Value
V DS
25
V
R DS(on),max (SMD version)
5.1
m
I D
50
A
Product Summary
Type
Package
Ordering Code
Marking
IPD05N03LA
P-TO252-3-11
Q67042-S4144
05N03LA
IPF05N03LA
P-TO252-3-23
Q67042-S
05N03LA
IPS05N03LA
P-TO251-3-11
Q67042-S
05N03LA
IPU05N03LA
P-TO251-3-21
Q67042-S4230
05N03LA
Type
IPD05N03LA
IPF05N03LA
IPS05N03LA
IPU05N03LA
Package
P-TO252-3-11
P-TO252-3-23
P-TO251-3-11
P-TO251-3-1
Marking
05N03LA
05N03LA
05N03LA
05N03LA
Rev. 2.0
page 1
2006-05-11


Similar Part No. - IPF05N03LAG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPF05N03LA INFINEON-IPF05N03LA Datasheet
434Kb / 11P
   OptiMOS 2 Power-Transistor
2004-05-19
More results

Similar Description - IPF05N03LAG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB03N03LB INFINEON-IPB03N03LB Datasheet
282Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
IPB14N03LAG INFINEON-IPB14N03LAG Datasheet
280Kb / 10P
   OptiMOS짰2 Power-Transistor
Rev. 1.7 2006-05-11
IPP03N03LB INFINEON-IPP03N03LB Datasheet
341Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.93 2006-05-10
IPP26CN10N INFINEON-IPP26CN10N Datasheet
711Kb / 13P
   OptiMOS짰2 Power-Transistor
Rev. 1.01 2006-06-02
IPP35CN10N INFINEON-IPP35CN10N Datasheet
708Kb / 13P
   OptiMOS짰2 Power-Transistor
Rev.1.02 2006-06-02
IPD04N03LBG INFINEON-IPD04N03LBG Datasheet
417Kb / 12P
   OptiMOS짰2 Power-Transistor
Rev. 1.5 2006-05-11
BSC020N025SG INFINEON-BSC020N025SG Datasheet
354Kb / 10P
   OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
BSC085N025S INFINEON-BSC085N025S Datasheet
371Kb / 10P
   OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
IPB04N03LB INFINEON-IPB04N03LB Datasheet
283Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
IPB06N03LB INFINEON-IPB06N03LB Datasheet
279Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.93 2006-05-10
IPB13N03LB INFINEON-IPB13N03LB Datasheet
280Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.93 2006-05-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com