Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1386B-167BZC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1386B-167BZC
Description  512K x 36/1M x 18 Pipelined DCD SRAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1386B-167BZC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1386B-167BZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1386B-167BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1386B-167BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1386B-167BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1386B-167BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1386B-167BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1386B-167BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1386B-167BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C1386B-167BZC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
CY7C1386B
CY7C1387B
Document #: 38-05195 Rev. **
Page 7 of 32
TDO
JTAG serial output
synchronous
Serial data-out to the JTAG circuit. Delivers data on the negative edge of
TCK (BGA only).
TDI
JTAG serial input
synchronous
Serial data-in to the JTAG circuit. Sampled on the rising edge of TCK (BGA
only).
TMS
Test Mode Select
synchronous
This pin controls the Test Access Port (TAP) state machine. Sampled on the
rising edge of TCK (BGA only).
TCK
JTAG serial
clock
Serial clock to the JTAG circuit (BGA only).
VDD
Power supply
Power supply inputs to the core of the device. Should be connected to
3.3V –5% +10% power supply.
VSS
Ground
Ground for the core of the device. Should be connected to ground of the
system.
VDDQ
I/O Power
Supply
Power supply for the I/O circuitry. Should be connected to a 2.5V –5% or
a 3.3V –5% +10% power supply (see page 20).
VSSQ
I/O Ground
Ground for the I/O circuitry. Should be connected to ground of the system.
NC
No connects. Pins are not internally connected.
32M
64M
128M
No connects. Reserved for address expansion. Pins are not internally
connected.
Pin Definitions
Name
I/O
Description


Similar Part No. - CY7C1386B-167BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1386C CYPRESS-CY7C1386C Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386C-167AC CYPRESS-CY7C1386C-167AC Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386C-167AI CYPRESS-CY7C1386C-167AI Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386C-167BG CYPRESS-CY7C1386C-167BG Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386C-167BGC CYPRESS-CY7C1386C-167BGC Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1386B-167BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1386C CYPRESS-CY7C1386C Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386CV25 CYPRESS-CY7C1386CV25 Datasheet
547Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386DV25 CYPRESS-CY7C1386DV25 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380B CYPRESS-CY7C1380B Datasheet
841Kb / 34P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380D CYPRESS-CY7C1380D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380D CYPRESS-CY7C1380D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380C CYPRESS-CY7C1380C Datasheet
788Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25_04 Datasheet
510Kb / 33P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380DV25 CYPRESS-CY7C1380DV25 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com