Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C09169AV-12AC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C09169AV-12AC
Description  3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09169AV-12AC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C09169AV-12AC Datasheet HTML 1Page - Cypress Semiconductor CY7C09169AV-12AC Datasheet HTML 2Page - Cypress Semiconductor CY7C09169AV-12AC Datasheet HTML 3Page - Cypress Semiconductor CY7C09169AV-12AC Datasheet HTML 4Page - Cypress Semiconductor CY7C09169AV-12AC Datasheet HTML 5Page - Cypress Semiconductor CY7C09169AV-12AC Datasheet HTML 6Page - Cypress Semiconductor CY7C09169AV-12AC Datasheet HTML 7Page - Cypress Semiconductor CY7C09169AV-12AC Datasheet HTML 8Page - Cypress Semiconductor CY7C09169AV-12AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
CY7C09159AV
CY7C09169AV
Document #: 38-06053 Rev. **
Page 3 of 17
Pin Configuration
Note:
3.
This pin is NC for CY7C09159AV.
Selection Guide
CY7C09159AV
CY7C09169AV
-9
CY7C09159AV
CY7C09169AV
-12
fMAX2 (MHz) (Pipelined)
67
50
Max Access Time (ns) (Clock to Data, Pipelined)
9
12
Typical Operating Current ICC (mA)
135
115
Typical Standby Current for ISB1 (mA) (Both Ports TTL Level)
20
20
Typical Standby Current for ISB3 (µA) (Both Ports CMOS Level)
10
µA10 µA
1
3
2
92 91 90
84
85
87 86
88
89
83 82 81
76
78 77
79
80
93
94
95
96
97
98
99
100
59
60
61
67
66
64
65
63
62
68
69
70
75
73
74
72
71
NC
NC
A7R
A8R
A9R
A10R
NC
A12R
NC
GND
NC
NC
CE0R
A13R
A11R
NC
NC
CE1R
CNTRSTR
R/WR
OER
FT/PIPER
GND
NC
NC
58
57
56
55
54
53
52
51
CY7C09159AV (8K x 9)
NC
NC
A7L
A8L
A9L
A10L
NC
A12L
NC
VCC
NC
NC
CE0L
A13L
A11L
NC
NC
CE1L
CNTRSTL
R/WL
OEL
FT/PIPEL
NC
NC
NC
17
16
15
9
10
12
11
13
14
8
7
6
4
5
18
19
20
21
22
23
24
25
34 35 36
42
41
39 40
38
37
43 44 45
50
48 49
47
46
33
32
31
30
29
28
27
26
CY7C09169AV (16K x 9)
100-Pin TQFP
(Top View)
[3]
[3]


Similar Part No. - CY7C09169AV-12AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09169AV-12AC CYPRESS-CY7C09169AV-12AC Datasheet
499Kb / 16P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
More results

Similar Description - CY7C09169AV-12AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09159AV CYPRESS-CY7C09159AV_05 Datasheet
499Kb / 16P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CY7C09159A CYPRESS-CY7C09159A Datasheet
324Kb / 17P
   8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C09159 CYPRESS-CY7C09159 Datasheet
452Kb / 15P
   8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C144AV CYPRESS-CY7C144AV Datasheet
592Kb / 21P
   3.3V 8K/16K x 8 Dual-Port Static RAM
CY7C138AV CYPRESS-CY7C138AV Datasheet
544Kb / 20P
   3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_09 Datasheet
475Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024V CYPRESS-CY7C024V Datasheet
248Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_05 Datasheet
247Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV Datasheet
241Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C09349AV CYPRESS-CY7C09349AV Datasheet
321Kb / 16P
   3.3V 4K/8K x 18 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com