Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C4425-15AC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C4425-15AC
Description  64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4425-15AC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C4425-15AC Datasheet HTML 1Page - Cypress Semiconductor CY7C4425-15AC Datasheet HTML 2Page - Cypress Semiconductor CY7C4425-15AC Datasheet HTML 3Page - Cypress Semiconductor CY7C4425-15AC Datasheet HTML 4Page - Cypress Semiconductor CY7C4425-15AC Datasheet HTML 5Page - Cypress Semiconductor CY7C4425-15AC Datasheet HTML 6Page - Cypress Semiconductor CY7C4425-15AC Datasheet HTML 7Page - Cypress Semiconductor CY7C4425-15AC Datasheet HTML 8Page - Cypress Semiconductor CY7C4425-15AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
CY7C4425/4205/4215
CY7C4225/4235/4245
4
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature
....................................−65
°C to +150°C
Ambient Temperature with
Power Applied
.................................................−55
°C to +125°C
Supply Voltage to Ground Potential
.................−0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State
.....................................................−0.5V to +7.0V
DC Input Voltage
.................................................−3.0V to +7.0V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage ........................................... >2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current ..................................................... >200 mA
RXI
Read Expansion
Input
I
Cascaded - Connected to RXO of previous device.
Not Cascaded - Tied to VSS.
RXO
Read Expansion
Output
O
Cascaded - Connected to RXI of next device.
RS
Reset
I
Resets device to empty condition. A reset is required before an initial read or write
operation after power-up.
OE
Output Enable
I
When OE is LOW, the FIFO’s data outputs drive the bus to which they are con-
nected. If OE is HIGH, the FIFO’s outputs are in High Z (high-impedance) state.
VCC/SMODE Synchronous
Almost Empty/
Almost Full Flags
I
Dual-Mode Pin
Asynchronous Almost Empty/Almost Full flags - tied to VCC.
Synchronous Almost Empty/Almost Full flags - tied to VSS.
(Almost Empty synchronized to RCLK, Almost Full synchronized to WCLK.)
Pin Definitions (continued)
Signal Name
Description
I/O
Function
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to +70°C
5V
± 10%
Industrial[1]
−40
°C to +85°C
5V
± 10%
Electrical Characteristics Over the Operating Range[2]
Parameter
Description
Test Conditions
7C42X5-10
7C42X5-15
7C42X5-25
7C42X5-35
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min.,
IOH = −2.0 mA
2.4
2.4
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min.,
IOL = 8.0 mA
0.4
0.4
0.4
0.4
V
VIH
[3]
Input HIGH Voltage
2.2
VCC
2.2
VCC
2.2
VCC
2.2
VCC
V
VIL
[3]
Input LOW Voltage
−3.0
0.8
−3.0
0.8
−3.0
0.8
−3.0
0.8
V
IIX
Input Leakage
Current
VCC = Max.
−10
+10
−10
+10
−10
+10
−10
+10
µA
IOS
[4]
Output Short
Circuit Current
VCC = Max.,
VOUT = GND
−90
−90
−90
−90
mA
IOZL
IOZH
Output OFF,
High Z Current
OE > VIH,
VSS < VO < VCC
−10
+10
−10
+10
−10
+10
−10
+10
µA
ICC2
[5]
Operating Current
VCC = Max.,
IOUT = 0 mA
Com’l
45
45
45
45
mA
Ind
50
50
50
50
mA
ISB
[6]
Standby Current
VCC = Max.,
IOUT = 0 mA
Com’l
10
10
10
10
mA
Ind
15
15
15
15
mA
Notes:
1.
TA is the “instant on” case temperature.
2.
See the last page of this specification for Group A subgroup testing information.
3.
The VIH and VIL specifications apply for all inputs except WXI, RXI. The WXI, RXI pin is not a TTL input. It is connected to either RXO, WXO of the
previous device or VSS.
4.
Test no more than one output at a time for not more than one second.
5.
Input signals switch from 0V to 3V with a rise/fall time less than 3 ns, clocks and clock enables switch at 20 MHz, while the data inputs switch at 10 MHz.
Outputs are unloaded.
6.
All input signals are connected to VCC. All outputs are unloaded.


Similar Part No. - CY7C4425-15AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4425V CYPRESS-CY7C4425V Datasheet
562Kb / 20P
   64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs
CY7C4425V-15ASC CYPRESS-CY7C4425V-15ASC Datasheet
562Kb / 20P
   64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs
CY7C4425V-25ASC CYPRESS-CY7C4425V-25ASC Datasheet
562Kb / 20P
   64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs
CY7C4425V-35ASC CYPRESS-CY7C4425V-35ASC Datasheet
562Kb / 20P
   64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs
More results

Similar Description - CY7C4425-15AC

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
AL4CE205 AVERLOGIC-AL4CE205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4205 CYPRESS-CY7C4205_11 Datasheet
689Kb / 25P
   256/512/1K/4K x 18 Synchronous FIFOs
CY7C4225V CYPRESS-CY7C4225V Datasheet
562Kb / 20P
   64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V_05 Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V Datasheet
263Kb / 17P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CS211 AVERLOGIC-AL4CS211_1 Datasheet
35Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
AL4CE211 AVERLOGIC-AL4CE211 Datasheet
34Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com